Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41858C3828M000 Datasheet(PDF) 11 Page - EPCOS

Part # B41858C3828M000
Description  Aluminum electrolytic capacitors
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41858C3828M000 Datasheet(HTML) 11 Page - EPCOS

Back Button B41858C3828M000 Datasheet HTML 7Page - EPCOS B41858C3828M000 Datasheet HTML 8Page - EPCOS B41858C3828M000 Datasheet HTML 9Page - EPCOS B41858C3828M000 Datasheet HTML 10Page - EPCOS B41858C3828M000 Datasheet HTML 11Page - EPCOS B41858C3828M000 Datasheet HTML 12Page - EPCOS B41858C3828M000 Datasheet HTML 13Page - EPCOS B41858C3828M000 Datasheet HTML 14Page - EPCOS B41858C3828M000 Datasheet HTML 15Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
Technical data and ordering codes
CR
120 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRmax
10 kHz
40
°C
ESRmax
120 Hz
20
°C
ESRmax
10 kHz
20
°C
Zmax
100 kHz
20
°C
IAC,R
100 kHz
105
°C
mA
IAC,max
100 kHz
85
°C
mA
Ordering code
(composition see
below)
Composition of ordering code
*** = Version
000 = for standard leads, bulk
001 = for kinked leads, bulk (from d
× l = 10 × 20 mm to 18 × 40 mm, excluding 12.5 × 30/40 mm)
002 = for cut leads, bulk (for
∅ ≥ 10 mm, excluding d × l = 12.5 × 30/40 mm)
003 = for crimped leads, blister (from d
× l = 16 × 20 mm to 18 × 40 mm)
004 = for J leads, blister (from d
× l = 10 × 12.5 mm to 18 × 35 mm, excluding 12.5 × 30/40 mm)
008 = for taped leads, Ammo pack, lead spacing F = 5.0 mm (from d
× l = 8 × 11.5 mm to 12.5 × 25 mm)
009 = for taped leads, Ammo pack, lead spacing F = 7.5 mm (from d
× l = 16 × 20 mm to 18 × 31.5 mm)
012 = for bent 90
° leads, blister (for ∅ 16 and 18 mm)
VR = 50 V DC
82
8
× 11.5
5.168 1.540
0.646
0.573
340
510
B41858C6826M***
100
8
× 11.5
5.168 1.263
0.646
0.573
340
510
B41858C6107M***
120
10
× 12.5
2.984 1.053
0.373
0.336
555
833
B41858C6127M***
150
10
× 12.5
2.984 0.842
0.373
0.336
555
833
B41858C6157M***
180
10
× 16
1.400 0.702
0.175
0.160
778
1167
B41858C6187M***
220
10
× 16
1.400 0.574
0.175
0.160
778
1167
B41858C6227M***
330
10
× 20
1.000 0.383
0.125
0.118
1030
1545
B41858C6337M***
470
12.5
× 20
0.880 0.269
0.110
0.104
1300
1950
B41858C6477M***
560
12.5
× 25
0.712 0.226
0.089
0.082
1490
2235
B41858C6567M***
680
12.5
× 30
0.360 0.186
0.045
0.043
2140
3210
B41858C6687M***
820
12.5
× 40
0.269 0.154
0.034
0.032
2799
4199
B41858C6827M***
820
16
× 20
0.401 0.154
0.050
0.046
1820
2730
B41858D6827M***
1000
16
× 31.5
0.260 0.126
0.032
0.030
2653
3980
B41858C6108M***
1000
18
× 20
0.477 0.126
0.048
0.044
1997
2995
B41858D6108M***
1200
18
× 20
0.384 0.105
0.048
0.044
1997
2996
B41858C6128M***
1500
18
× 25
0.382 0.084
0.038
0.036
2417
3626
B41858C6158M***
1800
18
× 31.5
0.300 0.070
0.030
0.028
2989
4483
B41858C6188M***
2200
18
× 35
0.268 0.069
0.027
0.024
3320
4980
B41858C6228M***
2700
18
× 40
0.210 0.065
0.021
0.020
3871
5807
B41858C6278M***
B41858
Low impedance
105
°C
Page 11 of 33
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41858C3828M000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B41858C3828M000 TDK-B41858C3828M000 Datasheet
49Kb / 2P
   Single Ended (Radial) Capacitors
More results

Similar Description - B41858C3828M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com