Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMT1-.3-15L Datasheet(PDF) 3 Page - Coilcraft lnc.

Part # CMT1-.3-15L
Description  Common Mode Line Chokes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

CMT1-.3-15L Datasheet(HTML) 3 Page - Coilcraft lnc.

  CMT1-.3-15L Datasheet HTML 1Page - Coilcraft lnc. CMT1-.3-15L Datasheet HTML 2Page - Coilcraft lnc. CMT1-.3-15L Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© Coilcraft, Inc. 2009
Common Mode Line Chokes – CMT Series
Specifications subject to change without notice.
Please check our website for latest information.
CMT-4 Series
Leakage
Lead
PC board
Part
L min1
Irms
inductance2 DCR max
H
L
W
X
Y
diameter
hole
number
(mH)
(A)
max (µH)
(Ohms)
max
max
max
±0.01/0,25 ±0.01/0,25
nom
diameter
CMT4-72-1L
72.0
1.0
1400
1.150
2.100/53,3 2.100/53,3
1.130/28,7
1.50/38,1
0.90/22,9
0.054/1,37
0.091/2,32
CMT4-125-1L
125.0
1.0
1400
1.150
2.200/55,9 2.150/54,6
1.130/28,7
1.50/38,1
0.90/22,9
0.054/1,37
0.091/2,32
CMT4-36-2L
36.0
2.0
680
0.415
2.215/56,3 2.150/54,6
1.130/28,7
1.50/38,1
0.90/22,9
0.054/1,37
0.091/2,32
CMT4-62-2L
62.0
2.0
750
0.415
2.200/55,9 2.150/54,6
1.130/28,7
1.50/38,1
0.90/22,9
0.054/1,37
0.091/2,32
CMT4-19-4L
19.0
4.0
350
0.150
2.200/55,9 2.180/55,4
1.130/28,7
1.50/38,1
0.90/22,9
0.054/1,37
0.091/2,32
CMT4-32-4L
32.0
4.0
370
0.158
2.200/55,9 2.180/55,4
1.130/28,7
1.50/38,1
0.90/22,9
0.054/1,37
0.091/2,32
CMT4-15-6L
15.0
6.0
275
0.114
2.200/55,9 2.180/55,4
1.130/28,7
1.50/38,1
0.90/22,9
0.054/1,37
0.091/2,32
CMT4-26-6L
26.0
6.0
320
0.115
2.225/56,5 2.180/55,4
1.130/28,7
1.50/38,1
0.90/22,9
0.054/1,37
0.091/2,32
CMT4-10-9L
10.0
9.0
190
0.057
2.200/55,9 2.180/55,4
1.130/28,7
1.50/38,1
0.90/22,9
0.042/1,07
0.071/1,80
CMT4-17-9L
17.0
9.0
220
0.062
2.280/47,9 2.250/57,2
1.150/29,2
1.50/38,1
0.90/22,9
0.042/1,07
0.071/1,80
CMT4-7.5-12L
7.5
12.0
140
0.042
2.200/55,9 2.250/57,2
1.130/28,7
1.50/38,1
0.90/22,9
0.048/1,22
0.081/2,06
CMT4-13-12L
13.0
12.0
155
0.043
2.250/57,2 2.300/58,4
1.130/28,7
1.50/38,1
0.90/22,9
0.048/1,22
0.081/2,06
CMT4-6-15L
6.0
15.0
111
0.030
2.250/57,2 2.250/57,2
1.150/29,2
1.50/38,1
0.90/22,9
0.054/1,37
0.091/2,32
CMT4-10-15L
10.0
15.0
122
0.029
2.280/57,9 2.300/58,4
1.130/28,7
1.50/38,1
0.90/22,9
0.054/1,37
0.091/2,32
1. Inductance is per winding, tested at 15.75 kHz, 0 Adc.
2. Leakage inductance is measured from pin 1 to pin 4 with pins 2 and 3 shorted.
3. Operating temperature range –40°C to +85°C.
4. Electrical specifications at 25°C.
W max
23
1
L max
2
0.120/0.180
3,05/4,57
0.118
3,00
H max
1
Recommended
Board Layout
2
3
X
Y
4
Schematic
1
2
3
4
CMT-X-X.X-XL
CCI XXXX
CC–3 X
Document 326-3
Document 326-3
Revised 08/20/08
Weights:
CMT1: 13.3 – 25.5 g;
CMT2: 20.7– 41.7 g;
CMT3: 42.5 – 74.9 g;
CMT4: 115 – 117 g
Terminations: Tin-silver over copper


Similar Part No. - CMT1-.3-15L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
CMT1-.3-15L COILCRAFT-CMT1-.3-15L Datasheet
125Kb / 5P
   Common Mode Line Chokes
More results

Similar Description - CMT1-.3-15L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
E3490-AL COILCRAFT-E3490-AL_13 Datasheet
276Kb / 2P
   Common Mode Line Chokes
CMT1-5.0-1L COILCRAFT-CMT1-5.0-1L_13 Datasheet
125Kb / 5P
   Common Mode Line Chokes
E3490-AL COILCRAFT-E3490-AL Datasheet
110Kb / 2P
   Common Mode Line Chokes
P3213-AL COILCRAFT-P3213-AL Datasheet
139Kb / 3P
   Common Mode Line Chokes
F5585-AL COILCRAFT-F5585-AL Datasheet
97Kb / 2P
   Common Mode Line Chokes
F5585-AL COILCRAFT-F5585-AL_13 Datasheet
222Kb / 2P
   Common Mode Line Chokes
P3224-AL COILCRAFT-P3224-AL Datasheet
331Kb / 3P
   Common Mode Line Chokes
logo
Premier Magnetics, Inc.
PM-OM01 PMI-PM-OM01 Datasheet
159Kb / 5P
   COMMON MODE LINE CHOKES
logo
Bel Fuse Inc.
0571-0303-00 BEL-0571-0303-00 Datasheet
41Kb / 1P
   POWER LINE CHOKES COMMON MODE CHOKES
logo
Premier Magnetics, Inc.
PM-SF01 PMI-PM-SF01 Datasheet
65Kb / 5P
   SIGNAL LINE FILTERS COMMON MODE CHOKES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com