Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS2019 Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # TS2019
Description  10/100 BASE-TX VOICE OVER IP MAGNETICS MODULES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

TS2019 Datasheet(HTML) 1 Page - Bothhand USA, LP.

  TS2019 Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhandusa.com
10/100 BASE-TX VOICE OVER IP MAGNETICS MODULES
P/N: TS2019 DATA SHEET
Page : 1/1
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
A3(02/10)
Feature
IEEE 802.3/ANSI X3.263 compliant performance.
350mA current capability.
Designed to for IP phone or switch applications.
Compact footprint.
Operation temperature: 0
°C to +70°C.
Storage temperature range: -25°C to +125°C.
Electrical Specifications @ 25°C
Cross talk (dB Min)
Part
Number
Turns Ratio(±5%)
TX/RX
OCL (uH Min) @ 100KHz/0.1V
with 8mA Bias
0.3-60MHz
60-100 MHz
HI-POT
(Vrms)
TS2019
1CT:1CT
350
-45
-35
1500
Continue
Insertion Loss
(dB Max)
Return Loss
(dB Min)@100Ω
DCMR
(dB Min)
Part
Number
0.3-100 MHz
1-30MHz
40MHz
50MHz
60-80MHz
30MHz
60MHz
100MHz
TS2019
-1.2
-16
-14
-13
-12
-40
-35
-30
Schematic
Mechanical


Similar Part No. - TS2019

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
TS2019LF BOTHHAND-TS2019LF Datasheet
322Kb / 1P
   10/100 BASE-TX VOICE OVER IP MAGNETICS MODULES
TS2019M BOTHHAND-TS2019M Datasheet
195Kb / 1P
   10/100 BASE-TX VOICE OVER IP MAGNETICS MODULES
More results

Similar Description - TS2019

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
TS2019M BOTHHAND-TS2019M Datasheet
195Kb / 1P
   10/100 BASE-TX VOICE OVER IP MAGNETICS MODULES
TS8019MLF BOTHHAND-TS8019MLF Datasheet
67Kb / 1P
   10/100 BASE-TX VOICE OVER IP MAGNETICS MODULES
TS2019LF BOTHHAND-TS2019LF Datasheet
322Kb / 1P
   10/100 BASE-TX VOICE OVER IP MAGNETICS MODULES
logo
Broadcom Corporation.
VP8019M BOARDCOM-VP8019M Datasheet
281Kb / 2P
   10/100 BASE-TX VOICE OVER IP MAGNETICS MODULES
logo
Bothhand USA, LP.
TS8019 BOTHHAND-TS8019 Datasheet
248Kb / 2P
   10/100 BASE-TX VOICE OVER IP MAGNETICS MODULES
TS8019LF BOTHHAND-TS8019LF Datasheet
78Kb / 2P
   10/100 BASE-TX VOICE OVER IP MAGNETICS MODULES
VP2017A BOTHHAND-VP2017A Datasheet
331Kb / 2P
   10/100 BASE-TX VOICE OVER IP MAGNETICS
VP2019XLF BOTHHAND-VP2019XLF Datasheet
319Kb / 1P
   10/100 BASE-TX VOICE OVER IP MAGNETICS
VP2006B BOTHHAND-VP2006B Datasheet
332Kb / 1P
   10/100 BASE-TX VOICE OVER IP MAGNETICS
VP2008 BOTHHAND-VP2008 Datasheet
301Kb / 1P
   10/100 BASE-TX VOICE OVER IP MAGNETICS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com