Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA2421-AL Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # DA2421-AL
Description  PoE Transformers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

DA2421-AL Datasheet(HTML) 1 Page - Coilcraft lnc.

  DA2421-AL Datasheet HTML 1Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© Coilcraft, Inc. 2008
Specifications subject to change without notice.
Please check our website for latest information.
PoE Transformers
Document 544
Document 544
Revised 09/11/06
For ST Microelectronics
STE12PS PSE Power Controller
1. When ordering, please specify a packaging code:
DA2420-AL
D
Packaging: D =13
″ machine ready reel. EIA-481 embossed plastic
tape (175 per full reel).
B = Less than full reel. In tape, but not machine ready. To
have a leader and trailer added ($25 charge), use
code letter D instead.
These surface mount flyback transformers were devel-
oped specifically for the ST Microelectronics STE12PS
12-Channel PSE Power Control Device.
They are designed to work with a 3.3 V input to provide
a 12 V output. Isolation is 500 Vdc from each primary
winding to the secondary winding.
Coilcraft can also design custom transformers with
voltage, inductance and DCR values to meet your
specific requirements.
For free evaluation samples, contact Coilcraft or order
them on-line at www.coilcraft.com.
2. Inductance is for the primary, measured at 100 kHz, 0.1 Vrms, 0 Adc.
3.
Ipk is the peak current drawn at minimum input voltage.
4. Leakage inductance measured on the primary windings with all
secondary pins shorted.
5. Turns ratio is with the primary windings connected in parallel.
6. Operating temperature range –40°C to +125°C.
7. Electrical specifications at 25°C.
Weight:
14.1 – 14.6 g
Terminations:
Tin-silver over tin over nickel over phos bronze
Tape and reel:
175/13
″ reel, 44 mm tape width
For packaging data see Tape and Reel Specifications section.
Part
L at 0 A2
L at Ipk3
DCR max (Ohms)
Leakage L
Turns ratio5
Ipk3
number1
±10% (µH)
min (µH)
1-5
2-6
12-7
max (µH)4
pri : sec
(A)
Output
DA2420-AL_
330
297
0.756
0.886
5.920
6.00
1 : 2
2.0
12 V, 100 mA
DA2421-AL_
330
297
0.803
0.984
14.145
4.83
1 : 3
2.0
12 V, 100 mA
12
7
Sec
1
2
5
6
Pri
0.130
3,30
0.050
1,27
1
0.450
11,43
0.080
2,03
1.181
30,00
0.827
21,00
0.810
20,57
0.969
24,60
0.930
23,62
0.028
0,711
0.118
3,0
0.118
3,0
max
Dot indicates pin 1
max
max
112
6
7
Recommended
Land Pattern
0.004 /0,10
DA242X-AL
Primary windings to be
connected in parallel on
the PC board.


Similar Part No. - DA2421-AL

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DA2421-AL_ COILCRAFT-DA2421-AL_ Datasheet
106Kb / 1P
   PoE Transformers
More results

Similar Description - DA2421-AL

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NLTM NIC-NLTM Datasheet
123Kb / 3P
   POE Transformers
logo
Coilcraft lnc.
FA2671-AL COILCRAFT-FA2671-AL Datasheet
191Kb / 1P
   PoE Transformers
DA2420 COILCRAFT-DA2420_13 Datasheet
106Kb / 1P
   PoE Transformers
POE300F-33L COILCRAFT-POE300F-33L Datasheet
205Kb / 2P
   PoE Plus Transformers
POE60F-18L COILCRAFT-POE60F-18L_13 Datasheet
156Kb / 2P
   Flyback Transformers for PoE
POE60F-18L COILCRAFT-POE60F-18L Datasheet
202Kb / 2P
   Flyback Transformers for PoE
POE600F COILCRAFT-POE600F_15 Datasheet
414Kb / 2P
   60 W PoE Transformers
logo
Central Technologies
CTPTF CT-CTPTF Datasheet
554Kb / 3P
   SMD PoE Power Transformers
logo
Bourns Electronic Solut...
POE-FD BOURNS-POE-FD Datasheet
1Mb / 6P
   POE-FD Series - PoE DC/DC Transformers
Mar 31, 2015
POE-EP BOURNS-POE-EP Datasheet
1,007Kb / 8P
   POE-EP & POE-PD Series - PoE DC/DC Transformers
Mar 31, 2015
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com