Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD-3100-N Datasheet(PDF) 2 Page - Optoway Technology Inc

Part # PD-3100-N
Description  InGaAs PIN PHOTODIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

PD-3100-N Datasheet(HTML) 2 Page - Optoway Technology Inc

  PD-3100-N Datasheet HTML 1Page - Optoway Technology Inc PD-3100-N Datasheet HTML 2Page - Optoway Technology Inc PD-3100-N Datasheet HTML 3Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Optoway
PD-1100
****************************************************************************************************************************************************************
***************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC.
No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
4/9/2009 V2.0
MECHANICAL DIMENSION (mm) and PIN ASSIGNMENT
Note: 1. Specifications subject to change without notice.
2. Other PIN assignment is available upon request.
ORDER INFORMATION
Part No.: P
D
− 1
1
0
− □
Code
Wavelength
Code
Diameter
Code
Package
1
1310 / 1550 nm
Blank
75
μm
Blank
Flat Window Cap
3
1310 nm
100
100
μm
N
Ball Lens Cap
5
1550 nm
150
150
μm
Code
Package
0
Ball Lens Cap
5
Flat Window Cap
PD(-)
CASE
PD(+)
PHOTOSENSITIVE
SURFACE
PD(-)
CASE
PD(+)
PHOTOSENSITIVE
SURFACE
Focal Plane
Basic Plane


Similar Part No. - PD-3100-N

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
PD-3100-N OPTOWAY-PD-3100-N Datasheet
129Kb / 3P
   1.3 關m WDM PIN PHOTODIODES
More results

Similar Description - PD-3100-N

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G12183 HAMAMATSU-G12183_15 Datasheet
353Kb / 6P
   InGaAs PIN photodiodes
G11193 HAMAMATSU-G11193_15 Datasheet
200Kb / 4P
   InGaAs PIN photodiodes
G12181 HAMAMATSU-G12181_15 Datasheet
312Kb / 6P
   InGaAs PIN photodiodes
G12180 HAMAMATSU-G12180_15 Datasheet
287Kb / 8P
   InGaAs PIN photodiodes
G8605 HAMAMATSU-G8605_15 Datasheet
193Kb / 5P
   InGaAs PIN photodiodes
logo
Unity Opto Technology
MCD-3P4C-312 UOT-MCD-3P4C-312 Datasheet
69Kb / 2P
   InGaAs PIN PHOTODIODES
logo
Hamamatsu Corporation
G12180-003A HAMAMATSU-G12180-003A Datasheet
161Kb / 4P
   InGaAs PIN photodiodes
logo
Unity Opto Technology
MCD-3P4C-322 UOT-MCD-3P4C-322 Datasheet
94Kb / 2P
   InGaAs PIN PHOTODIODES
logo
Optoway Technology Inc
PD-1100 OPTOWAY-PD-1100 Datasheet
84Kb / 2P
   InGaAs PIN PHOTODIODES
PD-1110 OPTOWAY-PD-1110_09 Datasheet
122Kb / 3P
   InGaAs PIN PHOTODIODES
logo
Hamamatsu Corporation
G12182 HAMAMATSU-G12182_15 Datasheet
513Kb / 6P
   InGaAs PIN photodiodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com