Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43540B5227M000 Datasheet(PDF) 10 Page - EPCOS

Part # B43540B5227M000
Description  Aluminum electrolytic capacitors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43540B5227M000 Datasheet(HTML) 10 Page - EPCOS

Back Button B43540B5227M000 Datasheet HTML 6Page - EPCOS B43540B5227M000 Datasheet HTML 7Page - EPCOS B43540B5227M000 Datasheet HTML 8Page - EPCOS B43540B5227M000 Datasheet HTML 9Page - EPCOS B43540B5227M000 Datasheet HTML 10Page - EPCOS B43540B5227M000 Datasheet HTML 11Page - EPCOS B43540B5227M000 Datasheet HTML 12Page - EPCOS B43540B5227M000 Datasheet HTML 13Page - EPCOS B43540B5227M000 Datasheet HTML 14Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
2) 120-Hz conversion factor of ripple current: IAC (120 Hz) = 1.03 IAC (100 Hz)
Technical data and ordering codes
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
ESRmax
100 Hz
20
°C
m
Zmax
10 kHz
20
°C
m
IAC,max
100 Hz
60
°C
A
IAC,R2)
100 Hz
85
°C
A
Ordering code
(composition see
below)
Composition of ordering code
* =
Insulation feature
# =
Terminal style
0 = PVC insulation
6 = PET insulation
8 = PVC insulation with additional PET insulation
cap on terminal side
0 = snap-in standard terminals (6.3 mm)
2 = snap-in 3 terminals (4.5 mm)
7 = snap-in short terminals (4.5 mm)
VR = 250 V DC
680
25
× 45
120
220
170
5.54
2.82
B43540E2687M0*#
680
30
× 35
120
220
170
5.62
2.87
B43540F2687M0*#
680
35
× 30
120
220
170
6.08
3.10
B43540G2687M0*#
820
25
× 55
100
180
140
6.42
3.27
B43540E2827M0*#
820
30
× 40
100
180
140
6.81
3.47
B43540F2827M0*#
820
35
× 35
100
180
140
6.93
3.54
B43540G2827M0*#
1000
30
× 45
85
150
120
7.76
3.96
B43540E2108M0*#
1000
35
× 35
85
150
120
7.66
3.90
B43540F2108M0*#
1200
30
× 55
70
130
100
8.97
4.58
B43540E2128M0*#
1200
35
× 40
70
130
100
8.68
4.43
B43540F2128M0*#
1500
35
× 50
55
100
75
10.2
5.25
B43540E2158M0*#
1800
35
× 55
45
85
65
11.5
5.89
B43540E2188M0*#
VR = 400 V DC
100
25
× 25
730
1280
980
2.04
1.04
B43540A9107M0*#
120
25
× 30
530
930
720
2.34
1.19
B43540A9127M0*#
150
25
× 35
420
740
570
2.73
1.39
B43540A9157M0*#
150
30
× 25
490
850
660
2.72
1.39
B43540B9157M0*#
180
25
× 40
350
620
480
3.10
1.58
B43540A9187M0*#
180
30
× 30
350
620
480
3.12
1.59
B43540B9187M0*#
180
35
× 25
350
620
480
3.14
1.60
B43540C9187M0*#
220
25
× 40
330
580
450
3.43
1.75
B43540A9227M0*#
220
30
× 30
330
580
450
3.45
1.76
B43540B9227M0*#
220
35
× 30
290
510
390
3.86
1.97
B43540C9227M0*#
270
25
× 45
270
480
370
3.92
2.00
B43540A9277M0*#
270
30
× 35
270
480
370
3.98
2.03
B43540B9277M0*#
270
35
× 30
230
420
320
4.28
2.18
B43540C9277M0*#
330
25
× 55
220
390
300
4.58
2.33
B43540C9337M0*#
330
30
× 45
190
340
260
5.01
2.55
B43540A9337M0*#
330
35
× 35
190
340
260
4.92
2.51
B43540B9337M0*#
390
30
× 45
190
330
260
5.45
2.78
B43540A9397M0*#
B43540
Outstanding ripple current
85
°C
Page 10 of 19
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43540B5227M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43540 EPCOS-B43540 Datasheet
1,010Kb / 16P
   Aluminum electrolytic capacitors
B43540A5107M002 EPCOS-B43540A5107M002 Datasheet
1,010Kb / 16P
   Aluminum electrolytic capacitors
B43540A5107M007 EPCOS-B43540A5107M007 Datasheet
1,010Kb / 16P
   Aluminum electrolytic capacitors
More results

Similar Description - B43540B5227M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com