Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41858D6827M001 Datasheet(PDF) 7 Page - EPCOS

Part # B41858D6827M001
Description  Aluminum electrolytic capacitors
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41858D6827M001 Datasheet(HTML) 7 Page - EPCOS

Back Button B41858D6827M001 Datasheet HTML 3Page - EPCOS B41858D6827M001 Datasheet HTML 4Page - EPCOS B41858D6827M001 Datasheet HTML 5Page - EPCOS B41858D6827M001 Datasheet HTML 6Page - EPCOS B41858D6827M001 Datasheet HTML 7Page - EPCOS B41858D6827M001 Datasheet HTML 8Page - EPCOS B41858D6827M001 Datasheet HTML 9Page - EPCOS B41858D6827M001 Datasheet HTML 10Page - EPCOS B41858D6827M001 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
Technical data and ordering codes
CR
120 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRmax
10 kHz
40
°C
ESRmax
120 Hz
20
°C
ESRmax
10 kHz
20
°C
Zmax
100 kHz
20
°C
IAC,R
100 kHz
105
°C
mA
IAC,max
100 kHz
85
°C
mA
Ordering code
(composition see
below)
Composition of ordering code
*** = Version
000 = for standard leads, bulk
001 = for kinked leads, bulk (from d
× l = 10 × 20 mm to 18 × 40 mm, excluding 12.5 × 30/40 mm)
002 = for cut leads, bulk (for
∅ ≥ 10 mm, excluding d × l = 12.5 × 30/40 mm)
003 = for crimped leads, blister (from d
× l = 16 × 20 mm to 18 × 40 mm)
004 = for J leads, blister (from d
× l = 10 × 12.5 mm to 18 × 35 mm, excluding 12.5 × 30/40 mm)
008 = for taped leads, Ammo pack, lead spacing F = 5.0 mm (from d
× l = 8 × 11.5 mm to 12.5 × 25 mm)
009 = for taped leads, Ammo pack, lead spacing F = 7.5 mm (from d
× l = 16 × 20 mm to 18 × 31.5 mm)
012 = for bent 90
° leads, blister (for ∅ 16 and 18 mm)
VR = 10 V DC
330
8
× 11.5
2.195 0.727
0.274
0.246
436
654
B41858C3337M***
390
8
× 11.5
2.195 0.615
0.274
0.246
436
654
B41858C3397M***
470
8
× 11.5
2.195 0.511
0.274
0.246
436
654
B41858C3477M***
560
10
× 12.5
1.035 0.429
0.129
0.113
746
1118
B41858C3567M***
680
10
× 12.5
1.035 0.353
0.129
0.113
746
1118
B41858C3687M***
820
10
× 16
0.946 0.293
0.118
0.105
846
1269
B41858C3827M***
1000
10
× 16
0.946 0.240
0.118
0.105
846
1269
B41858C3108M***
1200
10
× 16
0.944 0.199
0.118
0.105
846
1269
B41858C3128M***
1500
10
× 20
0.584 0.159
0.073
0.062
1202
1803
B41858C3158M***
1800
10
× 20
0.584 0.133
0.073
0.062
1202
1803
B41858C3188M***
2200
12.5
× 20
0.496 0.121
0.062
0.060
1396
2094
B41858C3228M***
2700
12.5
× 25
0.327 0.098
0.041
0.034
2028
3043
B41858C3278M***
3300
12.5
× 25
0.327 0.088
0.041
0.034
2028
3043
B41858C3338M***
3300
16
× 20
0.307 0.088
0.038
0.033
2146
3219
B41858D3338M***
3900
12.5
× 40
0.240 0.074
0.030
0.025
2858
4287
B41858C3398M***
3900
16
× 20
0.307 0.074
0.038
0.033
2146
3219
B41858D3398M***
4700
18
× 20
0.271 0.067
0.034
0.031
2381
3571
B41858C3478M***
5600
12.5
× 40
0.243 0.061
0.030
0.025
2858
4286
B41858C3568M***
6800
16
× 31.5
0.192 0.054
0.024
0.022
3122
4683
B41858C3688M***
8200
18
× 31.5
0.165 0.051
0.021
0.020
3539
5308
B41858C3828M***
10000
18
× 35
0.160 0.047
0.020
0.018
3864
5796
B41858C3109M***
B41858
Low impedance
105
°C
Page 7 of 33
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41858D6827M001

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B41858D6827M001 TDK-B41858D6827M001 Datasheet
49Kb / 2P
   Single Ended (Radial) Capacitors
More results

Similar Description - B41858D6827M001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com