Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43501A6397M000 Datasheet(PDF) 4 Page - EPCOS

Part # B43501A6397M000
Description  Aluminum electrolytic capacitors
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43501A6397M000 Datasheet(HTML) 4 Page - EPCOS

  B43501A6397M000 Datasheet HTML 1Page - EPCOS B43501A6397M000 Datasheet HTML 2Page - EPCOS B43501A6397M000 Datasheet HTML 3Page - EPCOS B43501A6397M000 Datasheet HTML 4Page - EPCOS B43501A6397M000 Datasheet HTML 5Page - EPCOS B43501A6397M000 Datasheet HTML 6Page - EPCOS B43501A6397M000 Datasheet HTML 7Page - EPCOS B43501A6397M000 Datasheet HTML 8Page - EPCOS B43501A6397M000 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Dimensional drawings
Snap-in capacitors with standard insulation (PVC or PET)
Snap-in terminals, length 6.3
±1 mm. Also
available in a shorter version with a length
of 4.5
1 mm. PET insulation is marked
with label "PET" on the sleeve.
Snap-in capacitors are also available with
3 terminals (length 4.5
1 mm). PET insulation
is marked with label "PET" on the sleeve.
Dimensions (mm)
Approx.
weight (g)
Packing
units (pcs.)
d +1
l
±2
22
25
9
160
22
30
12
160
22
35
15
160
22
40
18
160
25
25
13
130
25
30
17
130
25
35
19
130
25
40
22
130
25
45
25
130
25
50
29
130
25
55
32
130
Dimensions (mm)
Approx.
weight (g)
Packing
units (pcs.)
d +1
l
±2
30
25
17
80
30
30
23
80
30
35
29
80
30
40
36
80
30
45
41
80
30
50
46
80
30
55
53
80
35
30
29
60
35
35
36
60
35
40
41
60
35
45
56
60
35
50
70
60
35
55
81
60
B43501
Long useful life
85
°C
Page 4 of 21
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43501A6397M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43501A0107M000 EPCOS-B43501A0107M000 Datasheet
292Kb / 11P
   Snap-In Capacitors Long Useful Life - 85
B43501A0107M000 EPCOS-B43501A0107M000 Datasheet
294Kb / 11P
   Snap-In Capacitors
B43501A0107M002 EPCOS-B43501A0107M002 Datasheet
292Kb / 11P
   Snap-In Capacitors Long Useful Life - 85
B43501A0107M007 EPCOS-B43501A0107M007 Datasheet
292Kb / 11P
   Snap-In Capacitors Long Useful Life - 85
B43501A0127M000 EPCOS-B43501A0127M000 Datasheet
292Kb / 11P
   Snap-In Capacitors Long Useful Life - 85
More results

Similar Description - B43501A6397M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com