Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43081F2226M008 Datasheet(PDF) 11 Page - EPCOS

Part # B43081F2226M008
Description  Aluminum electrolytic capacitors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43081F2226M008 Datasheet(HTML) 11 Page - EPCOS

Back Button B43081F2226M008 Datasheet HTML 7Page - EPCOS B43081F2226M008 Datasheet HTML 8Page - EPCOS B43081F2226M008 Datasheet HTML 9Page - EPCOS B43081F2226M008 Datasheet HTML 10Page - EPCOS B43081F2226M008 Datasheet HTML 11Page - EPCOS B43081F2226M008 Datasheet HTML 12Page - EPCOS B43081F2226M008 Datasheet HTML 13Page - EPCOS B43081F2226M008 Datasheet HTML 14Page - EPCOS B43081F2226M008 Datasheet HTML 15Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Single-ended capacitors
B43081
Taping, packing and lead configurations
11 08/08
Please read Cautions and warnings and
Important notes at the end of this document.
Kinked or cut leads
Single-ended capacitors are available with kinked or cut leads. Other lead configurations also avail-
able on request.
Kinked leads
Last 3 digits of ordering code: 001
Case size d
× l (mm) a (mm)
Case size d
× l (mm) a (mm)
4
× 7
1.5
12.5
× 16
5.0
5
× 7
2.0
12.5
× 20
5.0
5
× 11
2.0
12.5
× 25
5.0
6.3
× 7
2.5
12.5
× 31.5
5.0
6.3
× 11
2.5
12.5
× 35.5
5.0
6.3
× 15
2.5
12.5
× 40
5.0
8
× 7
3.5
16
× 20
7.5
8
× 11.5
3.5
16
× 25
7.5
8
× 15
3.5
16
× 31.5
7.5
8
× 20
3.5
16
× 35.5
7.5
10
× 12.5
5.0
16
× 40
7.5
10
× 16
5.0
18
× 20
7.5
10
× 20
5.0
18
× 25
7.5
10
× 25
5.0
18
× 31.5
7.5
10
× 31.5
5.0
18
× 35.5
7.5
18
× 40
7.5
3.2±0.1
KAL1137-5
2.1±0.1
l
4.5±0.5
KAL1084-A
l


Similar Part No. - B43081F2226M008

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081F2226M008 EPCOS-B43081F2226M008 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
More results

Similar Description - B43081F2226M008

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com