Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AL10053N5DL Datasheet(PDF) 1 Page - ABC Taiwan Electronics Corp

Part # AL10053N5DL
Description  THIN FILM CHIP INDUCTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

AL10053N5DL Datasheet(HTML) 1 Page - ABC Taiwan Electronics Corp

  AL10053N5DL Datasheet HTML 1Page - ABC Taiwan Electronics Corp AL10053N5DL Datasheet HTML 2Page - ABC Taiwan Electronics Corp AL10053N5DL Datasheet HTML 3Page - ABC Taiwan Electronics Corp AL10053N5DL Datasheet HTML 4Page - ABC Taiwan Electronics Corp AL10053N5DL Datasheet HTML 5Page - ABC Taiwan Electronics Corp AL10053N5DL Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
0.6
I
50s ec max.
70sec max.
+2.0 ~ 4.0℃
AL1005□□□□L□-□□□
AL1005
0.3
Type
F ( kgf )
Time ( sec )
c﹒Terminal strength:
Ⅳ﹒GENERAL SPECIFICATION:
a﹒Storage temp.:-40℃ ---- +105℃
b﹒Operating temp.:-55℃ ---- +125℃
d﹒Solderability:
AR-001A
Solder : Sn96.5 / Ag3 / Cu0.5
or equivalent
Solder temp. : 260±5℃
Dip time : 4±1 seconds
Flux : Rosin
30±5
F
100
0
50
50
150
250
200
Time ( seconds )
100
150
Max time above 230℃ :5 0sec max.
Max time above 200℃ :7 0sec max.
150 ~ 200
/ 60 ~ 120sec
Peak Temp:260℃ max.
Rising Area
+4.0
/ sec max.
Temperature
Preheat Area
R eflow Area
/ sec max.
REF : 20080424-A
Ⅲ﹒MATERIALS:
Ⅱ﹒SCHEMATIC DIAGRAM:
Ⅰ﹒CONFIGURATION & DIMENSIONS:
c﹒Terminal electrode:Cu/Ni/Sn
d﹒Remark:Products comply with RoHS' requirements
b﹒Internal conductor:Cu
a﹒Body:Ceramic
THIN FILM CHIP INDUCTOR
Series
AL1005
NAME
PROD.
0.32±0.05
B
A
1.00±0.05
B
0.50±0.05
ab
0.20±0.10
I
D
CG
0.5
G
( PCB Pattern )
ABC'S ITEM NO.
ABC'S DWG NO.
SPECIFICATION FOR APPROVAL
D
D
A
260
200
250
2 30
-(1.0 ~ 5.0)
/ sec max.
Forced Cooling Area
P eak Tem perature:
c
I
H
0.45
Unit : m/m
PAGE: 1


Similar Part No. - AL10053N5DL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AL100 ETC1-AL100 Datasheet
329Kb / 4P
   GERMANIUM POWER TRANSISTORS
logo
Altech corporation
AL1006-3 ALTECH-AL1006-3 Datasheet
89Kb / 1P
   ALUMINUM ENCLOSURE AL 1006-3
More results

Similar Description - AL10053N5DL

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ATFC-0402 ABRACON-ATFC-0402 Datasheet
218Kb / 2P
   THIN FILM CHIP INDUCTOR
08.24.07
logo
Vishay Siliconix
IFCB-0603 VISHAY-IFCB-0603 Datasheet
105Kb / 2P
   Thin Film Chip Inductor
Revision: 10-Aug-06
logo
Stackpole Electronics, ...
LTF SEI-LTF Datasheet
425Kb / 6P
   Thin Film Chip Inductor
09/18/2019
logo
Vishay Siliconix
IFCB-0402 VISHAY-IFCB-0402 Datasheet
103Kb / 2P
   Thin Film Chip Inductor
Revision: 10-Aug-06
logo
Abracon Corporation
ATFC-0603 ABRACON-ATFC-0603 Datasheet
213Kb / 2P
   THIN FILM CHIP INDUCTOR
08.24.07
logo
Allied Components Inter...
TF02 ALLIED-TF02 Datasheet
430Kb / 1P
   Thin Film Chip Inductor
logo
Abracon Corporation
ATFC-0402 ABRACON-ATFC-0402_08 Datasheet
1Mb / 3P
   THIN FILM CHIP INDUCTOR
12.01.08
logo
ABC Taiwan Electronics ...
AL16081N0DL ABC-AL16081N0DL Datasheet
85Kb / 5P
   THIN FILM CHIP INDUCTOR
20080424-A
logo
Abracon Corporation
ATFC-0201 ABRACON-ATFC-0201 Datasheet
205Kb / 2P
   THIN FILM CHIP INDUCTOR
08.24.07
ATFC-0201 ABRACON-ATFC-0201_08 Datasheet
1Mb / 3P
   THIN FILM CHIP INDUCTOR
11.26.08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com