Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTH020A0X3-SR Datasheet(PDF) 5 Page - Lineage Power Corporation

Part # APTH020A0X3-SR
Description  2.4 - 5.5Vdc input; 0.6Vdc to 3.63Vdc output; 20A output current
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

APTH020A0X3-SR Datasheet(HTML) 5 Page - Lineage Power Corporation

  APTH020A0X3-SR Datasheet HTML 1Page - Lineage Power Corporation APTH020A0X3-SR Datasheet HTML 2Page - Lineage Power Corporation APTH020A0X3-SR Datasheet HTML 3Page - Lineage Power Corporation APTH020A0X3-SR Datasheet HTML 4Page - Lineage Power Corporation APTH020A0X3-SR Datasheet HTML 5Page - Lineage Power Corporation APTH020A0X3-SR Datasheet HTML 6Page - Lineage Power Corporation APTH020A0X3-SR Datasheet HTML 7Page - Lineage Power Corporation APTH020A0X3-SR Datasheet HTML 8Page - Lineage Power Corporation APTH020A0X3-SR Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Data Sheet
September 9, 2009
TLynxTM: Non-isolated DC-DC Power Modules:
2.4 – 5.5Vdc input; 0.6Vdc to 3.63Vdc output; 20A output current
LINEAGE POWER
5
Feature Specifications (continued)
Parameter
Device
Symbol
Min
Typ
Max
Units
Input Undervoltage Lockout
Turn-on Threshold
All
2.2
Vdc
Turn-off Threshold
All
2.0
Vdc
Hysteresis
All
0.08
0.2
Vdc


Similar Part No. - APTH020A0X3-SR

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
APTH020A0X LINEAGEPOWER-APTH020A0X_10 Datasheet
525Kb / 23P
   TLynxTM: Non-Isolated DC-DC Power Modules
More results

Similar Description - APTH020A0X3-SR

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
APXH006A0X-SRZ LINEAGEPOWER-APXH006A0X-SRZ Datasheet
595Kb / 23P
   2.4 - 5.5Vdc input; 0.6Vdc to 3.63Vdc output; 6A output current
APXH003A0X-SRZ LINEAGEPOWER-APXH003A0X-SRZ Datasheet
565Kb / 23P
   2.4 - 5.5Vdc input; 0.6Vdc to 3.63Vdc output; 3A output current
APTH012A0X3-SRZ LINEAGEPOWER-APTH012A0X3-SRZ Datasheet
643Kb / 23P
   2.4 - 5.5Vdc input; 0.6Vdc to 3.63Vdc output; 12A output current
ATH006A0X-SR LINEAGEPOWER-ATH006A0X-SR Datasheet
786Kb / 21P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 6A output current
ATH016A0X3-SR LINEAGEPOWER-ATH016A0X3-SR Datasheet
639Kb / 21P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 16A output current
ATH010A0X3-SR LINEAGEPOWER-ATH010A0X3-SR Datasheet
594Kb / 21P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 10A output current
ATH006A0X LINEAGEPOWER-ATH006A0X Datasheet
526Kb / 19P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 6A output current
AXH003A0X LINEAGEPOWER-AXH003A0X Datasheet
518Kb / 18P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 3A output current
AXH003A0X-SR LINEAGEPOWER-AXH003A0X-SR Datasheet
708Kb / 20P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 3A output current
ATH010A0X3 LINEAGEPOWER-ATH010A0X3 Datasheet
593Kb / 19P
   2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 10A output current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com