Electronic Components Datasheet Search |
|
SA0603C0G104B100NRB Datasheet(PDF) 6 Page - SAMWHA ELECTRIC |
|
SA0603C0G104B100NRB Datasheet(HTML) 6 Page - SAMWHA ELECTRIC |
6 / 14 page Multi Layer Ceramic Capacitors 15 SAMWHA CAPACITOR Co., Ltd. 14 SMD Type-High Voltage Tolerance Code Tolerance Code Tolerance B ±0.1pF C ±0.25pF D ±0.50pF F ±1% G ±2% J ±5% K ±10% M ±20% Z +80~-20% Thickness Option Rated Voltage Code 1st two digits are value, 3rd digit denotes number of zeros; 302 = 3000V, 251 = 250V Plating Packing Ni / Sn Plated B : Bulk Pack R : Reel Pack Code Thickness(mm) Dimensions Code Thickness(mm) Dimensions L Tol(±) W Tol(±) Blank 0.30 0.03 E 1.30 0.20 Blank 0.50 0.05 H 1.35 0.20 A 0.60 0.10 I 1.60 0.20 B 0.80 0.10 J 1.80 0.20 B 0.85 0.15 K 2.00 0.25 E 1.00 0.15 L 2.50 0.25 E 1.10 0.15 M 2.80 0.30 E 1.15 0.15 N 3.20 0.30 E 1.25 0.15 O 5.00 0.40 (Unit : mm) Dielectric Characteristics Dielectric Classification Ultra Stable Stable Rated temperature range -55℃ to +125℃-55℃ to +125℃ TCC(Temperature Characteristics Coefficient) 0±30ppm ±15% Dissifation Factor(tan δ)C≥30pF : Q≥1,000 (DF:≤ 0.1%) 2.5% Max. C<30pF : Q≥400+20C(DF: ≤1/(400+20C)) IR(Insulation Resistance) 500V Below : Rated voltage 60sec 500V Below:Rated voltage 60sec 500V Above : 500V 60sec 500V Above:500V 60sec More than 10,000 ㏁ -DC100V~1KV :C≥0.01㎌:More than 100㏁㎌ :C<0.01㎌:More than 10,000㏁ -DC2~3KV:More than6,000 ㏁ Capacitance Tolerance <10pF : ±0.25pF, ±0.5pF ±10%, ±20% ≥10pF : ±5%, ±0% Dielectric strength 630V:150% Rated Voltage 100V:150% Rated Voltage 1kV~3.15kV:120% Rated Voltage 630V:150% Rated Voltage 1kV~3.15kV: 120% Rated Voltage Aging characteristics 0% 2.5% per decade hr, typical Typical Performance Characteristics COG(NPO) X7R Dimensions Code Length Width L Tol(±) W Tol(±) T1(min) 1608(0603) 1.60 0.15 0.80 0.10 0.10 2012(0805) 2.00 0.20 1.25 0.15 0.10 3216(1206) 3.20 0.30 1.60 0.20 0.15 3225(1210) 3.20 0.40 2.50 0.25 0.15 4520(1808) 4.50 0.40 2.00 0.25 0.20 4532(1812) 4.50 0.40 3.20 0.30 0.20 5750(2300) 5.70 0.50 5.00 0.40 0.30 (Unit : mm) Shape & Dimensions *1608 Size ≥ 10㎌⇒ W : 0.8±0.15, T : 0.8±0.15 |
Similar Part No. - SA0603C0G104B100NRB |
|
Similar Description - SA0603C0G104B100NRB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |