Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4946 Datasheet(PDF) 2 Page - Transys Electronics

Part # 1N4946
Description  FAST SWITCHING PLASTIC RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRSYS [Transys Electronics]
Direct Link  http://www.transyselectronics.com
Logo TRSYS - Transys Electronics

1N4946 Datasheet(HTML) 2 Page - Transys Electronics

  1N4946 Datasheet HTML 1Page - Transys Electronics 1N4946 Datasheet HTML 2Page - Transys Electronics 1N4946 Datasheet HTML 3Page - Transys Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NOTES:
1.
Measured at 1 MHz and applied reverse voltage of 4.0 VDC
2.
Reverse Recovery Test Conditions: IF=.5A, IR=1A, Irr=.25A
3.
Thermal resistance from junction to ambient and from junction to lead at 0.375"(9.5mm) lead length P.C.B.
mounted
RATING AND CHARACTERISTIC CURVES
1N4942 THRU 1N4948
Fig. 1-REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
Fig. 2-TYPICAL INSTANTANEOUS
Fig. 3-FORWARD CURRENT DERATING CURVE
FORWARD CHARACTERISTICS


Similar Part No. - 1N4946

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N4946 PANJIT-1N4946 Datasheet
55Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 200 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Nanjing International G...
1N4946 DGNJDZ-1N4946 Datasheet
219Kb / 2P
   1.0 AMP FAST RECOVERY RECTIFIERS
logo
Galaxy Semi-Conductor H...
1N4946 BILIN-1N4946 Datasheet
71Kb / 2P
   FAST RECOVERY RECTIFIER
logo
New Jersey Semi-Conduct...
1N4946 NJSEMI-1N4946 Datasheet
110Kb / 1P
   DO-41
logo
Zowie Technology Corpor...
1N4946 ZOWIE-1N4946 Datasheet
48Kb / 2P
   FAST RECOVERY RECTIFIER
More results

Similar Description - 1N4946

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SRP100A GE-SRP100A Datasheet
44Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
FR151 CHENG-YI-FR151 Datasheet
104Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Pan Jit International I...
PS150R PANJIT-PS150R_09 Datasheet
49Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Shenzhen Taychipst Elec...
SRP100A TAYCHIPST-SRP100A Datasheet
9Mb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Yea Shin Technology Co....
FR151 YEASHIN-FR151 Datasheet
73Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
1N4933 VISHAY-1N4933_V01 Datasheet
790Kb / 4P
   Fast Switching Plastic Rectifier
01-Jan-2022
BA157 VISHAY-BA157_09 Datasheet
67Kb / 4P
   Fast Switching Plastic Rectifier
Revision: 26-Oct-09
logo
Pan Jit International I...
PS300R PANJIT-PS300R_09 Datasheet
67Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
GI820 VISHAY-GI820 Datasheet
76Kb / 4P
   Fast Switching Plastic Rectifier
Revision: 26-Oct-09
logo
Shenzhen Taychipst Elec...
SRP600A TAYCHIPST-SRP600A Datasheet
9Mb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Vishay Siliconix
BA159-E3 VISHAY-BA159-E3 Datasheet
76Kb / 4P
   Fast Switching Plastic Rectifier
Revision: 24-Jul-13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com