Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP2725AC54Z Datasheet(PDF) 7 Page - Lineage Power Corporation

Part # CP2725AC54Z
Description  Compact Power Line Front-End Power Supply
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CP2725AC54Z Datasheet(HTML) 7 Page - Lineage Power Corporation

  CP2725AC54Z Datasheet HTML 1Page - Lineage Power Corporation CP2725AC54Z Datasheet HTML 2Page - Lineage Power Corporation CP2725AC54Z Datasheet HTML 3Page - Lineage Power Corporation CP2725AC54Z Datasheet HTML 4Page - Lineage Power Corporation CP2725AC54Z Datasheet HTML 5Page - Lineage Power Corporation CP2725AC54Z Datasheet HTML 6Page - Lineage Power Corporation CP2725AC54Z Datasheet HTML 7Page - Lineage Power Corporation CP2725AC54Z Datasheet HTML 8Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Data Sheet
Compact Power Line
CP2725AC54 Front-End Power Supply
Lineage Power
7
Signal Definitions
All hardware alarm signals (Fault, PFW, OTW, Power Capacity) are open drain FETs. These signals
should be pulled HI to either 3.3V or 5V. Maximum sink current 5mA. An active LO signal (< 0.4Vdc)
state. All signals are referenced to Logic GRD unless otherwise stated. Contact your Lineage Power
representative for more details.
Function
Label
Type
Description
Output Enable
Enable
Input
If shorted to LOGIC_GRD, the rectifier output is enabled
when using I
2C mode of operation. May also be toggled to
reset a latched OFF rectifier. Function not available in
RS485 mode.
Power Fail Warning
PFW
Output
An open drain FET; normally HI, indicating output power is
present. Changes to LO at least 5msec before the output
voltage is lost.
I
2C Interrupt
Alert#_0
Alert#_1
Output
Interrupt signal via I
2C lines indicating that service is
requested from the host controller. This signal pin is pulled
up to 3.3V via a 10kΩ resistor and switches to active LO
when an interrupt occurs.
Rectifier Fault
Fault
Output
Indicates that an internal fault exists. An open drain FET;
normally HI, changes to LO.
Module Present
MOD_PRES
Output
Short pin, see Status and Control description for further
information on this signal.
ON/OFF
ON/OFF
Input
Short pin, connects last and breaks first; used to activate
and deactivate output during hot-insertion and extraction,
respectively. Ref: 54_OUT (-DC)
Protocol select
Protocol
Input
See Status and Control description for further information
on this signal. Ref: 54_OUT (-DC).
Margining
Margin
Input
Allows changing of output voltage through an analog
voltage input or via resistor divider.
Over-Temperature Warning
OTW
Output
An open drain FET; normally HI, changes to LO
approximately 5°C prior to thermal shutdown.
Power Capacity
POWER_CAP Output
Open drain FET; Used to indicate rectifier operation mode;
HI indicates 2725W operation and LO indicates 1200W
operation.
Rectifier address
Unit_addr
Input
Voltage level addressing of rectifiers within a single shelf.
Ref: 54_OUT (-DC).
Shelf Address
Shelf_addr
Input
Voltage level addressing of rectifiers within multiple
shelves. Ref: 54_OUT (-DC).
Back bias
8V_INT
_
Diode OR’ed 8Vdc drain; used to back bias
microprocessors and DSP of failed rectifier from operating
rectifiers. Ref: 54_OUT (-DC).
Mux Reset
Reset
Input
Resets the I
2C lines to I2C line 0.
Standby power
5VA
-
5V at 0.75A provided for external use by either adjacent
power supplies or the using system.
Current Share
Ishare
-
A single wire interface between each of the power unit
forces them to share the load current. Ref: 54_OUT (-DC).
I
2C Line 0
SCL_0, SDA_0 Input
I
2C line 0.
I
2C Line 1
SCL_1, SDA_1 Input
I
2C line 1.
RS485 Line
RS_485+
RS_485-
Input
RS485 line.


Similar Part No. - CP2725AC54Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
CP2725AC54TE LINEAGEPOWER-CP2725AC54TE Datasheet
572Kb / 20P
   100-120/200-277VAC input; Default Outputs: 짹54VDC @ 2725W, 5VDC @ 4W
CP2725AC54TEP LINEAGEPOWER-CP2725AC54TEP Datasheet
572Kb / 20P
   100-120/200-277VAC input; Default Outputs: 짹54VDC @ 2725W, 5VDC @ 4W
CP2725AC54TEZ LINEAGEPOWER-CP2725AC54TEZ Datasheet
572Kb / 20P
   100-120/200-277VAC input; Default Outputs: 짹54VDC @ 2725W, 5VDC @ 4W
More results

Similar Description - CP2725AC54Z

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RCP-2000 MEANWELL-RCP-2000 Datasheet
291Kb / 5P
   2000W Front End Power Supply
logo
Bel Fuse Inc.
FNP3000 BEL-FNP3000 Datasheet
1Mb / 17P
   AC-DC FRONT-END POWER SUPPLY
PFE1500-12-054XD BEL-PFE1500-12-054XD Datasheet
1Mb / 24P
   DC-DC FRONT END POWER SUPPLY
PFE1100-12-054XD BEL-PFE1100-12-054XD_18 Datasheet
1Mb / 16P
   DC-DC FRONT END POWER SUPPLY
logo
Murata Power Solutions ...
CPS_D1U-2000-48-HX MURATA-PS-CPS_D1U-2000-48-HX Datasheet
172Kb / 5P
   AC/DC Front End Power Supply
logo
Murata Manufacturing Co...
D1U4CS-W-2200-12-HC4C MURATA-D1U4CS-W-2200-12-HC4C_11 Datasheet
160Kb / 5P
   AC/DC Front End Power Supply
logo
Murata Power Solutions ...
D1U4-W-1200-12-HC2C MURATA-PS-D1U4-W-1200-12-HC2C Datasheet
186Kb / 5P
   AC/DC Front End Power Supply
logo
Bel Fuse Inc.
PET750-12-050XD BEL-PET750-12-050XD Datasheet
1Mb / 22P
   DC-DC FRONT END POWER SUPPLY
PET800-12-074 BEL-PET800-12-074 Datasheet
1Mb / 20P
   AC-DC FRONT-END POWER SUPPLY
PET2000-12-074XA BEL-PET2000-12-074XA Datasheet
2Mb / 33P
   AC-DC FRONT-END POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com