Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43504A9187M087 Datasheet(PDF) 6 Page - EPCOS

Part # B43504A9187M087
Description  Aluminum electrolytic capacitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43504A9187M087 Datasheet(HTML) 6 Page - EPCOS

Back Button B43504A9187M087 Datasheet HTML 2Page - EPCOS B43504A9187M087 Datasheet HTML 3Page - EPCOS B43504A9187M087 Datasheet HTML 4Page - EPCOS B43504A9187M087 Datasheet HTML 5Page - EPCOS B43504A9187M087 Datasheet HTML 6Page - EPCOS B43504A9187M087 Datasheet HTML 7Page - EPCOS B43504A9187M087 Datasheet HTML 8Page - EPCOS B43504A9187M087 Datasheet HTML 9Page - EPCOS B43504A9187M087 Datasheet HTML 10Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Packing of snap-in capacitors
For ecological reasons the packing is pure cardboard. Components can be withdrawn (in full or in
part) in the correct position for insertion.
Ordering codes for terminal styles and insulation features
Identification in 3rd block of ordering code
Snap-in capacitors
Terminal version
Insulation version
PVC
PET
PVC plus PET cap
Standard terminals 6.3 mm
M000
M060
M080
Short terminals 4.5 mm
M007
M067
M087
3 terminals 4.5 mm
M002
M062
M082
Ordering examples:
B43504A9107M007
}
snap-in capacitor with short terminals and standard PVC insulation
B43504A9107M062
}
snap-in capacitor with 3 terminals and PET insulation
B43504A9107M080
}
snap-in capacitor with standard terminals and PVC insulation with
additional PET insulation cap on terminal side
B43504
Compact
105
°C
Page 6 of 20
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43504A9187M087

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43504A9187M000 EPCOS-B43504A9187M000 Datasheet
294Kb / 11P
   Snap-In Capacitors
B43504A9187M002 EPCOS-B43504A9187M002 Datasheet
294Kb / 11P
   Snap-In Capacitors
B43504A9187M007 EPCOS-B43504A9187M007 Datasheet
294Kb / 11P
   Snap-In Capacitors
More results

Similar Description - B43504A9187M087

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com