Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43501A0337M002 Datasheet(PDF) 11 Page - EPCOS

Part # B43501A0337M002
Description  Aluminum electrolytic capacitors
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43501A0337M002 Datasheet(HTML) 11 Page - EPCOS

Back Button B43501A0337M002 Datasheet HTML 7Page - EPCOS B43501A0337M002 Datasheet HTML 8Page - EPCOS B43501A0337M002 Datasheet HTML 9Page - EPCOS B43501A0337M002 Datasheet HTML 10Page - EPCOS B43501A0337M002 Datasheet HTML 11Page - EPCOS B43501A0337M002 Datasheet HTML 12Page - EPCOS B43501A0337M002 Datasheet HTML 13Page - EPCOS B43501A0337M002 Datasheet HTML 14Page - EPCOS B43501A0337M002 Datasheet HTML 15Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
3) 120-Hz conversion factor of ripple current: IAC (120 Hz) = 1.03 IAC (100 Hz)
Technical data and ordering codes
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
ESRmax
100 Hz
20
°C
m
Zmax
10 kHz
20
°C
m
IAC,max
100 Hz
60
°C
A
IAC,R3)
100 Hz
85
°C
A
Ordering code
(composition see
below)
Composition of ordering code
* =
Insulation feature
# =
Terminal style
0 = PVC insulation
6 = PET insulation
8 = PVC insulation with additional PET insulation
cap on terminal side
0 = snap-in standard terminals (6.3 mm)
2 = snap-in 3 terminals (4.5 mm)
7 = snap-in short terminals (4.5 mm)
VR = 400 V DC
68
22
× 25
980
1950
1560
1.19
0.61
B43501A9686M0*#
100
22
× 30
660
1330
1060
1.54
0.79
B43501A9107M0*#
100
25
× 25
660
1330
1060
1.56
0.80
B43501B9107M0*#
120
22
× 35
550
1100
890
1.80
0.92
B43501A9127M0*#
150
22
× 40
440
890
710
2.15
1.10
B43501A9157M0*#
150
30
× 25
440
890
710
2.15
1.10
B43501B9157M0*#
180
30
× 30
370
740
590
2.45
1.25
B43501A9187M0*#
220
25
× 40
300
610
490
2.76
1.41
B43501A9227M0*#
220
30
× 30
300
610
490
2.70
1.38
B43501C9227M0*#
270
25
× 45
250
490
400
3.19
1.63
B43501B9277M0*#
270
30
× 35
250
490
400
3.17
1.62
B43501A9277M0*#
270
35
× 30
250
490
400
3.33
1.70
B43501C9277M0*#
330
25
× 55
200
410
330
3.84
1.96
B43501B9337M0*#
330
30
× 45
200
410
330
3.92
2.00
B43501A9337M0*#
330
35
× 30
200
410
330
3.68
1.88
B43501C9337M0*#
390
30
× 45
170
340
280
4.17
2.13
B43501B9397M0*#
390
35
× 35
170
340
280
4.21
2.15
B43501C9397M0*#
470
30
× 50
140
290
230
4.78
2.44
B43501B9477M0*#
470
35
× 45
140
290
230
5.09
2.60
B43501A9477M0*#
560
35
× 45
120
240
190
5.52
2.82
B43501B9567M0*#
680
35
× 55
100
200
160
6.52
3.33
B43501A9687M0*#
VR = 420 V DC
100
22
× 30
1330
1990
1600
1.54
0.79
B43501A0107M0*#
100
25
× 25
1330
1990
1600
1.56
0.80
B43501E0107M0*#
120
25
× 30
1110
1660
1330
1.84
0.94
B43501A0127M0*#
150
22
× 40
880
1330
1070
2.11
1.08
B43501A0157M0*#
150
25
× 35
880
1330
1070
2.17
1.11
B43501E0157M0*#
180
25
× 35
740
1110
890
2.37
1.21
B43501A0187M0*#
180
30
× 30
740
1110
890
2.46
1.26
B43501E0187M0*#
220
25
× 40
600
910
730
2.76
1.41
B43501A0227M0*#
220
30
× 35
600
910
730
2.86
1.46
B43501E0227M0*#
B43501
Long useful life
85
°C
Page 11 of 21
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43501A0337M002

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43501A0337M002 EPCOS-B43501A0337M002 Datasheet
292Kb / 11P
   Snap-In Capacitors Long Useful Life - 85
More results

Similar Description - B43501A0337M002

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com