Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM3225151KL Datasheet(PDF) 1 Page - ABC Taiwan Electronics Corp

Part # CM3225151KL
Description  WOUND CHIP INDUCTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

CM3225151KL Datasheet(HTML) 1 Page - ABC Taiwan Electronics Corp

  CM3225151KL Datasheet HTML 1Page - ABC Taiwan Electronics Corp CM3225151KL Datasheet HTML 2Page - ABC Taiwan Electronics Corp CM3225151KL Datasheet HTML 3Page - ABC Taiwan Electronics Corp CM3225151KL Datasheet HTML 4Page - ABC Taiwan Electronics Corp CM3225151KL Datasheet HTML 5Page - ABC Taiwan Electronics Corp CM3225151KL Datasheet HTML 6Page - ABC Taiwan Electronics Corp CM3225151KL Datasheet HTML 7Page - ABC Taiwan Electronics Corp CM3225151KL Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
e﹒Remark:Products comply with RoHS' requirements
h﹒Resistance to solvent:Per MIL-STD-202F
g﹒Resistance to solder heat:260℃.10 secs.
f﹒Rated current:Current cause
e﹒Terminal pull strength:1.5 kg min.
a﹒Temp. rise :20℃ max.
b﹒Ambient temp.:100℃ max.
c﹒Storage temp.:-40℃ ----+125℃
d﹒Operating temp.:-40℃----+125℃
Ⅳ﹒
GENERAL SPECIFICATION:
AR-001A
Peak Temp:250℃ max.
Max time above 217℃ :60~150sec max.
Max time above 245℃ :20~40sec max.
200℃~250℃ Average Ramp-up Rate:3℃/second max.
50
inductance drop within 10%
100
0
50
200
150
250
245
217
Temperature
Rising Area
Reflow profile
Peak Temperature
60~150sec
20~40sec
Time ( seconds )
100
150
200
250
250
150 ~ 200
/ 60 ~ 180sec
Preheat Area
Reflow Area
6
/ second max.
Forced Cooling Area
d﹒Encapsulate:Epoxy novolac
c﹒Terminal:Cu/Sn
b﹒Wire :Enamelled copper wire (class H)
a﹒Core:Ferrite DR core
Ⅲ﹒
MATERIALS:
Ⅱ﹒
SCHEMATIC DIAGRAM:
A
F
Ⅰ﹒
CONFIGURATION & DIMENSIONS:
WOUND CHIP INDUCTOR
Inductance code
Marking
NAME
PROD.
REF : 20070124-C
molding compound
F
B
K2
K1 E
b
d
c
a
PCB Pattern )
1
1
1.8
ABC'S ITEM NO.
ABC'S DWG NO.
SPECIFICATION FOR APPROVAL
2.9±0.2
100
K= K1-K2 =0.25
m/m
※△
E : 1.0±0.2
F : 0.6+0.3
-0
C : 2.2±0.2
B : 2.5±0.2
A : 3.2±0.4
m/m
+0
m/m
m/m
m/m
m/m
CM3225□□□□L□-□□□
PAGE: 1
20080502-H


Similar Part No. - CM3225151KL

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CM322522 BOURNS-CM322522 Datasheet
298Kb / 2P
   Chip Inductor
CM322522-100JL BOURNS-CM322522-100JL Datasheet
298Kb / 2P
   Chip Inductor
CM322522-100K BOURNS-CM322522-100K Datasheet
419Kb / 7P
   SMT Chip Inductors
CM322522-100KL BOURNS-CM322522-100KL Datasheet
305Kb / 7P
   High resistance to heat and humidity
CM322522-100KL BOURNS-CM322522-100KL Datasheet
298Kb / 2P
   Chip Inductor
More results

Similar Description - CM3225151KL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
CM4532R10ML ABC-CM4532R10ML Datasheet
583Kb / 8P
   WOUND CHIP INDUCTOR
SW2022R47K2 ABC-SW2022R47K2 Datasheet
614Kb / 8P
   WOUND CHIP INDUCTOR
logo
Bourns Electronic Solut...
CW201212_MDS BOURNS-CW201212_MDS Datasheet
51Kb / 3P
   WOUND CHIP INDUCTOR
logo
XFMRS Inc.
XFWIC453630-331K XFMRS-XFWIC453630-331K Datasheet
46Kb / 1P
   Wound Chip Inductor
logo
ABC Taiwan Electronics ...
CM252010NJ3 ABC-CM252010NJ3 Datasheet
138Kb / 8P
   WOUND CHIP INDUCTOR
logo
XFMRS Inc.
XFWIC453630-150K XFMRS-XFWIC453630-150K Datasheet
36Kb / 1P
   Wound Chip Inductor
XFWIC453630-470K XFMRS-XFWIC453630-470K Datasheet
64Kb / 1P
   Wound Chip Inductor
XF070603-R10M XFMRS-XF070603-R10M Datasheet
35Kb / 1P
   WOUND CHIP INDUCTOR
XF070603-R20M XFMRS-XF070603-R20M Datasheet
36Kb / 1P
   WOUND CHIP INDUCTOR
logo
ABC Taiwan Electronics ...
SL10051N0DL ABC-SL10051N0DL Datasheet
465Kb / 6P
   WOUND CHIP INDUCTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com