Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM4532271KL Datasheet(PDF) 4 Page - ABC Taiwan Electronics Corp

Part # CM4532271KL
Description  WOUND CHIP INDUCTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

CM4532271KL Datasheet(HTML) 4 Page - ABC Taiwan Electronics Corp

  CM4532271KL Datasheet HTML 1Page - ABC Taiwan Electronics Corp CM4532271KL Datasheet HTML 2Page - ABC Taiwan Electronics Corp CM4532271KL Datasheet HTML 3Page - ABC Taiwan Electronics Corp CM4532271KL Datasheet HTML 4Page - ABC Taiwan Electronics Corp CM4532271KL Datasheet HTML 5Page - ABC Taiwan Electronics Corp CM4532271KL Datasheet HTML 6Page - ABC Taiwan Electronics Corp CM4532271KL Datasheet HTML 7Page - ABC Taiwan Electronics Corp CM4532271KL Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
User direction of feed
There is no differentiation or directions of polarity ( marking ) in the packaging method.
2000
330
178
Q'TY (pcs)
( 3 ) Q'TY & G.W. Pe package
A
AR-001A
13 - 12
Series
CM4532
CM4532
07 - 12
Style
( 2 ) Dimensions
Outer : Carton
14
12
13±0.5
21±0.8
13 - 12
Style
07 - 12
540
G.W. (gw)
130
500
Inner : Reel
18,000
20,000
Q'TY (pcs)
7.20
6.50
G.W. (Kg)
21±0.8
B
13
C
12
D
+0
14
+0
G
18.4
50
41 x 39 x 22
Size (cm)
41 x 39 x 22
50-0
-0
N
16.5
T
Unit:m/m
200 m/m min.
no component
WOUND CHIP INDUCTOR
SPECIFICATION FOR APPROVAL
( 1 ) Configuration
Ⅶ﹒
PACKAGING INFORMATION:
End
Leader
REF : 20070813-E
NAME
PROD.
C
Components
Embossed carrier
Carrier tape width : D
4 m/m
P:8 m/m
G
Start
no component
Trailer
400 m/m min.
D
T
2.0±0.5
ABC'S DWG NO.
ABC'S ITEM NO.
Cover tape
CM4532□□□□L□-□□□
PAGE: 4


Similar Part No. - CM4532271KL

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CM453232-1001L BOURNS-CM453232-1001L Datasheet
449Kb / 9P
   SMT Chip Inductors
CM453232-100JL BOURNS-CM453232-100JL Datasheet
269Kb / 3P
   SMT Chip Inductors
CM453232-100K BOURNS-CM453232-100K Datasheet
419Kb / 7P
   SMT Chip Inductors
CM453232-100KL BOURNS-CM453232-100KL Datasheet
305Kb / 7P
   High resistance to heat and humidity
CM453232-1011L BOURNS-CM453232-1011L Datasheet
449Kb / 9P
   SMT Chip Inductors
More results

Similar Description - CM4532271KL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
CM3225R12ML ABC-CM3225R12ML Datasheet
553Kb / 8P
   WOUND CHIP INDUCTOR
SW2022R47K2 ABC-SW2022R47K2 Datasheet
614Kb / 8P
   WOUND CHIP INDUCTOR
logo
Bourns Electronic Solut...
CW201212_MDS BOURNS-CW201212_MDS Datasheet
51Kb / 3P
   WOUND CHIP INDUCTOR
logo
XFMRS Inc.
XFWIC453630-331K XFMRS-XFWIC453630-331K Datasheet
46Kb / 1P
   Wound Chip Inductor
logo
ABC Taiwan Electronics ...
CM252010NJ3 ABC-CM252010NJ3 Datasheet
138Kb / 8P
   WOUND CHIP INDUCTOR
logo
XFMRS Inc.
XFWIC453630-150K XFMRS-XFWIC453630-150K Datasheet
36Kb / 1P
   Wound Chip Inductor
XFWIC453630-470K XFMRS-XFWIC453630-470K Datasheet
64Kb / 1P
   Wound Chip Inductor
XF070603-R10M XFMRS-XF070603-R10M Datasheet
35Kb / 1P
   WOUND CHIP INDUCTOR
XF070603-R20M XFMRS-XF070603-R20M Datasheet
36Kb / 1P
   WOUND CHIP INDUCTOR
logo
ABC Taiwan Electronics ...
SL10051N0DL ABC-SL10051N0DL Datasheet
465Kb / 6P
   WOUND CHIP INDUCTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com