Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43540A5826M002 Datasheet(PDF) 11 Page - EPCOS

Part # B43540A5826M002
Description  Aluminum electrolytic capacitors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43540A5826M002 Datasheet(HTML) 11 Page - EPCOS

Back Button B43540A5826M002 Datasheet HTML 7Page - EPCOS B43540A5826M002 Datasheet HTML 8Page - EPCOS B43540A5826M002 Datasheet HTML 9Page - EPCOS B43540A5826M002 Datasheet HTML 10Page - EPCOS B43540A5826M002 Datasheet HTML 11Page - EPCOS B43540A5826M002 Datasheet HTML 12Page - EPCOS B43540A5826M002 Datasheet HTML 13Page - EPCOS B43540A5826M002 Datasheet HTML 14Page - EPCOS B43540A5826M002 Datasheet HTML 15Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
3) 120-Hz conversion factor of ripple current: IAC (120 Hz) = 1.03 IAC (100 Hz)
Technical data and ordering codes
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
ESRmax
100 Hz
20
°C
m
Zmax
10 kHz
20
°C
m
IAC,max
100 Hz
60
°C
A
IAC,R3)
100 Hz
85
°C
A
Ordering code
(composition see
below)
Composition of ordering code
* =
Insulation feature
# =
Terminal style
0 = PVC insulation
6 = PET insulation
8 = PVC insulation with additional PET insulation
cap on terminal side
0 = snap-in standard terminals (6.3 mm)
2 = snap-in 3 terminals (4.5 mm)
7 = snap-in short terminals (4.5 mm)
VR = 400 V DC
390
35
× 35
190
330
260
5.35
2.72
B43540B9397M0*#
470
30
× 50
150
280
210
6.15
3.14
B43540A9477M0*#
470
35
× 45
130
240
190
6.26
3.19
B43540B9477M0*#
560
35
× 50
110
200
160
7.03
3.58
B43540A9567M0*#
680
35
× 55
95
170
130
7.94
4.05
B43540A9687M0*#
VR = 450 V DC
68
25
× 25
1600
2800
2240
1.56
0.80
B43540A5686M0*#
82
25
× 30
1320
2320
1860
1.80
0.92
B43540A5826M0*#
100
25
× 30
1090
1900
1520
1.99
1.01
B43540A5107M0*#
100
30
× 25
1090
1900
1520
2.07
1.05
B43540B5107M0*#
120
25
× 35
900
1590
1270
2.27
1.16
B43540A5127M0*#
120
30
× 30
900
1590
1270
2.37
1.21
B43540B5127M0*#
150
25
× 35
830
1460
1170
2.54
1.29
B43540A5157M0*#
150
30
× 30
720
1270
1020
2.65
1.35
B43540B5157M0*#
150
35
× 25
720
1270
1020
2.67
1.36
B43540C5157M0*#
180
25
× 45
600
1060
850
2.97
1.51
B43540A5187M0*#
180
30
× 35
600
1060
850
3.02
1.54
B43540B5187M0*#
180
35
× 30
600
1060
850
3.32
1.69
B43540C5187M0*#
220
25
× 50
490
870
700
3.38
1.72
B43540A5227M0*#
220
30
× 40
490
870
700
3.76
1.92
B43540B5227M0*#
220
35
× 30
490
870
700
3.68
1.87
B43540C5227M0*#
270
25
× 55
460
810
650
3.85
1.96
B43540C5277M0*#
270
30
× 40
460
810
650
4.17
2.12
B43540A5277M0*#
270
35
× 35
400
710
570
4.23
2.16
B43540B5277M0*#
330
30
× 50
330
580
470
4.89
2.49
B43540A5337M0*#
330
35
× 40
330
580
470
4.84
2.47
B43540B5337M0*#
390
30
× 55
320
560
450
5.45
2.78
B43540B5397M0*#
390
35
× 45
280
490
390
5.43
2.77
B43540A5397M0*#
470
35
× 50
230
410
330
6.17
3.15
B43540A5477M0*#
560
35
× 55
220
390
320
6.86
3.50
B43540A5567M0*#
B43540
Outstanding ripple current
85
°C
Page 11 of 19
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43540A5826M002

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43540A5107M002 EPCOS-B43540A5107M002 Datasheet
1,010Kb / 16P
   Aluminum electrolytic capacitors
B43540A5107M007 EPCOS-B43540A5107M007 Datasheet
1,010Kb / 16P
   Aluminum electrolytic capacitors
More results

Similar Description - B43540A5826M002

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com