Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM4532R68ML Datasheet(PDF) 1 Page - ABC Taiwan Electronics Corp

Part # CM4532R68ML
Description  WOUND CHIP INDUCTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

CM4532R68ML Datasheet(HTML) 1 Page - ABC Taiwan Electronics Corp

  CM4532R68ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp CM4532R68ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp CM4532R68ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp CM4532R68ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp CM4532R68ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp CM4532R68ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp CM4532R68ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp CM4532R68ML Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
c﹒Terminal:Cu/Sn
e﹒Remark:Products comply with RoHS'
d﹒Encapsulate:Epoxy novolac
Ⅳ﹒
GENERAL SPECIFICATION:
d﹒Operating temp.:-40℃----+125℃
c﹒Storage temp.:-40℃ ----+125℃
b﹒Ambient temp.:100℃ max.
a﹒Temp. rise :20℃ max.
e﹒Terminal pull strength:1.5 kg min.
f﹒Rated current:Current cause
g﹒Resistance to solder heat:260℃.10 secs.
h﹒Resistance to solvent:Per MIL-STD-202F
AR-001A
50
Max time above 245℃ :20~40sec max.
Max time above 217℃ :60~150sec max.
Peak Temp:250℃ max.
200℃~250℃ Average Ramp-up Rate:3℃/second max.
inductance drop within 10%
0
100
50
200
150
250
217
245
molding compound
Rising Area
Temperature
requirements
Reflow profile
20~40sec
60~150sec
200
Time ( seconds )
100
150
250
Peak Temperature
250
150 ~ 200
/ 60 ~ 180sec
Preheat Area
Reflow Area
b
6
/ second max.
Forced Cooling Area
Ⅲ﹒
MATERIALS:
a﹒Core:Ferrite DR core
b﹒Wire :Enamelled copper wire (class H)
Ⅰ﹒
CONFIGURATION & DIMENSIONS:
Ⅱ﹒
SCHEMATIC DIAGRAM:
WOUND CHIP INDUCTOR
Marking
Inductance code
NAME
PROD.
REF : 20070124-C
A
F
F
B
E
d
a
c
PCB Pattern )
2.2
1.5
1.5
ABC'S ITEM NO.
ABC'S DWG NO.
SPECIFICATION FOR APPROVAL
330K
4.2±0.2
E : 1.2
C : 3.2±0.2
F : 1.0+0.3
0
-
B : 3.2±0.2
A : 4.5±0.3
m/m
m/m
m/m
m/m
m/m
CM4532□□□□L□-□□□
PAGE: 1
20070813-E


Similar Part No. - CM4532R68ML

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CM453232-1001L BOURNS-CM453232-1001L Datasheet
449Kb / 9P
   SMT Chip Inductors
CM453232-100JL BOURNS-CM453232-100JL Datasheet
269Kb / 3P
   SMT Chip Inductors
CM453232-100K BOURNS-CM453232-100K Datasheet
419Kb / 7P
   SMT Chip Inductors
CM453232-100KL BOURNS-CM453232-100KL Datasheet
305Kb / 7P
   High resistance to heat and humidity
CM453232-1011L BOURNS-CM453232-1011L Datasheet
449Kb / 9P
   SMT Chip Inductors
More results

Similar Description - CM4532R68ML

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
CM3225R12ML ABC-CM3225R12ML Datasheet
553Kb / 8P
   WOUND CHIP INDUCTOR
SW2022R47K2 ABC-SW2022R47K2 Datasheet
614Kb / 8P
   WOUND CHIP INDUCTOR
logo
Bourns Electronic Solut...
CW201212_MDS BOURNS-CW201212_MDS Datasheet
51Kb / 3P
   WOUND CHIP INDUCTOR
logo
XFMRS Inc.
XFWIC453630-331K XFMRS-XFWIC453630-331K Datasheet
46Kb / 1P
   Wound Chip Inductor
logo
ABC Taiwan Electronics ...
CM252010NJ3 ABC-CM252010NJ3 Datasheet
138Kb / 8P
   WOUND CHIP INDUCTOR
logo
XFMRS Inc.
XFWIC453630-150K XFMRS-XFWIC453630-150K Datasheet
36Kb / 1P
   Wound Chip Inductor
XFWIC453630-470K XFMRS-XFWIC453630-470K Datasheet
64Kb / 1P
   Wound Chip Inductor
XF070603-R10M XFMRS-XF070603-R10M Datasheet
35Kb / 1P
   WOUND CHIP INDUCTOR
XF070603-R20M XFMRS-XF070603-R20M Datasheet
36Kb / 1P
   WOUND CHIP INDUCTOR
logo
ABC Taiwan Electronics ...
SL10051N0DL ABC-SL10051N0DL Datasheet
465Kb / 6P
   WOUND CHIP INDUCTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com