Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43501A6686M007 Datasheet(PDF) 10 Page - EPCOS

Part # B43501A6686M007
Description  Aluminum electrolytic capacitors
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43501A6686M007 Datasheet(HTML) 10 Page - EPCOS

Back Button B43501A6686M007 Datasheet HTML 6Page - EPCOS B43501A6686M007 Datasheet HTML 7Page - EPCOS B43501A6686M007 Datasheet HTML 8Page - EPCOS B43501A6686M007 Datasheet HTML 9Page - EPCOS B43501A6686M007 Datasheet HTML 10Page - EPCOS B43501A6686M007 Datasheet HTML 11Page - EPCOS B43501A6686M007 Datasheet HTML 12Page - EPCOS B43501A6686M007 Datasheet HTML 13Page - EPCOS B43501A6686M007 Datasheet HTML 14Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
2) 120-Hz conversion factor of ripple current: IAC (120 Hz) = 1.03 IAC (100 Hz)
Technical data and ordering codes
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
ESRmax
100 Hz
20
°C
m
Zmax
10 kHz
20
°C
m
IAC,max
100 Hz
60
°C
A
IAC,R2)
100 Hz
85
°C
A
Ordering code
(composition see
below)
Composition of ordering code
* =
Insulation feature
# =
Terminal style
0 = PVC insulation
6 = PET insulation
8 = PVC insulation with additional PET insulation
cap on terminal side
0 = snap-in standard terminals (6.3 mm)
2 = snap-in 3 terminals (4.5 mm)
7 = snap-in short terminals (4.5 mm)
VR = 250 V DC
150
22
× 25
660
1070
860
1.78
0.91
B43501C2157M0*#
220
22
× 30
450
730
580
2.35
1.20
B43501C2227M0*#
220
25
× 25
450
730
580
2.35
1.20
B43501D2227M0*#
330
22
× 35
300
490
390
2.95
1.51
B43501C2337M0*#
330
25
× 30
300
490
390
3.13
1.60
B43501D2337M0*#
470
25
× 35
210
340
280
3.84
1.96
B43501C2477M0*#
470
30
× 30
210
340
280
3.92
2.00
B43501D2477M0*#
680
25
× 45
150
240
190
5.07
2.59
B43501C2687M0*#
680
30
× 35
150
240
190
5.03
2.57
B43501D2687M0*#
680
35
× 30
150
240
190
4.97
2.54
B43501E2687M0*#
1000
30
× 45
100
160
130
6.29
3.21
B43501C2108M0*#
1000
35
× 35
100
160
130
6.35
3.24
B43501D2108M0*#
1200
30
× 55
85
140
110
7.44
3.80
B43501A2128M0*#
1200
35
× 40
85
140
110
7.29
3.72
B43501B2128M0*#
1500
35
× 45
65
110
90
8.50
4.34
B43501B2158M0*#
1800
35
× 55
55
90
75
10.0
5.12
B43501A2188M0*#
VR = 385 V DC
68
22
× 25
980
1950
1560
1.19
0.61
B43501A3686M0*#
100
22
× 30
660
1330
1060
1.54
0.79
B43501A3107M0*#
100
25
× 25
660
1330
1060
1.56
0.80
B43501B3107M0*#
150
22
× 40
440
890
710
2.15
1.10
B43501A3157M0*#
150
25
× 30
440
890
710
2.03
1.04
B43501B3157M0*#
220
25
× 40
300
610
490
2.76
1.41
B43501A3227M0*#
220
30
× 30
300
610
490
2.74
1.40
B43501B3227M0*#
330
25
× 50
200
410
330
3.68
1.88
B43501B3337M0*#
330
30
× 40
200
410
330
3.72
1.90
B43501A3337M0*#
470
30
× 50
140
290
230
4.78
2.44
B43501B3477M0*#
470
35
× 40
140
290
230
4.90
2.50
B43501A3477M0*#
560
30
× 55
120
240
190
5.40
2.76
B43501B3567M0*#
560
35
× 45
120
240
190
5.52
2.82
B43501A3567M0*#
680
35
× 50
100
200
160
6.13
3.13
B43501A3687M0*#
B43501
Long useful life
85
°C
Page 10 of 21
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43501A6686M007

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43501A0107M000 EPCOS-B43501A0107M000 Datasheet
292Kb / 11P
   Snap-In Capacitors Long Useful Life - 85
B43501A0107M000 EPCOS-B43501A0107M000 Datasheet
294Kb / 11P
   Snap-In Capacitors
B43501A0107M002 EPCOS-B43501A0107M002 Datasheet
292Kb / 11P
   Snap-In Capacitors Long Useful Life - 85
B43501A0107M007 EPCOS-B43501A0107M007 Datasheet
292Kb / 11P
   Snap-In Capacitors Long Useful Life - 85
B43501A0127M000 EPCOS-B43501A0127M000 Datasheet
292Kb / 11P
   Snap-In Capacitors Long Useful Life - 85
More results

Similar Description - B43501A6686M007

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com