Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM252012NJ3 Datasheet(PDF) 1 Page - ABC Taiwan Electronics Corp

Part # CM252012NJ3
Description  WOUND CHIP INDUCTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

CM252012NJ3 Datasheet(HTML) 1 Page - ABC Taiwan Electronics Corp

  CM252012NJ3 Datasheet HTML 1Page - ABC Taiwan Electronics Corp CM252012NJ3 Datasheet HTML 2Page - ABC Taiwan Electronics Corp CM252012NJ3 Datasheet HTML 3Page - ABC Taiwan Electronics Corp CM252012NJ3 Datasheet HTML 4Page - ABC Taiwan Electronics Corp CM252012NJ3 Datasheet HTML 5Page - ABC Taiwan Electronics Corp CM252012NJ3 Datasheet HTML 6Page - ABC Taiwan Electronics Corp CM252012NJ3 Datasheet HTML 7Page - ABC Taiwan Electronics Corp CM252012NJ3 Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
a﹒Temp. rise :20℃ max.
b﹒Ambient temp.:80℃ max.
f﹒Rated current:Current cause
e﹒Terminal strength:0.5 kg min.
d﹒Operating temp.:-40℃----+85℃
c﹒Storage temp.:-40℃ ----+100℃
e﹒Remark:Products comply with RoHS' requirements
d﹒Encapsulate:Epoxy novolac molding compound
h﹒Resistance to solvent:Per MIL-STD-202F
g﹒Resistance to solder heat:260℃.10 secs.
Ⅳ﹒GENERAL SPECIFICATION:
c﹒Terminal:Cu/Sn
AR-001A
Temp erature
2 ~ 4
/ sec
R is in g Area
M ax time above 225℃ :3 0sec max.
M ax time above 200℃ :5 0sec max.
Peak Temp:245 ℃ max.
inductance drop within 10%
100
0
50
150
200
250
100
50
Time ( seconds )
150
200
250
( 2 0~3 0sec)
30sec max.
10sec
2 40 ±5℃
R eflo w Area
2 ~ 4
/ sec
1 50 ~ 180
/ 90 ~ 150 sec
P reh eat Area
b
3 ~ 5
/ sec
F orced Co ol in g Area
Not Marking
a﹒Core:Ferrite DR core
b﹒Wire :Enamelled copper wire ( class F )
REF : 20080718-A
Ⅲ﹒MATERIALS:
Ⅱ﹒SCHEMATIC DIAGRAM:
Ⅰ﹒CONFIGURATION & DIMENSIONS:
PROD.
NAME
F
F
E
c
a
d
0.9
( PCB Pattern )
0.9
1.5
ABC'S ITEM NO.
ABC'S DWG NO.
SPECIFICATION FOR APPROVAL
A
WOUND CHIP INDUCTOR
F
:
0.40
E
:
1.4±0.1
C
:
1.8±0.1
B
:
2.0±0.1
A
:
2.5±0.2
m/m
m/m
m/m
m/m
m/m
CM2520□□□□3□-□□□
PAGE: 1


Similar Part No. - CM252012NJ3

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CM252016-100K BOURNS-CM252016-100K Datasheet
419Kb / 7P
   SMT Chip Inductors
CM252016-100KL BOURNS-CM252016-100KL Datasheet
372Kb / 9P
   High resistance to heat and humidity
CM252016-100KL BOURNS-CM252016-100KL Datasheet
305Kb / 7P
   High resistance to heat and humidity
CM252016-101K BOURNS-CM252016-101K Datasheet
419Kb / 7P
   SMT Chip Inductors
CM252016-101KL BOURNS-CM252016-101KL Datasheet
305Kb / 7P
   High resistance to heat and humidity
More results

Similar Description - CM252012NJ3

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
CM3225R12ML ABC-CM3225R12ML Datasheet
553Kb / 8P
   WOUND CHIP INDUCTOR
CM4532R10ML ABC-CM4532R10ML Datasheet
583Kb / 8P
   WOUND CHIP INDUCTOR
SW2022R47K2 ABC-SW2022R47K2 Datasheet
614Kb / 8P
   WOUND CHIP INDUCTOR
logo
Bourns Electronic Solut...
CW201212_MDS BOURNS-CW201212_MDS Datasheet
51Kb / 3P
   WOUND CHIP INDUCTOR
logo
XFMRS Inc.
XFWIC453630-331K XFMRS-XFWIC453630-331K Datasheet
46Kb / 1P
   Wound Chip Inductor
XFWIC453630-150K XFMRS-XFWIC453630-150K Datasheet
36Kb / 1P
   Wound Chip Inductor
XFWIC453630-470K XFMRS-XFWIC453630-470K Datasheet
64Kb / 1P
   Wound Chip Inductor
XF070603-R10M XFMRS-XF070603-R10M Datasheet
35Kb / 1P
   WOUND CHIP INDUCTOR
XF070603-R20M XFMRS-XF070603-R20M Datasheet
36Kb / 1P
   WOUND CHIP INDUCTOR
logo
ABC Taiwan Electronics ...
SL10051N0DL ABC-SL10051N0DL Datasheet
465Kb / 6P
   WOUND CHIP INDUCTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com