Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS6121KLF Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # TS6121KLF
Description  10/100 BASE PULSE TRANSFOREMER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

TS6121KLF Datasheet(HTML) 1 Page - Bothhand USA, LP.

  TS6121KLF Datasheet HTML 1Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P/N: TS6121K LF DATA SHEET
Feature
!
Designed to meet IEEE 802.3u requirement, including
350uH OCL with 8mA bias.
!
Lead free for external pins.
!
Operating temperature range: 0
°C to +70°C.
!
Storage temperature range: -25
°C to +125°C.
Electrical Specifications @ 25°C
Turns Ratio
DCR
(Ω Max)
Insertion Loss
(dB Max)
Part
Number
TX
RX
OCL (uH Min)
@ 100KHz/0.1V
with 8mA Bias
CW/W
(pF Max)
L.L
(uH Max)
1-3/11-9
16-14/6-8
0.3-100MHz
HI-POT
(Vrms)
TS6121K LF
1CT:1
1CT:1CT
350
28
0.5
0.9
1.1
-1.15
1500
Continue
Return Loss
(dB Min)
Cross talk
(dB Min)
DCMR
(dB Min)
Part
Number
0.3-30MHz
40MHz
50MHz
60-80MHz 0.3-30MHz
60MHz
80-100MHz
0.3-30MHz
60MHz
100MHz
TS6121K LF
-18
-15.5
-13.0
-12
-50
-45
-40
-42
-35
-30
Schematic
Mechanical
Bothhandusa.com
10/100 BASE PULSE TRANSFORMER
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434


Similar Part No. - TS6121KLF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS6121K ETC1-TS6121K Datasheet
343Kb / 4P
   10/100 BASE PULSE TRANSFORMERS (SMD) SMALL SIZE
logo
Bothhand USA, LP.
TS6121K BOTHHAND-TS6121K Datasheet
264Kb / 1P
   10/100 BASE PULSE TRANSFORMER
TS6121K BOTHHAND-TS6121K Datasheet
196Kb / 1P
   10/100 BASE PULSE TRANSFORMER
TS6121KX BOTHHAND-TS6121KX Datasheet
264Kb / 1P
   10/100 BASE PULSE TRANSFOREMER
TS6121K BOTHHAND-TS6121K_1 Datasheet
196Kb / 1P
   10/100 BASE PULSE TRANSFORMER
More results

Similar Description - TS6121KLF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
TS6121KX BOTHHAND-TS6121KX Datasheet
264Kb / 1P
   10/100 BASE PULSE TRANSFOREMER
TN8515 BOTHHAND-TN8515 Datasheet
187Kb / 1P
   10/100 BASE PULSE TRANSFORMER
TS6121K BOTHHAND-TS6121K_1 Datasheet
196Kb / 1P
   10/100 BASE PULSE TRANSFORMER
TS21AYHF BOTHHAND-TS21AYHF Datasheet
232Kb / 2P
   10/100 BASE PULSE TRANSFORMER
TS6121A BOTHHAND-TS6121A_1 Datasheet
260Kb / 1P
   10/100 BASE PULSE TRANSFORMER
TS8121KLF BOTHHAND-TS8121KLF Datasheet
79Kb / 1P
   10/100 BASE PULSE TRANSFORMER
TS8114LF BOTHHAND-TS8114LF Datasheet
76Kb / 1P
   10 /100 BASE PULSE TRANSFORMER
TS6122M BOTHHAND-TS6122M Datasheet
266Kb / 2P
   10/100 BASE PULSE TRANSFORMER
TS6122 BOTHHAND-TS6122 Datasheet
261Kb / 1P
   10/100 BASE PULSE TRANSFORMER
TS6121F BOTHHAND-TS6121F Datasheet
293Kb / 1P
   10/100 BASE PULSE TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com