Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HP0402R47ML Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # HP0402R47ML
Description  SHIELDED SMD POWER INDUCTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

HP0402R47ML Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  HP0402R47ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp HP0402R47ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp HP0402R47ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp HP0402R47ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp HP0402R47ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp HP0402R47ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SPECIFICATION FOR APPROVAL
AR-001A
Ⅴ﹒ELECTRICAL CHARACTERISTICS:
REF : 20090602-A
PAGE: 2
ABC'S DWG No.
ABC'S ITEM No.
PROD.
NAME
POWER INDUCTOR
SHIELDED SMD
0.10 ± 20 %
Inductance
DWG No.
L ( μH )
12.0
typ.
RDC
( mΩ )
4.5
max.
Isat(A)
4). Isat base on inductance drop 20% typ. of L value at 20℃
3). Measured frequency of inductance is 100 KHz / 0.25V
5). Irms base on temp. rise 40
typ.
HP0402R10ML□-□□□
typ.
Irms(A)
typ.
1). □:Packaging information … A:Bulk B:Taping Reel
2). "-
":Reference code
□ □
0.22 ± 20 %
9.0
8.5
0.47 ± 20 %
7.0
16.0
1.00 ± 20 %
5.0
27.0
2.20 ± 20 %
3.5
68.0
4.2
8.0
14.5
24.0
61.0
HP0402R22ML□-□□□
HP0402R47ML□-□□□
HP04021R0ML□-□□□
HP04022R2ML□-□□□
4.70 ± 20 %
2.0
105.0
95.0
HP04024R7ML□-□□□
12.0
9.0
7.0
4.5
3.5
2.0
HP0402□□□□L□-□□□


Similar Part No. - HP0402R47ML

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
HP0402R47M2 ABC-HP0402R47M2 Datasheet
110Kb / 6P
   SHIELDED SMD POWER INDUCTOR
More results

Similar Description - HP0402R47ML

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-1306S ABRACON-ASPI-1306S Datasheet
1Mb / 3P
   SMD SHIELDED POWER INDUCTOR
07.25.13
logo
Central Technologies
CTSR0906F CT-CTSR0906F Datasheet
429Kb / 1P
   SMD Shielded Power Inductor
logo
ABC Taiwan Electronics ...
SS12052R5ML ABC-SS12052R5ML Datasheet
609Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS12801R1YL ABC-SS12801R1YL Datasheet
147Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SU10303R5YF ABC-SU10303R5YF Datasheet
128Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU20091R0YP ABC-SU20091R0YP Datasheet
101Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU20131R0YL ABC-SU20131R0YL Datasheet
105Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU30091R3YL ABC-SU30091R3YL Datasheet
96Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU50284R7Y2 ABC-SU50284R7Y2 Datasheet
129Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
   SHIELDED SMD POWER INDUCTOR
logo
Datatronic Distribution...
DR364-202 DATATRONICS-DR364-202 Datasheet
81Kb / 1P
   SHIELDED SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com