Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB18061R0ML Datasheet(PDF) 7 Page - ABC Taiwan Electronics Corp

Part # SB18061R0ML
Description  SMD POWER INDUCTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SB18061R0ML Datasheet(HTML) 7 Page - ABC Taiwan Electronics Corp

  SB18061R0ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SB18061R0ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SB18061R0ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SB18061R0ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SB18061R0ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SB18061R0ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SB18061R0ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
4
5
0
4
1
240
200
3.0
94V-0
220
240
130
220
240
130
130
130
130
130
130
130
130
AR-001A
NC , BK
NC , BK
NC , BK
E4810
E400(Y)L , E4008L
E4010
3.0
94V-0
0.30
0.75
3.0
1.5
94V-0
94V-0
94V-0
94V-0
0.30
0.75
0.30
0.75
3.0
1.5
1.5
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
130
130
130
130
130
130
130
130
130
130
220
130
130
130
220
220
130
200
130
130
130
180
200
130
5
0
4
1
4
1
___
0
0
___
4
4
5
0
___
___
___
___
___
___
4
1
___
2
3
___
4
4
___
3
2
___
4
4
5
0
___
___
___
___
___
___
___
___
___
___
___
___
4
4
___
___
___
4
___
___
___
___
___
___
ABC'S DWG NO.
ABC'S ITEM NO.
SPECIFICATION FOR APPROVAL
Imp
130
130
130
130
w/o
220
240
130
Liquid crystal plyester (LCP), designated "EKONOL" or "SUMIKASUPER", furnished in the form of pellets, (Contd)
PROD.
SMD POWER INDUCTOR
NC , BK
NC , WT , BK
E4008 , E400X
E4008
Mtl Dsg
NAME
0.75
0.30
0.75
0.30
3.0
1.5
1.5
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
Min
Thk
Col
mm
Flame
UL94
Class
130
220
220
130
130
130
130
130
200
180
130
130
130
130
RTI
Imp
with
Elec
Mech
REF :
E54705 (M)
4
1
___
3
2
___
4
4
___
3
2
___
4
4
5
0
___
___
___
___
___
___
___
___
___
___
___
___
I
H
W
H
I
A
D
H
V
R
T
4
5
9
4
___
___
___
___
___
___
C
I
T
SB1806□□□□L□-□□□
PAGE: 7
20070414-A


Similar Part No. - SB18061R0ML

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB180 PANJIT-SB180 Datasheet
45Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 50 to 100 Volts CURRENT - 1.0 Ampere)
logo
Nanjing International G...
SB180 DGNJDZ-SB180 Datasheet
295Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Tak Cheong Electronics ...
SB180 TAK_CHEONG-SB180 Datasheet
121Kb / 2P
   1.0AMP. Schottky Barrier Rectifier
logo
Continental Device Indi...
SB180 CDIL-SB180 Datasheet
485Kb / 5P
   SCHOTTKY BARRIER RECTIFIERS
logo
Transys Electronics
SB180 TRSYS-SB180 Datasheet
145Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SB18061R0ML

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com