Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB1108680ML Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SB1108680ML
Description  SMD POWER INDUCTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SB1108680ML Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SB1108680ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SB1108680ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SB1108680ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SB1108680ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SB1108680ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SB1108680ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SB1108680ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
□□
2)."-
":Reference code
DC Current (A)
DC Current (A)
DC Current (A)
DC Current (A)
DC Current (A)
2.5
2.0
1.5
1.0
0.5
80
L
60
40
0
20
100
221
∆T℃
150.0
180.0
210.0
240.0
0.0
30.0
60.0
90.0
120.0
0
4.0
3.5
3.0
2.5
2.0
1.5
1.0
50.0
60.0
70.0
80.0
0.0
10.0
20.0
30.0
40.0
L
∆T℃
∆T℃
L
24.0
21.0
18.0
15.0
12.0
9.0
6.0
3.0
0.0
8
7
6
5
4
3
2
1
∆T℃
L
2
4
6
8
10
12
14
5.0
6.0
8.0
7.0
2.0
1.0
3.0
4.0
∆T℃
L
5
1.5
1.8
2.4
2.1
0.0
0.6
0.3
0.9
1.2
0.6
0.3
0.4
0.5
0.1
0.2
50
40
30
20
10
SMD POWER INDUCTOR
90.0
7.6
3.6
5.3
4.5
10.5
29.0
19.0
14.0
58.0
40.0
120.0
190.0
340.0
560.0
265.0
55.0
9.2
8.0
6.5
Irms
( A )
16.7
13.4
15.4
10.7
5.3
4.4
2.8
3.6
2.5
2.0
1.4
1.1
1.6
25.0
10.0
SB11086R5ML□-□□□
6.5 ± 20 %
1.7
SB1108221ML□-□□□
220.0 ± 20 %
720.0
2.0
SB1108151ML□-□□□
150.0 ± 20 %
440.0
2.4
SB1108101ML□-□□□
100.0 ± 20 %
330.0
3.0
SB1108680ML□-□□□
68.0 ± 20 %
240.0
3.8
SB1108470ML□-□□□
47.0 ± 20 %
150.0
4.3
SB1108330ML□-□□□
33.0 ± 20 %
120.0
5.4
SB1108220ML□-□□□
22.0 ± 20 %
75.0
6.5
SB1108150ML□-□□□
15.0 ± 20 %
38.0
8.0
SB1108100ML□-□□□
10.0 ± 20 %
20.0
12.0
SB11084R5ML□-□□□
4.5 ± 20 %
15.0
13.5
SB11083R3ML□-□□□
3.3 ± 20 %
12.0
17.5
SB11082R0ML□-□□□
2.0 ± 20 %
8.5
21.0
SB11081R3ML□-□□□
1.3 ± 20 %
6.5
26.0
SB1108R80YL□-□□□
0.8 ± 30 %
SB1108□□□□L□-□□□
0.5
( A )
Isat
34.0
L
∆T℃
15
10
100
80
40
60
2R0
100
80
40
60
R50
20
0
25
20
15
220
80
60
40
0
20
100
0
20
0
6R5
80
60
40
0
20
100
0
0.0
0.0
DC Current (A)
100
80
680
40
20
0
60
0
0
0
1). □:Packaging information … A:Bulk B:Taping Reel
typ.
SB1108R50YL□-□□□
@ Performance Graphs
NAME
PROD.
ABC'S ITEM No.
ABC'S DWG No.
5). Irms base on temp. rise 40
typ.
3). Measured frequency of inductance is 1 KHz / 1V
4). Isat base on inductance drop 10% typ. of L value at 20℃
max.
5.0
( mΩ )
RDC
( µH )
DWG No.
Inductance
0.5 ± 30 %
PAGE: 2
REF :
Ⅴ﹒
ELECTRICAL CHARACTERISTICS:
AE-001A
SPECIFICATION FOR APPROVAL


Similar Part No. - SB1108680ML

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SB110 VISHAY-SB110 Datasheet
74Kb / 4P
   Schottky Barrier Plastic Rectifier
Revision: 05-May-17
SB110 VISHAY-SB110 Datasheet
74Kb / 4P
   Schottky Barrier Plastic Rectifier
01-Jan-2022
logo
Nanjing International G...
SB1100 DGNJDZ-SB1100 Datasheet
295Kb / 2P
   1.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SB1100 PANJIT-SB1100 Datasheet
63Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Diotec Semiconductor
SB1100 DIOTEC-SB1100 Datasheet
91Kb / 2P
   Schottky Barrier Rectifier Diodes
More results

Similar Description - SB1108680ML

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com