Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB1030150ML Datasheet(PDF) 7 Page - ABC Taiwan Electronics Corp

Part # SB1030150ML
Description  SMD POWER INDUCTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SB1030150ML Datasheet(HTML) 7 Page - ABC Taiwan Electronics Corp

  SB1030150ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SB1030150ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SB1030150ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SB1030150ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SB1030150ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SB1030150ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp SB1030150ML Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
___
___
___
4
2
240
200
220
94V-0
1.5
AE-001A
NC , BK
NC , BK
E400(Y)L , E4008L
E4810
94V-0
1.5
3.0
94V-0
1.5
3.0
0.75
0.30
3.0
0.75
0.30
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
130
130
130
130
130
130
130
130
130
130
220
130
130
130
130
130
130
130
130
130
130
200
130
130
240
130
130
___
___
4
0
14
0
5
4
2
___
1
0
___
4
4
___
1
3
___
4
4
___
___
___
0
___
5
___
___
___
0
___
5
___
___
___
4
___
4
___
___
4
___
___
ABC'S ITEM NO.
ABC'S DWG NO.
SPECIFICATION FOR APPROVAL
Imp
Liquid crystal plyester (LCP), designated "EKONOL" or "SUMIKASUPER", furnished in the form of pellets, (Contd)
PROD.
SMD POWER INDUCTOR
NC , BK
NC , BK
NC , WT , BK
E4010
E4008
E4008 , E400X
Mtl Dsg
NAME
94V-0
0.75
0.75
1.5
3.0
0.75
0.30
3.0
1.5
0.30
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
94V-0
mm
Col
0.30
Thk
Min
Class
94V-0
Flame
UL94
130
130
130
220
220
220
220
130
130
130
130
220
180
200
200
180
130
240
240
220
130
130
130
130
130
130
130
Imp
with
RTI
130
Elec
130
130
Mech
w/o
REF :
___
___
4
3
4
3
___
2
1
3
___
4
4
4
___
1
2
___
4
4
___
___
___
0
___
5
___
___
___
0
___
5
___
___
I
I
___
___
W
H
A
H
5
R
___
___
___
___
H
T
V
D
9
4
___
___
4
___
___
4
___
___
I
___
___
T
C
SB1030□□□□L□-□□□
E54705 (M)
PAGE: 7


Similar Part No. - SB1030150ML

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB1030 PANJIT-SB1030 Datasheet
38Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 100 Volts CURRENT - 10.0 Ampere)
logo
Transys Electronics
SB1030 TRSYS-SB1030 Datasheet
146Kb / 2P
   10 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SB1030 WTE-SB1030 Datasheet
39Kb / 3P
   10A SCHOTTKY BARRIER RECTIFIER
SB1030 WTE-SB1030 Datasheet
50Kb / 4P
   10A SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB1030 PANJIT-SB1030 Datasheet
425Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SB1030150ML

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com