Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPB-7910AG Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # SPB-7910AG
Description  1490 nm TX / 1310 nm RX , 3.3V / 1250 Mbps Single-Fiber SFP Transceiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPB-7910AG Datasheet(HTML) 1 Page - Optoway Technology Inc

  SPB-7910AG Datasheet HTML 1Page - Optoway Technology Inc SPB-7910AG Datasheet HTML 2Page - Optoway Technology Inc SPB-7910AG Datasheet HTML 3Page - Optoway Technology Inc SPB-7910AG Datasheet HTML 4Page - Optoway Technology Inc SPB-7910AG Datasheet HTML 5Page - Optoway Technology Inc SPB-7910AG Datasheet HTML 6Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Optoway
SPB-7910G
***********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
1/1/2008
V3.0
1
SPB-7910G / SPB-7910BG / SPB-7910AG
(SC BIDI SFP)
(RoHS Compliant)
SPB-7910LG / SPB-7910BLG / SPB-7910ALG
(LC BIDI SFP)
1490 nm TX / 1310 nm RX , 3.3V / 1250 Mbps Single-Fiber SFP Transceiver
**********************************************************************************************************************************************************************
FEATURES
l 1-Fiber Bi-Directional SFP Optical Transceiver
l Compliant with IEEE 802.3ah-2004 1000BASE-BX
l Simplex SC Connector: SPB-7910G
l Simplex LC Connector: SPB-7910LG
l 1490 nm DFB LD Transmitter
l 1310 nm Receiver
l Distance Up to 10 km
l AC/AC Coupling according to MSA
l Single +3.3 V Power Supply
l RoHS Compliant
l 0 to 70oC Operating: SPB-7910G
l -10 to 85oC Operating: SPB-7910BG
l -40 to 85oC Operating: SPB-7910BG
l Class 1 Laser International Safety Standard IEC 60825
Compliant
APPLICATIONS
l WDM Gigabit Ethernet Links
l SONET/SDH Equipment Interconnect
l Fibre Channel Links
DESCRIPTION
The SPB-7910G series is small form factor pluggable
module for Gigabit Ethernet 1000BASE-BX and Fibre
Channel single fiber communications by using 1490 nm
transmitter and 1310 nm receiver. It is with the SFP 20-pin
connector to allow hot plug capability.
The transmitter
section uses a multiple quantum well 1490 nm DFB laser
and is a class 1 laser compliant according to International
Safety Standard IEC 60825. The receiver section uses an
integrated 1310 nm detector preamplifier (IDP) mounted in
an optical header and a limiting post-amplifier IC.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC 60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports of
the module shall be terminated with an optical connector or
with a dust plug.
ORDER INFORMATION
P/No.
Bit Rate
(Gb/s)
Distance
(km)
TX
(nm)
RX
(nm)
Package
Temp
(
oC)
TX Power
(dBm)
RX Sens.
(dBm)
RoHS
Compliant
SPB-7910G
1.25
10
1490 DFB
1310
SC SFP
0 to 70
-3 to -9
-20
Yes
SPB-7910BG
1.25
10
1490 DFB
1310
SC SFP
-10 to 85
-3 to -9
-20
Yes
SPB-7910AG
1.25
10
1490 DFB
1310
SC SFP
-40 to 85
-3 to -9
-20
Yes
SPB-7910LG
1.25
10
1490 DFB
1310
LC SFP
0 to 70
-3 to -9
-20
Yes
SPB-7910BLG
1.25
10
1490 DFB
1310
LC SFP
-10 to 85
-3 to -9
-20
Yes
SPB-7910ALG
1.25
10
1490 DFB
1310
LC SFP
-40 to 85
-3 to -9
-20
Yes


Similar Part No. - SPB-7910AG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPB-7910AG OPTOWAY-SPB-7910AG Datasheet
178Kb / 6P
   1250 Mbps Single-Fiber SFP Transceiver
More results

Similar Description - SPB-7910AG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPB-7860G OPTOWAY-SPB-7860G Datasheet
171Kb / 5P
   1310 nm TX / 1490 nm RX , 3.3V / 1250 Mbps Single-Fiber SFP Transceiver
SPB-7920G OPTOWAY-SPB-7920G Datasheet
172Kb / 5P
   1490 nm TX / 1310 nm RX , 3.3V / 1250 Mbps Single-Fiber SFP Transceiver
SPB-7960G OPTOWAY-SPB-7960G_08 Datasheet
178Kb / 6P
   1490 nm TX / 1310 nm RX , 3.3V / 1250 Mbps Single-Fiber SFP Transceiver
SPB-7840G OPTOWAY-SPB-7840G_08 Datasheet
177Kb / 6P
   1310 nm TX / 1490 nm RX , 3.3V / 1250 Mbps Single-Fiber SFP Transceiver
SPB-7940G OPTOWAY-SPB-7940G Datasheet
172Kb / 5P
   1490 nm TX / 1310 nm RX , 3.3V / 1250 Mbps Single-Fiber SFP Transceiver
SPB-7840G OPTOWAY-SPB-7840G Datasheet
172Kb / 5P
   1310 nm TX / 1490 nm RX , 3.3V / 1250 Mbps Single-Fiber SFP Transceiver
SPB-7860G OPTOWAY-SPB-7860G_08 Datasheet
177Kb / 6P
   1310 nm TX / 1490 nm RX , 3.3V / 1250 Mbps Single-Fiber SFP Transceiver
SPB-7920G OPTOWAY-SPB-7920G_08 Datasheet
178Kb / 6P
   1490 nm TX / 1310 nm RX , 3.3V / 1250 Mbps Single-Fiber SFP Transceiver
SPB-7810G OPTOWAY-SPB-7810G_08 Datasheet
177Kb / 6P
   1310 nm TX / 1490 nm RX , 3.3V / 1250 Mbps Single-Fiber SFP Transceiver
SPB-7820G OPTOWAY-SPB-7820G_08 Datasheet
177Kb / 6P
   1310 nm TX / 1490 nm RX , 3.3V / 1250 Mbps Single-Fiber SFP Transceiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com