Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPB-9110LV-T3R5G Datasheet(PDF) 4 Page - Optoway Technology Inc

Part # SPB-9110LV-T3R5G
Description  1310 nm TX / 1550 nm RX / 3 Gb/s Medium Power 1-Fibre SM Video SFP Transceiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPB-9110LV-T3R5G Datasheet(HTML) 4 Page - Optoway Technology Inc

  SPB-9110LV-T3R5G Datasheet HTML 1Page - Optoway Technology Inc SPB-9110LV-T3R5G Datasheet HTML 2Page - Optoway Technology Inc SPB-9110LV-T3R5G Datasheet HTML 3Page - Optoway Technology Inc SPB-9110LV-T3R5G Datasheet HTML 4Page - Optoway Technology Inc SPB-9110LV-T3R5G Datasheet HTML 5Page - Optoway Technology Inc SPB-9110LV-T3R5G Datasheet HTML 6Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Optoway
SPB-9110LV-T3R5G
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
3/1/2009 V1.0
4
CONNECTION DIAGRAM
PIN
Name
Function
Notes
1
Vee
Signal Ground
2
TX_Fault
Transmitter Fault Indicator (Active high,
open-drain)
3
NC
No Connection
4
Vee
Signal Ground
5
SCL
Serial I
2C Clock
6
SDA
Serial I
2C Data
7
Vee
Signal Ground
8
RX_LOS
Receiver Loss of Signal Indicator (Active
high, open-drain)
9
NC
No Connection
10
NC
No Connection
11
Vee
Signal Ground
12
RX-
Negative Differential Output
13
RX+
Positive Differential Output
14
Vee
Signal Ground
15
Vcc RX
Power Supply
16
Vcc TX
Power Supply
+3.3V±5%, Internal connected
17
Vee
Signal Ground
18
TX+
Positive Transmitter Data In
19
TX-
Negative Transmitter Data In
AC coupled differential lines with 100 ohm
differential termination inside the module
20
TX_DIS
Transmitter Disable
Internal 4.7 kΩ pull-up. The bias current and
modulation current are turned off if TX1_DIS =
HIGH.


Similar Part No. - SPB-9110LV-T3R5G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPB-9110LV-T3R5G OPTOWAY-SPB-9110LV-T3R5G Datasheet
146Kb / 6P
   1550 nm TX / 1310 nm RX / 3 Gb/s Medium Power 1-Fibre SM Video SFP Transceiver
SPB-9110LV-T3R5G OPTOWAY-SPB-9110LV-T3R5G_15 Datasheet
143Kb / 6P
   3 Gb/s Medium Power 1-Fibre SM Video SFP Transceiver
SPB-9110LV-T3R5G_2015 OPTOWAY-SPB-9110LV-T3R5G_2015 Datasheet
143Kb / 6P
   3 Gb/s Medium Power 1-Fibre SM Video SFP Transceiver
More results

Similar Description - SPB-9110LV-T3R5G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPB-9110LV-T5R3G OPTOWAY-SPB-9110LV-T5R3G Datasheet
146Kb / 6P
   1550 nm TX / 1310 nm RX / 3 Gb/s Medium Power 1-Fibre SM Video SFP Transceiver
SPB-9610LVG OPTOWAY-SPB-9610LVG Datasheet
173Kb / 6P
   1310 nm TX / 1550 nm RX / 3 Gb/s Medium Power 1-Fibre SM Video SFP Transceiver
SPB-9710LVG OPTOWAY-SPB-9710LVG Datasheet
171Kb / 6P
   1550 nm TX / 1310 nm RX / 3 Gb/s Medium Power 1-Fibre SM Video SFP Transceiver
SPB-9110LVW-T5R3G OPTOWAY-SPB-9110LVW-T5R3G Datasheet
147Kb / 6P
   1550 nm TX / 1310 nm RX / 3 Gb/s Medium Power 1-Fibre SMVideo Digital Diagnostic SFP Transceiver
SPB-9710LVWG OPTOWAY-SPB-9710LVWG Datasheet
171Kb / 6P
   1550 nm TX / 1310 nm RX / 3 Gb/s Medium Power 1-Fibre SMVideo Digital Diagnostic SFP Transceiver
SPB-9610LVWG OPTOWAY-SPB-9610LVWG Datasheet
173Kb / 6P
   1310 nm TX / 1550 nm RX / 3 Gb/s Medium Power 1-Fibre SMVideo Digital Diagnostic SFP Transceiver
SPB-9110LVW-T3R5G OPTOWAY-SPB-9110LVW-T3R5G Datasheet
148Kb / 6P
   1310 nm TX / 1550 nm RX / 3 Gb/s Medium Power 1-Fibre SMVideo Digital Diagnostic SFP Transceiver
SPB-9110V-T3T5G OPTOWAY-SPB-9110V-T3T5G Datasheet
115Kb / 5P
   1310 nm TX / 1550 nm TX / 3 Gb/s Medium Power 1-Fibre BIDI SM Dual Transmitter
SPS-9110VG OPTOWAY-SPS-9110VG Datasheet
173Kb / 6P
   1310 nm / 3 Gb/s Medium Power SM Video SFP Transceiver
SPS-9350VG OPTOWAY-SPS-9350VG Datasheet
173Kb / 6P
   1550 nm / 3 Gb/s Medium Power SM Video SFP Transceiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com