Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIM300AZ Datasheet(PDF) 1 Page - Lineage Power Corporation

Part # PIM300AZ
Description  ATCA Board Power Input Modules
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

PIM300AZ Datasheet(HTML) 1 Page - Lineage Power Corporation

  PIM300AZ Datasheet HTML 1Page - Lineage Power Corporation PIM300AZ Datasheet HTML 2Page - Lineage Power Corporation PIM300AZ Datasheet HTML 3Page - Lineage Power Corporation PIM300AZ Datasheet HTML 4Page - Lineage Power Corporation PIM300AZ Datasheet HTML 5Page - Lineage Power Corporation PIM300AZ Datasheet HTML 6Page - Lineage Power Corporation PIM300AZ Datasheet HTML 7Page - Lineage Power Corporation PIM300AZ Datasheet HTML 8Page - Lineage Power Corporation PIM300AZ Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Data Sheet
April 2, 2008
PIM300X Series; ATCA Board Power Input Modules
-38 to -75 Vdc; 300W Input
* UL is a registered trademark of Underwriters Laboratories, Inc.
CSA
is a registered trademark of Canadian Standards Association.
VDE
is a trademark of Verband Deutscher Elektrotechniker e.V.
** ISO is a registered trademark of the International Organization of Standards
Document No: DS06-134 ver. 1.0
PDF name: pim300_series_ds.pdf
Features
RoHS Compliant
300W / -48V telecom input power distribution
8W (3.3Vdc or 5.0Vdc) of isolated Management
Power for IPM or other housekeeping functions
OR’ing functionality for the A/B & RTN power feeds
as well as Enable A/B signals
Inrush protection / hot swap capability
Integral EMI filter designed for the ATCA board to
meet CISPR Class B
Independent 72Vdc output for charging the external
holdup capacitors resulting in significant board real
estate savings and bleed resistor power dissipation
A/B Feed Loss or open fuse alarm (opto-isolated)
Protection: Reverse polarity, under voltage, input
transient over voltage, over current & over
temperature
Applications
High efficiency : 98% @ –48V / 300W (@25C)
ATCA Front Board / Blade
-5 to 85ºC ambient temperature operation
Central Office Telecom equipment
Compact design : 70.6 mm x 36.8 mm x 12.7 mm
High availability server and storage
applications
(2.78 in x 1.45 in x 0.5 in)
Options
MTBF : 1,362,480 hours per TELCORDIA
ISO** 9001 & ISO 14001 certified manufacturing
facilities
Choice of System Management Power:
3.3Vdc (PIM300F)
Compliant to RoHS EU Directive 2002/95/EC
5.0Vdc (PIM300A)
UL
* 60950-1 Recognized, CSA C22.2 No. 60950-
1-03 Certified, EN 60950-1 (VDE
Choice of short pin lengths
0805: 2001-12)
Licensed , CE
Designed and tested for Basic Insulation (1500Vdc)
Description
The PIM300X-series is the higher power version of its highly successful predecessor, the PIM200X series. Besides
providing higher power over extended temperature range, the module is pin compatible and retains the same form
factor as the PIM200X series for ease of upgrading to higher power or thermally challenging ATCA board designs.
The PIM200X/300X series are a new class of power modules designed to greatly simplify the task of implementing
dual redundant, hot swap –48Vdc power distribution with EMI filtering on an ATCA or other telecom boards. The
PIM300X, when used with a variety of Lineage Power’s dc-dc converters/POLs provides for a quick, simple and
elegant power architecture solution to a wide variety of complex power requirements. While providing high reliability,
innovative features and compact design at a low cost, the module significantly reduces the valuable telecom board
real estate compared to conventional discrete designs. Besides processing the main –48V bus, the module greatly
simplifies the task of powering the IPM (for ATCA applications), system management or other housekeeping
functions by providing a completely isolated auxiliary 3.3V or 5.0V power bus.


Similar Part No. - PIM300AZ

ManufacturerPart #DatasheetDescription
logo
Directed Energy, Inc.
PIM-MINI-10 DEI-PIM-MINI-10 Datasheet
284Kb / 3P
   Pulsed Current Source
PIM-MINI-20 DEI-PIM-MINI-20 Datasheet
285Kb / 3P
   Pulsed Current Source
PIM-MINI-200 DEI-PIM-MINI-200 Datasheet
290Kb / 3P
   Pulsed Current Source
PIM-MINI-5 DEI-PIM-MINI-5 Datasheet
284Kb / 3P
   Pulsed Current Source
PIM-MINI-50 DEI-PIM-MINI-50 Datasheet
284Kb / 3P
   Pulsed Current Source
More results

Similar Description - PIM300AZ

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
IPM300 EMERSON-NETWORKPOWER-IPM300 Datasheet
434Kb / 3P
   Dual 48 V ATCA Input Power Module
logo
SynQor Worldwide Headqu...
IQ65033QMA10 SYNQOR-IQ65033QMA10 Datasheet
1Mb / 15P
   Quarter-Brick ATCA Power Interface Module
logo
List of Unclassifed Man...
DI-8B45 ETC1-DI-8B45 Datasheet
318Kb / 2P
   Frequency Input Modules
logo
Grayhill, Inc
70M-IDC5 GRAYHILL-70M-IDC5 Datasheet
117Kb / 2P
   DC Input Modules
70-IAC5 GRAYHILL-70-IAC5 Datasheet
117Kb / 2P
   AC Input Modules
logo
Tyco Electronics
2-1393028-4 MACOM-2-1393028-4 Datasheet
77Kb / 4P
   Input/Output Modules
2-1393028-6 MACOM-2-1393028-6 Datasheet
77Kb / 4P
   Input/Output Modules
2-1393028-8 MACOM-2-1393028-8 Datasheet
77Kb / 4P
   Input/Output Modules
logo
List of Unclassifed Man...
SCM5B37 ETC-SCM5B37 Datasheet
29Kb / 2P
   Thermocouple Input Modules
logo
Vicor Corporation
VI-IAM VICOR-VI-IAM Datasheet
76Kb / 2P
   Input Attenuator Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com