Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32340C4156J000 Datasheet(PDF) 8 Page - EPCOS

Part # B32340C4156J000
Description  HomeCap capacitors for Power Factor Correction
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32340C4156J000 Datasheet(HTML) 8 Page - EPCOS

Back Button B32340C4156J000 Datasheet HTML 2Page - EPCOS B32340C4156J000 Datasheet HTML 3Page - EPCOS B32340C4156J000 Datasheet HTML 4Page - EPCOS B32340C4156J000 Datasheet HTML 5Page - EPCOS B32340C4156J000 Datasheet HTML 6Page - EPCOS B32340C4156J000 Datasheet HTML 7Page - EPCOS B32340C4156J000 Datasheet HTML 8Page - EPCOS B32340C4156J000 Datasheet HTML 9Page - EPCOS B32340C4156J000 Datasheet HTML 10Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
HomeCap capacitors for Power Factor Correction
B32340C….Jxxx
MKP series
Resonance cases
Resonance cases must be avoided by appropriate application design in any case. Maximum total
RMS capacitor current (incl. fundamental harmonic current) specified in technical data must not be
exceeded.
Overtemperature
Exceeding maximum allowed temperature may set the safety device out of operation.
Overpressure disconnector
To ensure full functionality of an overpressure disconnector, the following must be observed:
1. The elastic elements must not be hindered, i.e.
- connecting lines must be flexible leads (cables),
- there must be sufficient space (min. 5 cm) for expansion above the connections (see
“Clearing distance for overpressure disconnector”).
- folding beads must not be retained by clamps.
2. Maximum allowed fault current of 10000 A in accordance with UL 810 standard must be assured by
the application.
3. Stress parameters of the capacitor must be within the IEC60831 specification.
Re-switching vs. phase-opposition
In case of voltage interruption, a sufficient discharge time has to be ensured to avoid phase-
opposition and resulting high inrush currents.
Vibration resistance
The resistance to vibration of capacitors corresponds to IEC 68, part 2–6.
Max. test conditions:
Test duration
2 h
Frequency range 1
0 ... 55 Hz corresponding
to max. 0.7 g
Displacement amplitude
0.75 mm
These figures apply to the capacitor alone. Because the fixing and the terminals may influence the
vibration properties, it is necessary to check stability when a capacitor is built in and exposed to
vibration. Irrespective of this, you are advised not to locate capacitors where vibration amplitude
reaches the maximum in strongly vibrating equipment.
Mechanical protection
The capacitor has to be installed in a way that mechanical damages and dents in the aluminium can
are avoided.
FK PFC R&D
September 2005
Please read the Cautions and warnings and
Page 8 of 10
the Important notes at the end of this document


Similar Part No. - B32340C4156J000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32340C4001A840 EPCOS-B32340C4001A840 Datasheet
301Kb / 12P
   Film capacitors - Power Factor Correction
B32340C4001A880 EPCOS-B32340C4001A880 Datasheet
301Kb / 12P
   Film capacitors - Power Factor Correction
B32340C4002A800 EPCOS-B32340C4002A800 Datasheet
301Kb / 12P
   Film capacitors - Power Factor Correction
B32340C4002A810 EPCOS-B32340C4002A810 Datasheet
301Kb / 12P
   Film capacitors - Power Factor Correction
B32340C4011A740 EPCOS-B32340C4011A740 Datasheet
301Kb / 12P
   Film capacitors - Power Factor Correction
More results

Similar Description - B32340C4156J000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25667-A6257-A375 EPCOS-B25667-A6257-A375 Datasheet
35Kb / 2P
   Capacitors for Power Factor Correction
B25667-A6507-A375 EPCOS-B25667-A6507-A375 Datasheet
36Kb / 2P
   Capacitors for Power Factor Correction
B25667-A4107-A375 EPCOS-B25667-A4107-A375 Datasheet
35Kb / 2P
   Capacitors for Power Factor Correction
B25667-A2157-A375 EPCOS-B25667-A2157-A375 Datasheet
35Kb / 2P
   Capacitors for Power Factor Correction
B25667-A3167-A375 EPCOS-B25667-A3167-A375 Datasheet
35Kb / 2P
   Capacitors for Power Factor Correction
B25667-A5756-A175 EPCOS-B25667-A5756-A175 Datasheet
35Kb / 2P
   Capacitors for Power Factor Correction
B25667-A4277-A365 EPCOS-B25667-A4277-A365 Datasheet
35Kb / 2P
   Capacitors for Power Factor Correction
B25667-A5117-A175 EPCOS-B25667-A5117-A175 Datasheet
35Kb / 2P
   Capacitors for Power Factor Correction
B25667-A5217-A175 EPCOS-B25667-A5217-A175 Datasheet
36Kb / 2P
   Capacitors for Power Factor Correction
B25667-A3127-A175 EPCOS-B25667-A3127-A175 Datasheet
35Kb / 2P
   Capacitors for Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com