Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32340C4256J000 Datasheet(PDF) 7 Page - EPCOS

Part # B32340C4256J000
Description  HomeCap capacitors for Power Factor Correction
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32340C4256J000 Datasheet(HTML) 7 Page - EPCOS

Back Button B32340C4256J000 Datasheet HTML 2Page - EPCOS B32340C4256J000 Datasheet HTML 3Page - EPCOS B32340C4256J000 Datasheet HTML 4Page - EPCOS B32340C4256J000 Datasheet HTML 5Page - EPCOS B32340C4256J000 Datasheet HTML 6Page - EPCOS B32340C4256J000 Datasheet HTML 7Page - EPCOS B32340C4256J000 Datasheet HTML 8Page - EPCOS B32340C4256J000 Datasheet HTML 9Page - EPCOS B32340C4256J000 Datasheet HTML 10Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
HomeCap capacitors for Power Factor Correction
B32340C….Jxxx
MKP series
Cautions and warnings
In case of dents of more than 2 mm depth or any other mechanical damage, capacitors must not
be used at all.
To ensure the full functionality of the overpressure disconnector, elastic elements must not be
hindered and a minimum space of 5 cm has to be kept above each capacitor.
Do not handle the capacitor before it is discharged to max. 10% of rated voltage.
Resonance cases must be avoided by appropriate application design in any case.
Handle capacitors carefully, because they may still be charged even after disconnection due to
faulty discharging devices.
Protect the capacitor properly against over current and short circuit.
Failure to follow cautions may result, worst case, in premature failures, bursting and fire.
Discharging
Capacitors must be discharged to a maximum of 10% of rated voltage before they are switched in
again. This prevents an electric impulse discharge in the application, influences the capacitor’s
service life and protects against electric shock. The capacitor must be discharged to 75 V or less
within 3 minutes. There must be not any switch, fuse or any other disconnecting device in the circuit
between the power capacitor and the discharging device. PoleCap capacitors have a pre-mounted
ceramic discharge module; alternatively discharge reactors are available from EPCOS. Discharge and
short circuit capacitor before handling!
Service life expectancy
Electrical components do not have an unlimited service life expectancy; this applies to self-healing
capacitors too. The maximum service life expectancy may vary depending on the application the
capacitor is used in.
Safety
Ensure good, effective grounding for capacitor enclosures.
Provide means of disconnecting and insulating a faulty component/bank.
Handle capacitors carefully, because they may still be charged even after disconnection due to
faulty discharging devices.
The terminals of capacitors, connected bus bars and cables as well as other devices may also be
energized.
Follow good engineering practice.
Overcurrent and short circuit protection
Use HRC fuses or MCCBs for short circuit protection. Short circuit protection and connecting
cables should be selected so that 1.5 times the rated capacitor current can be permanently
handled.
HRC fuses do not protect a capacitor against overload
- they are only for short circuit protection.
The HRC fuse rating should be 1.6 to 1.8 times rated capacitor current.
Do not use HRC fuses to switch capacitors (risk of arcing).
Use thermal magnetic overcurrent relays for overload protection.
FK PFC R&D
September 2005
Please read the Cautions and warnings and
Page 7 of 10
the Important notes at the end of this document


Similar Part No. - B32340C4256J000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32340C4001A840 EPCOS-B32340C4001A840 Datasheet
301Kb / 12P
   Film capacitors - Power Factor Correction
B32340C4001A880 EPCOS-B32340C4001A880 Datasheet
301Kb / 12P
   Film capacitors - Power Factor Correction
B32340C4002A800 EPCOS-B32340C4002A800 Datasheet
301Kb / 12P
   Film capacitors - Power Factor Correction
B32340C4002A810 EPCOS-B32340C4002A810 Datasheet
301Kb / 12P
   Film capacitors - Power Factor Correction
B32340C4011A740 EPCOS-B32340C4011A740 Datasheet
301Kb / 12P
   Film capacitors - Power Factor Correction
More results

Similar Description - B32340C4256J000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25667-A6257-A375 EPCOS-B25667-A6257-A375 Datasheet
35Kb / 2P
   Capacitors for Power Factor Correction
B25667-A6507-A375 EPCOS-B25667-A6507-A375 Datasheet
36Kb / 2P
   Capacitors for Power Factor Correction
B25667-A4107-A375 EPCOS-B25667-A4107-A375 Datasheet
35Kb / 2P
   Capacitors for Power Factor Correction
B25667-A2157-A375 EPCOS-B25667-A2157-A375 Datasheet
35Kb / 2P
   Capacitors for Power Factor Correction
B25667-A3167-A375 EPCOS-B25667-A3167-A375 Datasheet
35Kb / 2P
   Capacitors for Power Factor Correction
B25667-A5756-A175 EPCOS-B25667-A5756-A175 Datasheet
35Kb / 2P
   Capacitors for Power Factor Correction
B25667-A4277-A365 EPCOS-B25667-A4277-A365 Datasheet
35Kb / 2P
   Capacitors for Power Factor Correction
B25667-A5117-A175 EPCOS-B25667-A5117-A175 Datasheet
35Kb / 2P
   Capacitors for Power Factor Correction
B25667-A5217-A175 EPCOS-B25667-A5217-A175 Datasheet
36Kb / 2P
   Capacitors for Power Factor Correction
B25667-A3127-A175 EPCOS-B25667-A3127-A175 Datasheet
35Kb / 2P
   Capacitors for Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com