Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32340C4002A800 Datasheet(PDF) 5 Page - EPCOS

Part # B32340C4002A800
Description  Film capacitors - Power Factor Correction
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32340C4002A800 Datasheet(HTML) 5 Page - EPCOS

  B32340C4002A800 Datasheet HTML 1Page - EPCOS B32340C4002A800 Datasheet HTML 2Page - EPCOS B32340C4002A800 Datasheet HTML 3Page - EPCOS B32340C4002A800 Datasheet HTML 4Page - EPCOS B32340C4002A800 Datasheet HTML 5Page - EPCOS B32340C4002A800 Datasheet HTML 6Page - EPCOS B32340C4002A800 Datasheet HTML 7Page - EPCOS B32340C4002A800 Datasheet HTML 8Page - EPCOS B32340C4002A800 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Film capacitors – Power Factor Correction
B32340C****A***
PhiCap capacitors
B32340C / MKPxxx-I
Preliminary data
FK PC PM PFC
June 2009
Please read Cautions and warnings and
Page 5 of 12
Important notes at the end of this document
.
Single-phase capacitors – VR = 220 V AC, 50/60 Hz
Product / Type
50 Hz
60 Hz
CR
Dimensions Weight
Quantity
Ordering code
Output
IR
Output
IR
d x h
per
kvar
A
kvar
A
μF
mm
kg
box
MKP220-I-0.7
B32340C2001A820
0.7
3.1
0.8
3.8
45
63.5 × 105
0.30
12
MKP220-I-1.4
B32340C2011A720
1.4
6.3
1.7
7.6
91
63.5 × 142
0.40
12
MKP220-I-1.7
B32340C2021A520
1.7
7.6
2.0
9.0
110
63.5 × 142
0.40
12
MKP220-I-2.1
B32340C2021A020
2.1
9.5
2.5
11.4
137
63.5 × 142
0.40
12
MKP220-I-2.3
B32340C2021A520
2.3
10.3
2.7
12.5
150
63.5 × 142
0.50
12
MKP220-I-2.8
B32340C2031A320
2.8
12.5
3.3
15.0
183
63.5 × 142
0.50
12
Single-phase capacitors – VR = 230 V AC, 50/60 Hz
Product / Type
50 Hz
60 Hz
CR
Dimensions Weight
Quantity
Ordering code
Output
IR
Output
IR
d × h
per
kvar
A
kvar
A
μF
mm
kg
box
MKP230-I-0.8
B32340C2002A830
0.8
3.6
1.0
4.3
50
63.5 × 105
0.30
12
MKP230-I-1.7
B32340C2012A730
1.7
7.2
2.0
8.7
100
63.5 × 142
0.40
12
MKP230-I-2.5
B32340C2022-A530
2.5
10.9
3.0
13.1
150
63.5 × 142
0.50
12
Single-phase capacitors – VR = 380 V AC, 50/60 Hz
Product / Type
50 Hz
60 Hz
CR
Dimensions Weight
Quantity
Ordering code
Output
IR
Output
IR
d × h
per
kvar
A
kvar
A
μF
mm
kg
box
MKP380-I-0.7
B32340C3002A680
0.7
1.8
0.8
2.2
15
63.5 × 68
0.30
12
MKP380-I-1.4
B32340C3011A780
1.4
3.6
1.7
4.4
31
63.5 × 68
0.30
12
MKP380-I-2.1
B32340C3021A580
2.1
5.5
2.5
6.6
46
63.5 × 105
0.40
12
MKP380-I-2.8
B32340C3031A380
2.8
7.4
3.3
8.9
62
63.5 × 105
0.40
12
MKP380-I-4.2
B32340C3051A080
4.2
10.9
5.0
13.1
91
63.5 × 142
0.40
12


Similar Part No. - B32340C4002A800

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32340C4056J000 EPCOS-B32340C4056J000 Datasheet
246Kb / 10P
   HomeCap capacitors for Power Factor Correction
B32340C4076J000 EPCOS-B32340C4076J000 Datasheet
246Kb / 10P
   HomeCap capacitors for Power Factor Correction
More results

Similar Description - B32340C4002A800

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32344E4071A540 TDK-B32344E4071A540 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32364 TDK-B32364 Datasheet
272Kb / 9P
   Film Capacitors - Power Factor Correction
B25667C3147A375 TDK-B25667C3147A375 Datasheet
168Kb / 10P
   Film Capacitors ??Power Factor Correction
B32344E4071A580 TDK-B32344E4071A580 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4072A580 TDK-B32344E4072A580 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4102A000 TDK-B32344E4102A000 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B25673A0122A500 TDK-B25673A0122A500 Datasheet
195Kb / 10P
   Film Capacitors - Power Factor Correction
B44066D7075M400 TDK-B44066D7075M400 Datasheet
77Kb / 5P
   Film Capacitors - Power Factor Correction
B25671A5002A520 TDK-B25671A5002A520 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5032A020 TDK-B25671A5032A020 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5127A375 TDK-B25671A5127A375 Datasheet
128Kb / 8P
   Film Capacitors ??Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com