Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32343C4012A040 Datasheet(PDF) 3 Page - EPCOS

Part # B32343C4012A040
Description  Film capacitors - Power Factor Correction
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32343C4012A040 Datasheet(HTML) 3 Page - EPCOS

  B32343C4012A040 Datasheet HTML 1Page - EPCOS B32343C4012A040 Datasheet HTML 2Page - EPCOS B32343C4012A040 Datasheet HTML 3Page - EPCOS B32343C4012A040 Datasheet HTML 4Page - EPCOS B32343C4012A040 Datasheet HTML 5Page - EPCOS B32343C4012A040 Datasheet HTML 6Page - EPCOS B32343C4012A040 Datasheet HTML 7Page - EPCOS B32343C4012A040 Datasheet HTML 8Page - EPCOS B32343C4012A040 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Film capacitors – Power Factor Correction
B32343C****A***
PhiCap capacitors
B32343C / MKPxxx-D
FK PC PM PFC
March 2009
Please read Cautions and warnings and
Page 3 of 12
Important notes at the end of this document.
Technical data and specifications
Maximum ratings (accord. to IEC 60831)
Maximum permissible voltage Vmax
VR +10% (up to 8 h daily)
VR +15% (up to 30 min daily)
VR +20% (up to 5 min daily)
VR +30% (up to 1 min daily)
Maximum permissible current Imax
Up to 1.3 · IR (up to 1.5 · IR incl. combined effects of
harmonics, over voltages and capacitance)
Maximum transient inrush current
Up to 200 · IR
Power dissipation (dielectric)
< 0.2 W/kvar
Power dissipation
(excluding discharge resistors)
< 0.45 W/kvar
Test data (accord. To IEC 60831)
AC test voltage terminal-to-terminal
2.15 · VR, 2 s
Insulation voltage between terminals and
container
3000 V AC, 10 s
Dissipation factor tan
 at 100 Hz
 1.0 · 10-3
Climatic category / -25/D (to IEC 60831)
Ambient temperature
Max. temp.=
55 °C
Max. mean 24 h =
45 °C
Max. mean 1 year =
35 °C
Lowest temperature =
–25 °C
Maximum permissible humidity
Average relative < 95%
Maximum permissible altitude
4000 m
Mean life expectancy
tLD
Up to 100.000 operating hours
Max. 5 000 switching operations according to IEC 60831


Similar Part No. - B32343C4012A040

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32343C4012A040 EPCOS-B32343C4012A040 Datasheet
135Kb / 6P
   Power Capacitors Power Factor Correction
More results

Similar Description - B32343C4012A040

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32344E4071A540 TDK-B32344E4071A540 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32364 TDK-B32364 Datasheet
272Kb / 9P
   Film Capacitors - Power Factor Correction
B25667C3147A375 TDK-B25667C3147A375 Datasheet
168Kb / 10P
   Film Capacitors ??Power Factor Correction
B32344E4071A580 TDK-B32344E4071A580 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4072A580 TDK-B32344E4072A580 Datasheet
345Kb / 10P
   Film Capacitors - Power Factor Correction
B32344E4102A000 TDK-B32344E4102A000 Datasheet
344Kb / 10P
   Film Capacitors - Power Factor Correction
B25673A0122A500 TDK-B25673A0122A500 Datasheet
195Kb / 10P
   Film Capacitors - Power Factor Correction
B44066D7075M400 TDK-B44066D7075M400 Datasheet
77Kb / 5P
   Film Capacitors - Power Factor Correction
B25671A5002A520 TDK-B25671A5002A520 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5032A020 TDK-B25671A5032A020 Datasheet
150Kb / 8P
   Film Capacitors ??Power Factor Correction
B25671A5127A375 TDK-B25671A5127A375 Datasheet
128Kb / 8P
   Film Capacitors ??Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com