Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIMB-762VG-00A1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # AIMB-762VG-00A1E
Description  LGA775 Pentium짰 D/Pentium 4/Celeron짰 D Processor-based ATX with DDR2/PCIe/Dual LAN
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AIMB-762VG-00A1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  AIMB-762VG-00A1E Datasheet HTML 1Page - Advantech Co., Ltd. AIMB-762VG-00A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Board Diagram
945G
GMCH
CRT
4 SATA II ports
Intel LGA775
Pentium 4/Celeron D
BIOS
ICH7R
300MB/s
DMA 33/66/100
AC 97audio
Super IO
Winbond
W83627HG
LPC Bus
PCIe x16 or SDVO
PCIe x16 slot
(VGA card or SDVO card)
DDR2 533/667
Channel A
Channel B
GbE LAN 1: Intel 82573V
GbE LAN 2: Intel 82573V
PCIe x1
PCIe x1
PCIe x4
1 ATA 100 port
8 USB Ports
Audio Code
ALC655
USB 2.0/1.1
PCI1~5
Edge Connector
PCIe x 4
Edge Connector
DDR2 533/667
DDR2 533/667
DDR2 533/667
AIMB-762
Ordering Information
Part Number
Embedded VGA PCIe x16 for VGA
GbE LAN
AIMB-762VG-00A1E
Yes
Yes
Single
AIMB-762G2-00A1E
Yes
Yes
Dual
*AIMB-762 cannot be installed in the ACP-2000MB chassis
**We strongly suggest using only Advantech’s certified LGA 775 CPU coolers to ensure
board reliability under harsh conditions.
Riser Card
Part Number
Description
AIMB-R430P-03A1E
2U riser card with 3 PCI slot expansion
AIMB-R4104-01A1E
1U riser card with 1 PCIe x 4 slot expansion
AIMB-R4301-03A1E
2U riser card with 3 PCIe x 1 slot expansion
AIMB-R431F-21A1E
2U riser card with 1 PCIe x 16 & 1PCIex1 slot expansion
AIMB-R43PF-21A1E
2U riser card with 1 PCIe x 16 & 2PCI slot expansion
Bracket View
Packing List
Part Number
Description
Quantity
1700340640
FDD cable
x 1
1701400452
IDE HDD cable
x 1
1700003194
Serial ATA HDD data cable
x 2
1703150102
Serial ATA HDD power cable
x 2
1701090401
COM port cable kit
x 1
9689000068
Jumper pack
x 1
1960012533T000
I/O port bracket
x 1
-
Startup manual
x 1
-
Utility CD
x 1
Accessories
Part Number
Description
1750000334
LGA775 CPU cooler up to 3.8 GHz (115 W), 4U, 5U and
7U chassis
1750001661
LGA775 CPU cooler up to 3.8 GHz (115 W), best for 2U
and wallmount chassis
1700002314
USB cable with four ports, 30.5cm
1700002204
USB cable with dual ports, 27cm
1700003195
USB cable with dual ports, 17.5cm
AIMB-762VG-00A1E
AIMB-762G2-00A1E


Similar Part No. - AIMB-762VG-00A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-762VG-00A1E ADVANTECH-AIMB-762VG-00A1E Datasheet
1Mb / 2P
   LGA775 Pentium짰 D/Pentium 4/Celeron짰 D Processor-based ATX with DDR2/PCIe/Dual LAN
More results

Similar Description - AIMB-762VG-00A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-762 ADVANTECH-AIMB-762_12 Datasheet
1Mb / 2P
   LGA775 Pentium짰 D/Pentium 4/Celeron짰 D Processor-based ATX with DDR2/PCIe/Dual LAN
AIMB-562 ADVANTECH-AIMB-562 Datasheet
326Kb / 2P
   LGA 775 Core??2 Duo/Pentium짰 D/Pentium짰 4/Celeron짰 D Processor-based MicroATX with DDR2/PCIe/LAN
21-Nov-2008
AIMB-562 ADVANTECH-AIMB-562_10 Datasheet
328Kb / 2P
   LGA 775 Core??2 Duo/Pentium짰 D/Pentium짰 4/Celeron짰 D Processor-based MicroATX with DDR2/PCIe/LAN
AIMB-542 ADVANTECH-AIMB-542 Datasheet
151Kb / 2P
   LGA775 Pentium짰 4/Celeron짰 D Processor-based MicroATX with AGP/Single FE LAN
1-Mar-2007
AIMB-764 ADVANTECH-AIMB-764_12 Datasheet
1Mb / 2P
   LGA 775 Core??2 Quad/ Core??2 Duo/ Pentium짰 4 / Celeron짰 D Processor-based ATX with DDR2/PCIe/Dual LAN
AIMB-764 ADVANTECH-AIMB-764 Datasheet
268Kb / 2P
   LGA 775 Core??2 Quad/ Core??2 Duo/Pentium짰 4 / Celeron짰 D Processor-based ATX with DDR2/PCIe/Dual LAN
AIMB-742 ADVANTECH-AIMB-742 Datasheet
317Kb / 1P
   Socket 478 Pentium짰 4/Celeron짰 D/Celeron Processor-based ATX with AGP/Dual LAN
AIMB-740-B ADVANTECH-AIMB-740-B Datasheet
210Kb / 2P
   Socket 478 Pentium짰 4/Celeron짰 D/Celeron Processor-based ATX with VGA/Dual LAN
AIMB-744 ADVANTECH-AIMB-744 Datasheet
237Kb / 1P
   Socket 478 Pentium짰 4/Celeron짰 D/Celeron Processor-based ATX with 64-bit PCI-X/AGP/Dual LAN
logo
AAEON Technology
EMB-900M AAEON-EMB-900M Datasheet
1,002Kb / 1P
   Intel짰 Pentium짰 4/ Celeron짰 D (LGA775) Processors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com