Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41505A6338M000 Datasheet(PDF) 11 Page - EPCOS

Part # B41505A6338M000
Description  Aluminum electrolytic capacitors21
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41505A6338M000 Datasheet(HTML) 11 Page - EPCOS

Back Button B41505A6338M000 Datasheet HTML 7Page - EPCOS B41505A6338M000 Datasheet HTML 8Page - EPCOS B41505A6338M000 Datasheet HTML 9Page - EPCOS B41505A6338M000 Datasheet HTML 10Page - EPCOS B41505A6338M000 Datasheet HTML 11Page - EPCOS B41505A6338M000 Datasheet HTML 12Page - EPCOS B41505A6338M000 Datasheet HTML 13Page - EPCOS B41505A6338M000 Datasheet HTML 14Page - EPCOS B41505A6338M000 Datasheet HTML 15Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
1) 120-Hz conversion factor of ripple current: IAC (120 Hz) = 1.03 IAC (100 Hz)
Technical data and ordering codes
B43505
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
Zmax
10 kHz
20
°C
m
IAC,max
100 Hz
60
°C
A
IAC,max
100 Hz
85
°C
A
IAC,R1)
100 Hz
105
°C
A
Ordering code
(composition see
below)
Composition of ordering code
* =
Insulation feature
# =
Terminal style
0 = PVC insulation
6 = PET insulation
8 = PVC insulation with additional PET insulation
cap on terminal side
0 = snap-in standard terminals (6.3 mm)
2 = snap-in 3 terminals (4.5 mm)
7 = snap-in short terminals (4.5 mm)
VR = 200 V DC
220
22
× 30
580
700
2.5
1.9
0.96
B43505E2227M0*#
330
22
× 40
390
470
3.5
2.6
1.3
B43505E2337M0*#
470
25
× 40
280
330
4.5
3.4
1.7
B43505E2477M0*#
470
30
× 30
280
330
4.4
3.3
1.7
B43505G2477M0*#
680
30
× 40
190
230
5.9
4.4
2.2
B43505E2687M0*#
1000
35
× 45
130
160
8.3
6.2
3.1
B43505E2108M0*#
1500
35
× 50
90
110
10.5
7.8
3.9
B43505E2158M0*#
VR = 250 V DC
220
25
× 30
580
700
2.8
2.1
1.0
B43505A2227M0*#
330
25
× 40
390
470
3.8
2.8
1.4
B43505A2337M0*#
330
30
× 30
390
470
3.7
2.8
1.4
B43505C2337M0*#
470
30
× 35
280
330
4.7
3.5
1.8
B43505A2477M0*#
680
30
× 45
190
230
6.2
4.6
2.3
B43505A2687M0*#
1000
35
× 45
130
160
8.3
6.2
3.1
B43505A2108M0*#
VR = 400 V DC
100
25
× 30
880
1090
1.8
1.4
0.70
B43505A9107M0*#
150
25
× 40
590
730
2.5
1.9
0.95
B43505A9157M0*#
150
30
× 30
590
730
2.5
1.9
0.94
B43505C9157M0*#
220
30
× 40
400
500
3.3
2.5
1.3
B43505A9227M0*#
220
35
× 30
400
500
3.3
2.5
1.3
B43505C9227M0*#
330
30
× 50
270
330
4.5
3.3
1.7
B43505A9337M0*#
330
35
× 40
270
330
4.5
3.4
1.7
B43505C9337M0*#
390
35
× 45
230
280
5.1
3.8
1.9
B43505A9397M0*#
470
35
× 50
190
240
5.9
4.4
2.2
B43505A9477M0*#
B43505
Excellent performance
105
°C
Page 11 of 21
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41505A6338M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41505A6338M000 EPCOS-B41505A6338M000 Datasheet
312Kb / 13P
   Snap-In Capacitors Excellent Performance
More results

Similar Description - B41505A6338M000

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
MLSG_S CDE-MLSG_S Datasheet
333Kb / 7P
   Aluminum Electrolytic
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13DL-CD117 SUNTAN-TS13DL-CD117 Datasheet
278Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DM-CD71A SUNTAN-TS13DM-CD71A Datasheet
284Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DS-CD296 SUNTAN-TS13DS-CD296 Datasheet
193Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13EG-CD135X SUNTAN-TS13EG-CD135X Datasheet
207Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com