Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41505A8158M000 Datasheet(PDF) 9 Page - EPCOS

Part # B41505A8158M000
Description  Aluminum electrolytic capacitors21
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41505A8158M000 Datasheet(HTML) 9 Page - EPCOS

Back Button B41505A8158M000 Datasheet HTML 5Page - EPCOS B41505A8158M000 Datasheet HTML 6Page - EPCOS B41505A8158M000 Datasheet HTML 7Page - EPCOS B41505A8158M000 Datasheet HTML 8Page - EPCOS B41505A8158M000 Datasheet HTML 9Page - EPCOS B41505A8158M000 Datasheet HTML 10Page - EPCOS B41505A8158M000 Datasheet HTML 11Page - EPCOS B41505A8158M000 Datasheet HTML 12Page - EPCOS B41505A8158M000 Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
1) 120-Hz conversion factor of ripple current: IAC (120 Hz) = 1.03 IAC (100 Hz)
Technical data and ordering codes
B41505
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
Zmax
10 kHz
20
°C
m
IAC,max
100 Hz
60
°C
A
IAC,max
100 Hz
85
°C
A
IAC,R1)
100 Hz
105
°C
A
Ordering code
(composition see
below)
Composition of ordering code
# =
Terminal style
0 = snap-in standard terminals (6.3 mm)
2 = snap-in 3 terminals (4.5 mm)
7 = snap-in short terminals (4.5 mm)
VR = 10 V DC
6800
22
× 25
74
78
3.6
2.8
1.4
B41505A3688M00#
10000
22
× 30
53
56
4.6
3.6
1.8
B41505A3109M00#
15000
22
× 40
37
39
5.9
4.6
2.3
B41505A3159M00#
22000
30
× 35
26
28
7.7
6.0
3.0
B41505A3229M00#
33000
30
× 45
19
20
10.2
7.8
3.9
B41505A3339M00#
VR = 16 V DC
6800
22
× 30
46
49
4.6
3.6
1.8
B41505A4688M00#
10000
25
× 30
34
36
5.6
4.4
2.2
B41505A4109M00#
15000
25
× 40
24
26
7.1
5.6
2.8
B41505A4159M00#
22000
30
× 40
17
18
9.4
7.0
3.5
B41505A4229M00#
VR = 25 V DC
4700
22
× 30
53
57
4.1
3.2
1.6
B41505A5478M00#
4700
25
× 25
53
57
4.1
3.2
1.6
B41505F5478M00#
6800
25
× 30
41
43
4.8
3.8
1.9
B41505A5688M00#
10000
25
× 40
30
32
6.4
5.0
2.5
B41505A5109M00#
15000
30
× 40
22
23
8.2
6.4
3.2
B41505A5159M00#
VR = 35 V DC
2200
22
× 25
85
90
2.8
2.2
1.1
B41505A7228M00#
3300
22
× 30
56
60
3.8
3.0
1.5
B41505A7338M00#
3300
25
× 25
56
60
3.8
3.0
1.5
B41505F7338M00#
4700
22
× 40
45
48
4.8
3.8
1.9
B41505A7478M00#
6800
25
× 40
35
37
5.9
4.6
2.3
B41505A7688M00#
10000
30
× 40
26
28
7.4
5.8
2.9
B41505A7109M00#
15000
35
× 40
19
20
9.4
7.6
3.8
B41505A7159M00#
18000
35
× 45
17
18
11.1
8.6
4.3
B41505A7189M00#
VR = 50 V DC
2200
22
× 35
85
90
3.6
2.8
1.4
B41505A6228M00#
3300
25
× 35
56
60
4.6
3.6
1.8
B41505A6338M00#
4700
30
× 35
42
45
5.6
4.4
2.2
B41505A6478M00#
6800
30
× 50
33
35
7.4
5.8
2.9
B41505A6688M00#
10000
35
× 45
25
26
9.4
7.2
3.6
B41505A6109M00#
B41505
Excellent performance
105
°C
Page 9 of 21
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41505A8158M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41505A8158M000 EPCOS-B41505A8158M000 Datasheet
312Kb / 13P
   Snap-In Capacitors Excellent Performance
More results

Similar Description - B41505A8158M000

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
MLSG_S CDE-MLSG_S Datasheet
333Kb / 7P
   Aluminum Electrolytic
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13DL-CD117 SUNTAN-TS13DL-CD117 Datasheet
278Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DM-CD71A SUNTAN-TS13DM-CD71A Datasheet
284Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13DS-CD296 SUNTAN-TS13DS-CD296 Datasheet
193Kb / 4P
   ALUMINUM ELECTROLYTIC CAPACITOR
TS13EG-CD135X SUNTAN-TS13EG-CD135X Datasheet
207Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com