Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41458B5220M003 Datasheet(PDF) 9 Page - EPCOS

Part # B41458B5220M003
Description  Aluminum electrolytic capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41458B5220M003 Datasheet(HTML) 9 Page - EPCOS

Back Button B41458B5220M003 Datasheet HTML 5Page - EPCOS B41458B5220M003 Datasheet HTML 6Page - EPCOS B41458B5220M003 Datasheet HTML 7Page - EPCOS B41458B5220M003 Datasheet HTML 8Page - EPCOS B41458B5220M003 Datasheet HTML 9Page - EPCOS B41458B5220M003 Datasheet HTML 10Page - EPCOS B41458B5220M003 Datasheet HTML 11Page - EPCOS B41458B5220M003 Datasheet HTML 12Page - EPCOS B41458B5220M003 Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Technical data and ordering codes
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
ESRmax
100 Hz
20
°C
m
Zmax
10 kHz
20
°C
m
IAC,max
100 Hz
40
°C
A
IAC,R
100 Hz
85
°C
A
Ordering code
(composition see
below)
Composition of ordering code
* =
Mounting style
# =
Design
6 = for capacitors with ring clip/clamp mounting
8 = for capacitors with threaded stud
0 = for capacitors with standard inductance
3 = for capacitors with low inductance (13 nH) -
only capacitors with diameter d
≥ 64.3 mm
VR = 63 V DC
4700
35.7
× 55.7
30
60
58
14
4.9
B4145*B8478M000
6800
35.7
× 55.7
22
43
42
17
5.9
B4145*B8688M000
10000
35.7
× 80.7
16
31
30
23
7.7
B4145*B8109M000
15000
35.7
× 105.7
11
22
21
30
10
B4145*B8159M000
22000
51.6
× 80.7
8.0
16
16
33
11
B4145*B8229M000
33000
51.6
× 105.7
6.0
12
12
34
14
B4145*B8339M000
47000
64.3
× 105.7
5.0
10
9.4
45
18
B4145*B8479M00#
68000
76.9
× 105.7
3.0
5.0
6.5
57
20
B4145*B8689M00#
100000
76.9
× 143.2
3.0
4.0
6.0
57
25
B4145*B8100M00#
150000
76.9
× 220.7
3.0
4.0
5.0
57
31
B4145*B8150M00#
VR = 100 V DC
2200
35.7
× 55.7
40
80
70
13
4.3
B4145*B9228M000
3300
35.7
× 80.7
28
55
48
17
5.8
B4145*B9338M000
4700
35.7
× 80.7
20
40
35
20
6.7
B4145*B9478M000
6800
35.7
× 105.7
15
29
25
25
8.7
B4145*B9688M000
10000
51.6
× 80.7
9.0
18
14
30
10
B4145*B9109M000
15000
51.6
× 105.7
8.0
15
12
34
13
B4145*B9159M000
22000
64.3
× 105.7
5.0
10
10
45
17
B4145*B9229M00#
33000
76.9
× 105.7
3.0
6.0
7.0
56
19
B4145*B9339M00#
47000
76.9
× 143.2
3.0
5.0
6.0
57
24
B4145*B9479M00#
B41456, B41458
Compact
85
°C
Page 9 of 17
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41458B5220M003

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41458B5220M003 EPCOS-B41458B5220M003 Datasheet
458Kb / 17P
   Aluminum electrolytic capacitors
More results

Similar Description - B41458B5220M003

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com