Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FL400 Datasheet(PDF) 1 Page - Transys Electronics

Part # FL400
Description  IN-LINE MINIATURE SINGLE PHASE SILICON BRIDGE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRSYS [Transys Electronics]
Direct Link  http://www.transyselectronics.com
Logo TRSYS - Transys Electronics

FL400 Datasheet(HTML) 1 Page - Transys Electronics

  FL400 Datasheet HTML 1Page - Transys Electronics FL400 Datasheet HTML 2Page - Transys Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FL400 THRU FL408
IN-LINE MINIATURE SINGLE PHASE SILICON BRIDGE
VOLTAGE - 50 to 800 Volts CURRENT - 4.0 Amperes
FEATURES
l
Surge overload rating: 200 Amperes peak
l
Ideal for printed circuit board
l
Plastic package has Underwriter Laboratory
Flammability Classification 94V-O
l
Reliable low cost construction utilizing molded
plastic technique
MECHANICAL DATA
Terminals: Lead solderable per MIL-STD-202,
Method 208
Mounting position: Any
Weight: 0.2 ounce, 5.6 grams
FL400
FL401
FL402
FL404
FL406
FL408
UNITS
Maximum Recurrent Peak Reverse Voltage
50
100
200
400
600
800
V
Maximum RMS Bridge Input Voltage
35
70
140
280
420
560
V
Maximum DC Blocking Voltage
50
100
200
400
600
800
V
Maximum Average Rectified Output Current
at 50 Ambient
4.0
A
Peak One Cycle Surge Overload Current
200
A
Maximum Forward Voltage Drop per Bridge
Element at 4.0A DC
1.1
V
Max (Total Bridge) Reverse Leadage at
Rated DC Blocking Voltage
10.0
A
Max (Total Bridge) Reverse Leadage at
Rated DC Blocking Voltage and 100
1.0
mA
I
2t Rating for fusing ( t<8.3ms)
93.0
A
2Sec
Typical Thermal Resistance per leg(Note 2) R JA
(Note 3) R JL
19.0
2.4
/W
Operating Temperature Range
-55 TO +125
Storage Temperature Range
-55 TO +150
NOTES:
1.
Thermal resistance from junction to ambient with units mounted on 3.0×3.0×0.11” thick
(7.5×7.5×0.3cm) AL Plate.
2.
Thermal resistance from junction to lead with units mounted on P.C.B at 0.375”(9.5mm) lead
length and 0.5×0.5” (12×12mm) copper pads.
FL


Similar Part No. - FL400

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
FL400 PANJIT-FL400 Datasheet
48Kb / 2P
   IN-LINE MINIATURE SINGLE PHASE SILICON BRIDGE(VOLTAGE - 50 to 800 Volts CURRENT - 4.0 Amperes)
logo
List of Unclassifed Man...
FL400 ETC2-FL400 Datasheet
226Kb / 4P
   Single Phase Bridge Rectifiers
logo
Faraday Technology
FL400 FARADAY-FL400 Datasheet
65Kb / 2P
   PRACTICAL 601 FILTERS
logo
Pan Jit International I...
FL400 PANJIT-FL400_04 Datasheet
56Kb / 2P
   IN-LINE MINIATURE SINGLE PHASE SILICON BRIDGE RECTIFIER
More results

Similar Description - FL400

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
KBL400 PANJIT-KBL400 Datasheet
96Kb / 2P
   IN-LINE MINIATURE SINGLE PHASE SILICON BRIDGE RECTIFIER
FL400 PANJIT-FL400_04 Datasheet
56Kb / 2P
   IN-LINE MINIATURE SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Comchip Technology
AM100-G COMCHIP-AM100-G Datasheet
54Kb / 2P
   Silicon Miniature Single-Phase Bridge
AM100 COMCHIP-AM100 Datasheet
46Kb / 2P
   Silicon Miniature Single-Phase Bridge
logo
New Jersey Semi-Conduct...
2KBP005M NJSEMI-2KBP005M Datasheet
114Kb / 1P
   2.0AMPERE MINIATURE SINGLE PHASE SILICON BRIDGE
logo
Vishay Siliconix
VSIB620 VISHAY-VSIB620 Datasheet
202Kb / 4P
   Single-Phase Single In-Line Bridge Rectifiers
20-Jul-05
VSIB10A20 VISHAY-VSIB10A20 Datasheet
95Kb / 4P
   Single-Phase Single In-Line Bridge Rectifiers
Revision: 15-Dec-08
VSIB2020 VISHAY-VSIB2020 Datasheet
94Kb / 4P
   Single-Phase Single In-Line Bridge Rectifiers
Revision: 15-Dec-08
GSIB420 VISHAY-GSIB420_08 Datasheet
123Kb / 4P
   Single-Phase Single In-Line Bridge Rectifier
Revision: 31-Jan-08
GSIB2520 VISHAY-GSIB2520_08 Datasheet
103Kb / 4P
   Single-Phase Single In-Line Bridge Rectifiers
Revision: 31-Jan-08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com