Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC3020FT-1R0NZF Datasheet(PDF) 2 Page - Superworld Electronics

Part # SPC3020FT-1R0NZF
Description  SMD POWER INDUCTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SPC3020FT-1R0NZF Datasheet(HTML) 2 Page - Superworld Electronics

  SPC3020FT-1R0NZF Datasheet HTML 1Page - Superworld Electronics SPC3020FT-1R0NZF Datasheet HTML 2Page - Superworld Electronics SPC3020FT-1R0NZF Datasheet HTML 3Page - Superworld Electronics SPC3020FT-1R0NZF Datasheet HTML 4Page - Superworld Electronics SPC3020FT-1R0NZF Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 2
06.01.2010
NOTE : Specifications subject to change without notice. Please check our website for latest information.
5. ELECTRICAL CHARACTERISTICS :
4. GENERAL SPECIFICATION :
f) Resistance to solder heat : 260°C 10secs
e) Operating temp. : -40°C to +105°C ( include self temp. rise )
d) Storage temp. : -40°C to +105°C
b) IDC2 : Based on temperature rise ( T: 40°C Typ.)
a) IDC1 : Based on inductance change ( L/Lo: <30%) @ ambient temp. 25°C
Part No.
SPC3020FT-6R8 ZF
Inductance
6.8
( uH )
IDC1
( m )
0.1V/100K
260
1.30
( A )
RDC
IDC2
0.88
( A )
( Hz )
Frequency
Test
±20%
15
0.1V/100K
570
22
0.1V/100K
890
SPC3020FT-150ZF
SPC3020FT-220ZF
0.57
0.40
0.90
0.74
SMD POWER INDUCTORS
SPC3020FT SERIES
SPC3020FT-3R3ZF
3.3
0.1V/100K
130
1.90
1.20
4.7
0.1V/100K
170
SPC3020FT-4R7 ZF
1.05
1.60
SPC3020FT-2R2ZF
2.2
0.1V/100K
89
2.50
1.40
SPC3020FT-1R0ZF
1.0
0.1V/100K
51
3.60
1.75
1.5
0.1V/100K
72
SPC3020FT-1R5 ZF
1.55
2.90
SPC3020FT-100ZF
10
0.1V/100K
360
1.10
0.73
M
Tolerance
M
M
N
M
N
N
N
M
Tolerance code :
: M = ±20%
N = ±30%
c) Rated Current : IDC1 or IDC2, whichever value is lower
33
0.1V/100K
1110
47
0.1V/100K
1710
SPC3020FT-330ZF
SPC3020FT-470ZF
0.36
0.25
0.62
0.50
M
M
SPC3020FT-8R2ZF
8.2
0.1V/100K
320
1.20
0.79
M
68
0.1V/100K
2240
SPC3020FT-680ZF
0.20
0.28
M
Marking
K
O
Q
G
I
E
A
C
M
S
U
L
W


Similar Part No. - SPC3020FT-1R0NZF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SPC3010FT SUPERWORLD-SPC3010FT Datasheet
244Kb / 5P
   SMD POWER INDUCTORS
SPC3010FT-100MZF SUPERWORLD-SPC3010FT-100MZF Datasheet
244Kb / 5P
   SMD POWER INDUCTORS
SPC3010FT-150MZF SUPERWORLD-SPC3010FT-150MZF Datasheet
244Kb / 5P
   SMD POWER INDUCTORS
SPC3010FT-1R0NZF SUPERWORLD-SPC3010FT-1R0NZF Datasheet
244Kb / 5P
   SMD POWER INDUCTORS
SPC3010FT-1R2NZF SUPERWORLD-SPC3010FT-1R2NZF Datasheet
244Kb / 5P
   SMD POWER INDUCTORS
More results

Similar Description - SPC3020FT-1R0NZF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com