Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPH3012FT-2R2NZF Datasheet(PDF) 5 Page - Superworld Electronics

Part # SPH3012FT-2R2NZF
Description  SMD POWER INDUCTORS (PRELIMINARY)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SPH3012FT-2R2NZF Datasheet(HTML) 5 Page - Superworld Electronics

  SPH3012FT-2R2NZF Datasheet HTML 1Page - Superworld Electronics SPH3012FT-2R2NZF Datasheet HTML 2Page - Superworld Electronics SPH3012FT-2R2NZF Datasheet HTML 3Page - Superworld Electronics SPH3012FT-2R2NZF Datasheet HTML 4Page - Superworld Electronics SPH3012FT-2R2NZF Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 5
SMD POWER INDUCTORS (PRELIMINARY)
01.02.2010
SPH3012FT SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
7. PACKAGING INFORMATION :
7-1. Reel Dimension (mm)
100
2.2
7-2 CARRIER TAPE DIMENSIONS (mm)
13.2
330
120°
7-3 TAPING DIMENSIONS (mm)
12mm
W
3.05mm
3.3mm
1.5mm
Ao
Ko
Bo
T
P
0.3mm
8.0mm
7-4 QUANTITY
3000pcs/Reel
The products are packaged so that no damage will be sustained.
8mm
4 mm
Start
End
Leader
no component
200mm min.
Components
Trailer
no component
400mm min.
user direction of feed
T
4.00
2.00±0.05
Ao
P
A
A
Ko
Ø1.5+0.1/-0.0
1.5


Similar Part No. - SPH3012FT-2R2NZF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SPH3010FT SUPERWORLD-SPH3010FT Datasheet
236Kb / 5P
   SMD POWER INDUCTORS (PRELIMINARY)
SPH3010FT-100MZF SUPERWORLD-SPH3010FT-100MZF Datasheet
236Kb / 5P
   SMD POWER INDUCTORS (PRELIMINARY)
SPH3010FT-3R3NZF SUPERWORLD-SPH3010FT-3R3NZF Datasheet
236Kb / 5P
   SMD POWER INDUCTORS (PRELIMINARY)
SPH3010FT-4R7MZF SUPERWORLD-SPH3010FT-4R7MZF Datasheet
236Kb / 5P
   SMD POWER INDUCTORS (PRELIMINARY)
SPH3015FT SUPERWORLD-SPH3015FT Datasheet
236Kb / 5P
   SMD POWER INDUCTORS (PRELIMINARY)
More results

Similar Description - SPH3012FT-2R2NZF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SPH3010FT SUPERWORLD-SPH3010FT Datasheet
236Kb / 5P
   SMD POWER INDUCTORS (PRELIMINARY)
SPH4010FT SUPERWORLD-SPH4010FT Datasheet
236Kb / 5P
   SMD POWER INDUCTORS (PRELIMINARY)
SPH3015FT SUPERWORLD-SPH3015FT Datasheet
236Kb / 5P
   SMD POWER INDUCTORS (PRELIMINARY)
SPH4012FT SUPERWORLD-SPH4012FT Datasheet
236Kb / 5P
   SMD POWER INDUCTORS (PRELIMINARY)
SPH5020FT SUPERWORLD-SPH5020FT Datasheet
239Kb / 5P
   SMD POWER INDUCTORS (PRELIMINARY)
SPH6012FT SUPERWORLD-SPH6012FT Datasheet
237Kb / 5P
   SMD POWER INDUCTORS (PRELIMINARY)
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com