Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPI3012-100MZF Datasheet(PDF) 2 Page - Superworld Electronics

Part # SPI3012-100MZF
Description  SMD POWER INDUCTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SPI3012-100MZF Datasheet(HTML) 2 Page - Superworld Electronics

  SPI3012-100MZF Datasheet HTML 1Page - Superworld Electronics SPI3012-100MZF Datasheet HTML 2Page - Superworld Electronics SPI3012-100MZF Datasheet HTML 3Page - Superworld Electronics SPI3012-100MZF Datasheet HTML 4Page - Superworld Electronics SPI3012-100MZF Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 2
31.12.2009
NOTE : Specifications subject to change without notice. Please check our website for latest information.
5. ELECTRICAL CHARACTERISTICS :
4. GENERAL SPECIFICATION :
f) Resistance to solder heat : 260°C 10secs
e) Operating temp. : -40°C to +105°C ( include self temp. rise )
d) Storage temp. : -40°C to +105°C
b) IDC2 : Based on temperature rise ( T: 40°C Typ.)
a) IDC1 : Based on inductance change ( L/Lo: <30%) @ ambient temp. 25°C
Part No.
SPI3012-1R0NZF
Inductance
1.0±30%
( uH )
IDC1
( m )
0.1V/100K
55
1.50
( A )
RDC
IDC2
1.80
( A )
( Hz )
Frequency
Test
±20%
1.2±30%
0.1V/100K
63
1.5±30%
0.1V/100K
75
SPI3012-1R2NZF
SPI3012-1R5NZF
1.65
1.50
1.40
1.30
SPI3012-2R2NZF
2.2±30%
0.1V/100K
110
1.00
1.30
3.3±30%
0.1V/100K
150
3.9±30%
0.1V/100K
180
SPI3012-3R3NZF
SPI3012-3R9NZF
1.10
1.00
0.87
0.82
SPI3012-4R7MZF
4.7±20%
0.1V/100K
210
0.75
0.90
5.6±20%
0.1V/100K
270
6.8±20%
0.1V/100K
330
SPI3012-5R6MZF
SPI3012-6R8MZF
0.80
0.70
0.65
0.60
SPI3012-8R2MZF
8.2±30%
0.1V/100K
380
0.55
0.65
10±20%
0.1V/100K
410
12±20%
0.1V/100K
550
SPI3012-100MZF
SPI3012-120MZF
0.60
0.55
0.50
0.45
SPI3012-150MZF
15±20%
0.1V/100K
680
0.40
0.45
22±20%
0.1V/100K
950
SPI3012-220MZF
0.35
0.35
c) Rated Current : IDC1 or IDC2, whichever value is lower
Marking
A
B
C
E
G
H
I
J
K
L
M
N
O
Q
SMD POWER INDUCTORS
SPI3012 SERIES


Similar Part No. - SPI3012-100MZF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SPI3012-100MZF-11 SUPERWORLD-SPI3012-100MZF-11 Datasheet
282Kb / 5P
   SMD POWER INDUCTORS
More results

Similar Description - SPI3012-100MZF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com