Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL160818NJL Datasheet(PDF) 6 Page - ABC Taiwan Electronics Corp

Part # SL160818NJL
Description  WOUND CHIP INDUCTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SL160818NJL Datasheet(HTML) 6 Page - ABC Taiwan Electronics Corp

  SL160818NJL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SL160818NJL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SL160818NJL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SL160818NJL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SL160818NJL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SL160818NJL Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
than ±30%
not change more
Inductance shall
AR-001A
Resistance test
High temp.
Resistance test
Humidity
Thermal shock test
( Temp. cycle )
Time : 500 hours
Temperature : 105±2℃
Applied current : Per spec.
Total : 50 cycles
Temperature : 40±2℃
Humidity : 90 ~ 95%
Time : 500 hours
Applied current : Per spec.
Room temp.
15 minutes
Room temp.
15 minutes
30 minutes
-25±2 ℃
30 minutes
85±2 ℃
WOUND CHIP INDUCTOR
More than 90% of the
Shall be covered
With fresh solder.
terminal electrode
SPECIFICATION FOR APPROVAL
Solderability
Test item
Ⅸ﹒
RELIABILITY TEST:
NAME
PROD.
REF :
Solder temp. : 235±5℃
Dip time : 4±1 seconds
Preheat : 150±25
for 60 seconds
Solder : Sn96.5 / Ag3 / Cu0.5 or equivalent
Test condition
Flux : Rosin
ABC'S ITEM NO.
ABC'S DWG NO.
Specification
SL1608□□□□L□-□□□
PAGE: 6


Similar Part No. - SL160818NJL

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL16010 SILABS-SL16010 Datasheet
136Kb / 8P
   Low Jitter and Power Clock Generator with SSCG
logo
List of Unclassifed Man...
SL16010DC ETC2-SL16010DC Datasheet
136Kb / 8P
   Low Jitter and Power Clock Generator with SSCG
logo
Silicon Laboratories
SL16010DC SILABS-SL16010DC Datasheet
136Kb / 8P
   Low Jitter and Power Clock Generator with SSCG
SL16010DCT SILABS-SL16010DCT Datasheet
136Kb / 8P
   Low Jitter and Power Clock Generator with SSCG
SL16020 SILABS-SL16020 Datasheet
470Kb / 10P
   Low Jitter and Power Clock Generator with SSCG
More results

Similar Description - SL160818NJL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
CM3225R12ML ABC-CM3225R12ML Datasheet
553Kb / 8P
   WOUND CHIP INDUCTOR
CM4532R10ML ABC-CM4532R10ML Datasheet
583Kb / 8P
   WOUND CHIP INDUCTOR
SW2022R47K2 ABC-SW2022R47K2 Datasheet
614Kb / 8P
   WOUND CHIP INDUCTOR
logo
Bourns Electronic Solut...
CW201212_MDS BOURNS-CW201212_MDS Datasheet
51Kb / 3P
   WOUND CHIP INDUCTOR
logo
XFMRS Inc.
XFWIC453630-331K XFMRS-XFWIC453630-331K Datasheet
46Kb / 1P
   Wound Chip Inductor
logo
ABC Taiwan Electronics ...
CM252010NJ3 ABC-CM252010NJ3 Datasheet
138Kb / 8P
   WOUND CHIP INDUCTOR
logo
XFMRS Inc.
XFWIC453630-150K XFMRS-XFWIC453630-150K Datasheet
36Kb / 1P
   Wound Chip Inductor
XFWIC453630-470K XFMRS-XFWIC453630-470K Datasheet
64Kb / 1P
   Wound Chip Inductor
XF070603-R10M XFMRS-XF070603-R10M Datasheet
35Kb / 1P
   WOUND CHIP INDUCTOR
XF070603-R20M XFMRS-XF070603-R20M Datasheet
36Kb / 1P
   WOUND CHIP INDUCTOR
logo
ABC Taiwan Electronics ...
SL10051N0DL ABC-SL10051N0DL Datasheet
465Kb / 6P
   WOUND CHIP INDUCTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com