Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL16088N2JL Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SL16088N2JL
Description  WOUND CHIP INDUCTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SL16088N2JL Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SL16088N2JL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SL16088N2JL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SL16088N2JL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SL16088N2JL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SL16088N2JL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SL16088N2JL Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
100.0± 5%
82.0± 5%
68.0± 5%
56.0± 5%
47.0± 5%
39.0± 5%
180.0± 5%
220.0± 5%
1). □:Packaging Information… A:Bulk B:Taping Reel
150.0± 5%
120.0± 5%
AR-001A
SL1608R15JL□ -□□□
SL1608R18JL□
SL1608R22JL□
□□
2)."-
":Reference code
-□□□
-□□□
SL1608R10JL□
SL160882NJL□
SL160868NJL□
SL160856NJL□
SL160847NJL□
SL160839NJL□
SL1608R12JL□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
4
4
5
25.2
25.2
25.2
25.2
25.2
25.2
12
12
5
12
11
12
11
100
100
100
25.2
100
100
25.2
100
100
100
100
100
100
100
6.50
7.50
4.50
900
1000
1100
70
80
100
1.80
1.50
1.30
1.20
0.95
0.80
3.00
1500
1300
1200
1500
1800
1800
1800
250
200
130
250
250
250
300
33.0± 5%
27.0± 5%
22.0± 5%
18.0± 5%
15.0± 5%
12.0± 5%
10.0± 5%
8.2± 5%
6.8± 5%
5.6± 5%
4.7± 5%
3.9± 5%
3.3±20%
2.7±20%
2.2±20%
1.8±20%
1.5±20%
1.2±20%
1.0±20%
( nH )
Inductance
Ⅴ﹒
ELECTRICAL CHARACTERISTICS :
WOUND CHIP INDUCTOR
SPECIFICATION FOR APPROVAL
SL16082N2ML□ -□□□
SL160833NJL□
SL160827NJL□
SL160822NJL□
SL160818NJL□
SL160815NJL□
SL160812NJL□
SL160810NJL□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
SL16088N2JL□
SL16086N8JL□
SL16085N6JL□
SL16084N7JL□
SL16083N9JL□
SL16083N3ML□
SL16082N7ML□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
SL16081N8ML□
SL16081N5ML□
SL16081N2ML□
SL16081N0ML□
DWG No.
-□□□
-□□□
-□□□
-□□□
NAME
PROD.
REF :
500
0.09
6000
100
8100
100
9100
10
10
10
10
10
10
10
100
100
100
100
100
100
100
100
100
100
100
100
100
100
9
9
9
9
9
8
100
100
100
100
100
100
100
100
100
100
100
100
400
0.28
3500
0.32
0.60
0.55
0.50
0.45
0.41
0.35
2300
2000
1800
2000
2800
2500
2800
350
300
300
300
400
350
400
0.20
0.18
0.17
0.15
0.12
0.10
4800
3550
4600
5500
5500
6000
450
430
430
500
450
500
8
8
7
min
Q
7
100
100
100
100
100
100
Test Freq. ( MHz )
L
100
Q
100
ABC'S DWG NO.
ABC'S ITEM NO.
0.08
0.07
0.06
0.05
RDC
6000
6000
6000
( MHz )
6000
min
SRF
( Ω )
max
500
500
500
( mA )
IDC
max
500
SL1608□□□□L□-□□□
PAGE: 2


Similar Part No. - SL16088N2JL

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL16010 SILABS-SL16010 Datasheet
136Kb / 8P
   Low Jitter and Power Clock Generator with SSCG
logo
List of Unclassifed Man...
SL16010DC ETC2-SL16010DC Datasheet
136Kb / 8P
   Low Jitter and Power Clock Generator with SSCG
logo
Silicon Laboratories
SL16010DC SILABS-SL16010DC Datasheet
136Kb / 8P
   Low Jitter and Power Clock Generator with SSCG
SL16010DCT SILABS-SL16010DCT Datasheet
136Kb / 8P
   Low Jitter and Power Clock Generator with SSCG
SL16020 SILABS-SL16020 Datasheet
470Kb / 10P
   Low Jitter and Power Clock Generator with SSCG
More results

Similar Description - SL16088N2JL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
CM3225R12ML ABC-CM3225R12ML Datasheet
553Kb / 8P
   WOUND CHIP INDUCTOR
CM4532R10ML ABC-CM4532R10ML Datasheet
583Kb / 8P
   WOUND CHIP INDUCTOR
SW2022R47K2 ABC-SW2022R47K2 Datasheet
614Kb / 8P
   WOUND CHIP INDUCTOR
logo
Bourns Electronic Solut...
CW201212_MDS BOURNS-CW201212_MDS Datasheet
51Kb / 3P
   WOUND CHIP INDUCTOR
logo
XFMRS Inc.
XFWIC453630-331K XFMRS-XFWIC453630-331K Datasheet
46Kb / 1P
   Wound Chip Inductor
logo
ABC Taiwan Electronics ...
CM252010NJ3 ABC-CM252010NJ3 Datasheet
138Kb / 8P
   WOUND CHIP INDUCTOR
logo
XFMRS Inc.
XFWIC453630-150K XFMRS-XFWIC453630-150K Datasheet
36Kb / 1P
   Wound Chip Inductor
XFWIC453630-470K XFMRS-XFWIC453630-470K Datasheet
64Kb / 1P
   Wound Chip Inductor
XF070603-R10M XFMRS-XF070603-R10M Datasheet
35Kb / 1P
   WOUND CHIP INDUCTOR
XF070603-R20M XFMRS-XF070603-R20M Datasheet
36Kb / 1P
   WOUND CHIP INDUCTOR
logo
ABC Taiwan Electronics ...
SL10051N0DL ABC-SL10051N0DL Datasheet
465Kb / 6P
   WOUND CHIP INDUCTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com