Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP1055R22Y2 Datasheet(PDF) 8 Page - ABC Taiwan Electronics Corp

Part # SP1055R22Y2
Description  SHIELDED SMD POWER INDUCTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SP1055R22Y2 Datasheet(HTML) 8 Page - ABC Taiwan Electronics Corp

  SP1055R22Y2 Datasheet HTML 1Page - ABC Taiwan Electronics Corp SP1055R22Y2 Datasheet HTML 2Page - ABC Taiwan Electronics Corp SP1055R22Y2 Datasheet HTML 3Page - ABC Taiwan Electronics Corp SP1055R22Y2 Datasheet HTML 4Page - ABC Taiwan Electronics Corp SP1055R22Y2 Datasheet HTML 5Page - ABC Taiwan Electronics Corp SP1055R22Y2 Datasheet HTML 6Page - ABC Taiwan Electronics Corp SP1055R22Y2 Datasheet HTML 7Page - ABC Taiwan Electronics Corp SP1055R22Y2 Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
QMFZ2
Plastics-Component
Mterial Dsg
HM-402
Liquid Crystal Polyester (LCP), glass filled, furnished as pellets.
the same Flame, and Tensile Impact characteristics.
Tensile Impact, Tensile Strength and Heat Deflection in natural color only.
NIPPON PETROCHEMICALS CO LTD
10/15/2002
lmpact characteristics.
designation on container, wrapper or finished part.
OBMW2
Component-Magnet Wire
302279005
Report:January 5, 1988.
ers Laboratories Inc.
MITSUBISHI CABLE INDUSTRIES LTD
See General Information Preceding These Recognitions.
SHIELDED SMD
Ⅸ﹒
UL CARD:
AR-001A
NAME
PROD.
REF :
r2-Virgin and Regrind from 26-50% by weight inclusive for the colors NC, and BK liave
Underwriters Laboratories Inc.
r3-Virgin and Regrind from 26-50% by weight inclusive have the same Flame and Tensile
Marking:Company name or trademark
and material
Card 8 of 9
August 31, 2002
r1-Virgin and Regrind from 1 to 50% by weight incl. have the same Flame characleristics,
(a)-Virgin and Regrind up to 50% have the same basic characteristics.
Underwriters Laboratories Inc.
For use only in equipment where the acceptability of the combination is determined by Underwrit-
Color
NC , BK
W
Thk
Flame
Class
V-0
mm
0.30
___
I
Min
H
H7642
Mech
Slr
130
AElec
130
I
___
Imp
130
HRTI
T
9
T
R
___
5
___
I
___
E91944
V
H
4
D
C
R
D11/0149909
SP1055□□□□2□-□□□
January 7, 1988
Ester-imide
Oyercoat
Marking:Company name and type designation on package or reels.
ABC'S ITEM No.
ABC'S DWG No.
BC
Medis
4-3 IKEJIRI ITAMI , HYOGO 664 JAPAN
Mtl
EDW-R52
Dsg
Coat Typ
POWER INDUCTOR
ANSI
Type
——
Temp
Class
155
E104048 (S)
SPECIFICATION FOR APPROVAL
PAGE: 8


Similar Part No. - SP1055R22Y2

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SP1055R15Y3 ABC-SP1055R15Y3 Datasheet
612Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SP1055R30M3 ABC-SP1055R30M3 Datasheet
612Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SP1055R36YL ABC-SP1055R36YL Datasheet
609Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SP1055R50M3 ABC-SP1055R50M3 Datasheet
612Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SP1055R80M3 ABC-SP1055R80M3 Datasheet
612Kb / 8P
   SHIELDED SMD POWER INDUCTOR
More results

Similar Description - SP1055R22Y2

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-1306S ABRACON-ASPI-1306S Datasheet
1Mb / 3P
   SMD SHIELDED POWER INDUCTOR
07.25.13
logo
Central Technologies
CTSR0906F CT-CTSR0906F Datasheet
429Kb / 1P
   SMD Shielded Power Inductor
logo
ABC Taiwan Electronics ...
SS12052R5ML ABC-SS12052R5ML Datasheet
609Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS12801R1YL ABC-SS12801R1YL Datasheet
147Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SU10303R5YF ABC-SU10303R5YF Datasheet
128Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU20091R0YP ABC-SU20091R0YP Datasheet
101Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU20131R0YL ABC-SU20131R0YL Datasheet
105Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU30091R3YL ABC-SU30091R3YL Datasheet
96Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU50284R7Y2 ABC-SU50284R7Y2 Datasheet
129Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
   SHIELDED SMD POWER INDUCTOR
logo
Datatronic Distribution...
DR364-202 DATATRONICS-DR364-202 Datasheet
81Kb / 1P
   SHIELDED SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com