Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP1055R80M3 Datasheet(PDF) 4 Page - ABC Taiwan Electronics Corp

Part # SP1055R80M3
Description  SHIELDED SMD POWER INDUCTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SP1055R80M3 Datasheet(HTML) 4 Page - ABC Taiwan Electronics Corp

  SP1055R80M3 Datasheet HTML 1Page - ABC Taiwan Electronics Corp SP1055R80M3 Datasheet HTML 2Page - ABC Taiwan Electronics Corp SP1055R80M3 Datasheet HTML 3Page - ABC Taiwan Electronics Corp SP1055R80M3 Datasheet HTML 4Page - ABC Taiwan Electronics Corp SP1055R80M3 Datasheet HTML 5Page - ABC Taiwan Electronics Corp SP1055R80M3 Datasheet HTML 6Page - ABC Taiwan Electronics Corp SP1055R80M3 Datasheet HTML 7Page - ABC Taiwan Electronics Corp SP1055R80M3 Datasheet HTML 8Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
@ DC Current VS Temperature Rise
SHIELDED SMD
AR-001A
△℃
25
0
0
75
50
100
0
0
25
50
75
100
△℃
0
50
0
0
25
100
75
△℃
0
0
50
25
100
75
△℃
75
25
0
50
100
△℃
PROD.
NAME
REF :
3R0
2.5
5
7.5
A
10
510
2R0
15
20 A
0
0
25
2.5
50
75
100
△℃
57.5
2R5
A
10
SP1055□□□□3□-□□□
30
20
10
0
10
40 A
30
20
510
1R2
15
20 A
10
20
R50
30
A
40
50
0
0
25
5
100
75
△℃
10
15
1R5
0
0
50
25
5
100
75
△℃
10
15
R80
ABC'S ITEM No.
ABC'S DWG No.
SPECIFICATION FOR APPROVAL
R15
POWER INDUCTOR
75
25
0
50
100
△℃
R30
A
40
A
20
A
20
PAGE: 4


Similar Part No. - SP1055R80M3

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SP1055R80M2 ABC-SP1055R80M2 Datasheet
594Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SP1055R80ML ABC-SP1055R80ML Datasheet
609Kb / 8P
   SHIELDED SMD POWER INDUCTOR
More results

Similar Description - SP1055R80M3

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-1306S ABRACON-ASPI-1306S Datasheet
1Mb / 3P
   SMD SHIELDED POWER INDUCTOR
07.25.13
logo
Central Technologies
CTSR0906F CT-CTSR0906F Datasheet
429Kb / 1P
   SMD Shielded Power Inductor
logo
ABC Taiwan Electronics ...
SS12052R5ML ABC-SS12052R5ML Datasheet
609Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS12801R1YL ABC-SS12801R1YL Datasheet
147Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SU10303R5YF ABC-SU10303R5YF Datasheet
128Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU20091R0YP ABC-SU20091R0YP Datasheet
101Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU20131R0YL ABC-SU20131R0YL Datasheet
105Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU30091R3YL ABC-SU30091R3YL Datasheet
96Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU50284R7Y2 ABC-SU50284R7Y2 Datasheet
129Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
   SHIELDED SMD POWER INDUCTOR
logo
Datatronic Distribution...
DR364-202 DATATRONICS-DR364-202 Datasheet
81Kb / 1P
   SHIELDED SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com