Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP12052R5YL Datasheet(PDF) 4 Page - ABC Taiwan Electronics Corp

Part # SP12052R5YL
Description  SHIELDED SMD POWER INDUCTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SP12052R5YL Datasheet(HTML) 4 Page - ABC Taiwan Electronics Corp

  SP12052R5YL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SP12052R5YL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SP12052R5YL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SP12052R5YL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SP12052R5YL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SP12052R5YL Datasheet HTML 6Page - ABC Taiwan Electronics Corp SP12052R5YL Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
( 1 ) Configuration
Ⅵ﹒
PACKAGING INFORMATION:
SHIELDED SMD
no component
Leader
400 m/m min.
( 2 ) Dimensions
( 3 ) Q'TY & G.W. Per package
AR-001A
Series
SP1205
13 - 24
Style
End
REF :
NAME
PROD.
Unit:m/m
User direction of feed
Q'TY (pcs)
2,400
Inner : Reel
2,150
G.W. (gw)
Q'TY (pcs)
600
Style
13 - 24
21±0.8
330
AB
C
13±0.5
Outer : Carton
G.W. (Kg)
11.30
Size (cm)
40 x 40 x 24
24
D
+0
26
G
-0
50
N
30.4
T
SP1205□□□□L□-□□□
Cover Tape
D
1000 m/m min.
Start
Components
P:16 m/m
4 m/m
C
G
Trailer
no component
Embossed Carrier
Carrier Tape Width : D
ABC'S ITEM NO.
ABC'S DWG NO.
SPECIFICATION FOR APPROVAL
2.0±0.5
T
POWER INDUCTOR
PAGE: 4


Similar Part No. - SP12052R5YL

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
SP12000A EUROQUARTZ-SP12000A Datasheet
112Kb / 1P
   OSCILLATORS - PROGRAMMABLE
logo
DB Unlimited.
SP1200308-1 DBUNLIMITED-SP1200308-1 Datasheet
547Kb / 1P
   Released from Engineering
logo
Guangdong Kexin Industr...
SP1200SA KEXIN-SP1200SA Datasheet
1Mb / 2P
   Protection Thyristor
SP1200SB KEXIN-SP1200SB Datasheet
1Mb / 2P
   Protection Thyristor
SP1200SC KEXIN-SP1200SC Datasheet
1Mb / 2P
   Protection Thyristor
More results

Similar Description - SP12052R5YL

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-1306S ABRACON-ASPI-1306S Datasheet
1Mb / 3P
   SMD SHIELDED POWER INDUCTOR
07.25.13
logo
Central Technologies
CTSR0906F CT-CTSR0906F Datasheet
429Kb / 1P
   SMD Shielded Power Inductor
logo
ABC Taiwan Electronics ...
SS12052R5ML ABC-SS12052R5ML Datasheet
609Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SS12801R1YL ABC-SS12801R1YL Datasheet
147Kb / 8P
   SHIELDED SMD POWER INDUCTOR
SU10303R5YF ABC-SU10303R5YF Datasheet
128Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SU20091R0YP ABC-SU20091R0YP Datasheet
101Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU20131R0YL ABC-SU20131R0YL Datasheet
105Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU30091R3YL ABC-SU30091R3YL Datasheet
96Kb / 6P
   SHIELDED SMD POWER INDUCTOR
SU50284R7Y2 ABC-SU50284R7Y2 Datasheet
129Kb / 7P
   SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
   SHIELDED SMD POWER INDUCTOR
logo
Datatronic Distribution...
DR364-202 DATATRONICS-DR364-202 Datasheet
81Kb / 1P
   SHIELDED SMD POWER INDUCTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com