Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQ05043R3ML Datasheet(PDF) 3 Page - ABC Taiwan Electronics Corp

Part # SQ05043R3ML
Description  SMD POWER INDUCTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SQ05043R3ML Datasheet(HTML) 3 Page - ABC Taiwan Electronics Corp

  SQ05043R3ML Datasheet HTML 1Page - ABC Taiwan Electronics Corp SQ05043R3ML Datasheet HTML 2Page - ABC Taiwan Electronics Corp SQ05043R3ML Datasheet HTML 3Page - ABC Taiwan Electronics Corp SQ05043R3ML Datasheet HTML 4Page - ABC Taiwan Electronics Corp SQ05043R3ML Datasheet HTML 5Page - ABC Taiwan Electronics Corp SQ05043R3ML Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SPECIFICATION FOR APPROVAL
Ⅵ﹒
PACKAGING INFORMATION:
REF :
ABC'S ITEM NO.
ABC'S DWG NO.
PAGE: 3
PROD.
NAME
SMD POWER INDUCTOR
Components
no component
400 m/m min.
Trailer
Start
P:8 m/m
Q'TY (pcs)
7,200
User direction of feed
Q'TY (pcs)
SQ0504
Series
1,200
1300
Inner : Reel
G.W. (gw)
13 - 16
Style
no component
Leader
200 m/m min.
( 3 ) Q'TY & G.W. Per package
( 2 ) Dimensions
13 - 16
Style
330
21±0.8
AB
13±0.5
16
CD
40 x 40 x 24.0
13.0
Outer : Carton
G.W. (Kg)
Size (cm)
N
50
+0
18
G
-0
22.4
Unit:m/m
T
End
4 m/m
100
100
100
100
100
100
SQ0504□□□□L□-□□□
Carrier tape width : D
C
G
2.0±0.5
( 1 ) Configuration
T
Embossed carrier
D
Cover tape
AE-001A


Similar Part No. - SQ05043R3ML

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SQ0703100KL ABC-SQ0703100KL Datasheet
135Kb / 7P
   SMD POWER INDUCTOR
SQ0703101KL ABC-SQ0703101KL Datasheet
135Kb / 7P
   SMD POWER INDUCTOR
SQ0703102KL ABC-SQ0703102KL Datasheet
135Kb / 7P
   SMD POWER INDUCTOR
SQ0703120KL ABC-SQ0703120KL Datasheet
135Kb / 7P
   SMD POWER INDUCTOR
SQ0703121KL ABC-SQ0703121KL Datasheet
135Kb / 7P
   SMD POWER INDUCTOR
More results

Similar Description - SQ05043R3ML

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com