Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQ0703561KL Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SQ0703561KL
Description  SMD POWER INDUCTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SQ0703561KL Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SQ0703561KL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SQ0703561KL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SQ0703561KL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SQ0703561KL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SQ0703561KL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SQ0703561KL Datasheet HTML 6Page - ABC Taiwan Electronics Corp SQ0703561KL Datasheet HTML 7Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
100K/0.1V
4). Isat base on Temp. rise 40
max.
3). Irms base on Temp. rise 20
max.
1). □:Packaging information… A:Bulk
B:Taping Reel
AR-001A
2)."-
":Reference code
SQ0703102KL□-□□□
SQ0703821KL□-□□□
SQ0703561KL□-□□□
SQ0703681KL□-□□□
□ □
1000.00±10%
820.00±10%
560.00±10%
680.00±10%
SQ0703221KL□-□□□
SQ0703271KL□-□□□
SQ0703331KL□-□□□
SQ0703471KL□-□□□
SQ0703391KL□-□□□
SQ0703181KL□-□□□
SQ0703121KL□-□□□
SQ0703151KL□-□□□
SQ0703101KL□-□□□
220.00±10%
330.00±10%
270.00±10%
470.00±10%
390.00±10%
180.00±10%
120.00±10%
150.00±10%
100.00±10%
12.000
14.200
3.000
4.800
3.600
7.000
6.200
9.200
10.500
2.700
1.750
2.000
1.560
100K/0.1V
100K/0.1V
100K/0.1V
100K/0.1V
32
30
36
32
0.796
0.252
0.796
0.796
3.6
3.2
4.2
4.0
100K/0.1V
31
100K/0.1V
100K/0.1V
100K/0.1V
100K/0.1V
33
33
36
30
100K/0.1V
100K/0.1V
100K/0.1V
30
33
32
33
0.796
7.0
0.796
0.796
0.796
0.796
6.0
5.0
5.5
7.0
0.796
0.796
0.796
0.796
9.0
7.0
10.0
11.0
90
80
110
100
135
125
145
155
180
160
140
130
170
250
190
260
270
280
220
180
190
250
340
300
365
400
10.00±10%
12.00±10%
15.00±10%
22.00±10%
27.00±10%
33.00±10%
47.00±10%
56.00±10%
82.00±10%
68.00±10%
39.00±10%
18.00±10%
Ⅴ﹒ELECTRICAL CHARACTERISTICS :
SMD POWER INDUCTOR
3.30±20%
SQ07033R3ML□-□□□
SQ0703180KL□-□□□
SQ0703330KL□-□□□
SQ0703270KL□-□□□
SQ0703220KL□-□□□
SQ0703820KL□-□□□
SQ0703680KL□-□□□
SQ0703560KL□-□□□
SQ0703470KL□-□□□
SQ0703390KL□-□□□
SQ07034R7ML□-□□□
SQ07033R9ML□-□□□
SQ07035R6ML□-□□□
SQ07036R8ML□-□□□
SQ0703150KL□-□□□
SQ0703120KL□-□□□
SQ0703100KL□-□□□
SQ07038R2ML□-□□□
6.80±20%
8.20±20%
4.70±20%
5.60±20%
3.90±20%
SQ07031R0ML□-□□□
SQ07031R2ML□-□□□
SQ07031R8ML□-□□□
SQ07032R2ML□-□□□
SQ07032R7ML□-□□□
DWG No.
1.00±20%
2.20±20%
2.70±20%
1.20±20%
1.80±20%
Inductance
( μH )
REF : 20080527-A
NAME
PROD.
1650
2350
100K/0.1V
7.96
0.075
65.0
23
0.080
0.100
0.115
0.105
0.170
0.240
0.180
0.150
0.300
0.450
0.400
0.800
0.720
0.900
1.180
0.550
0.280
100K/0.1V
2.52
20
30.0
100K/0.1V
18
100K/0.1V
100K/0.1V
100K/0.1V
100K/0.1V
20
18
18
20
100K/0.1V
100K/0.1V
100K/0.1V
20
17
20
2.52
18.0
2.52
2.52
2.52
2.52
13.0
13.0
12.0
15.0
2.52
2.52
2.52
20.0
20.0
26.0
100K/0.1V
20
100K/0.1V
100K/0.1V
100K/0.1V
100K/0.1V
23
20
23
20
100K/0.1V
100K/0.1V
100K/0.1V
20
20
22
7.96
45.0
2.52
2.52
2.52
7.96
30.0
36.0
36.0
40.0
7.96
7.96
7.96
60.0
56.0
70.0
700
1050
500
390
330
380
400
600
560
650
730
600
560
470
640
880
820
950
1300
750
900
1000
1100
1500
1400
1580
1900
1300
1120
1500
1400
2100
2000
2250
0.042
( Ω )
RDC
0.047
max.
0.052
0.065
0.060
( MHz )
Test Freq
100K/0.1V
100K/0.1V
100K/0.1V
100K/0.1V
24
23
25
25
100K/0.1V
Q
25
ref.
L
145.0
105.0
7.96
7.96
7.96
7.96
95.0
80.0
160.0
(MHz)
7.96
Q
SRF
nom.
ABC'S ITEM NO.
ABC'S DWG NO.
(mA)max.
1800
1700
2000
1900
(mA)max.
T=20
△℃
Irms 1
2200
2600
2500
2700
3000
Irms 2
3200
T=40
△℃
SQ0703□□□□L□-□□□
PAGE: 2


Similar Part No. - SQ0703561KL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SQ0504100ML ABC-SQ0504100ML Datasheet
481Kb / 6P
   SMD POWER INDUCTOR
SQ0504101KL ABC-SQ0504101KL Datasheet
481Kb / 6P
   SMD POWER INDUCTOR
SQ0504220ML ABC-SQ0504220ML Datasheet
481Kb / 6P
   SMD POWER INDUCTOR
SQ0504221KL ABC-SQ0504221KL Datasheet
481Kb / 6P
   SMD POWER INDUCTOR
SQ05042R2ML ABC-SQ05042R2ML Datasheet
481Kb / 6P
   SMD POWER INDUCTOR
More results

Similar Description - SQ0703561KL

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com