Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQ0504101KL Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SQ0504101KL
Description  SMD POWER INDUCTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SQ0504101KL Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SQ0504101KL Datasheet HTML 1Page - ABC Taiwan Electronics Corp SQ0504101KL Datasheet HTML 2Page - ABC Taiwan Electronics Corp SQ0504101KL Datasheet HTML 3Page - ABC Taiwan Electronics Corp SQ0504101KL Datasheet HTML 4Page - ABC Taiwan Electronics Corp SQ0504101KL Datasheet HTML 5Page - ABC Taiwan Electronics Corp SQ0504101KL Datasheet HTML 6Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SPECIFICATION FOR APPROVAL
Ⅴ﹒
ELECTRICAL CHARACTERISTICS :
NAME
PROD.
REF :
ABC'S ITEM NO.
ABC'S DWG NO.
PAGE: 2
SQ0504□□□□L□-□□□
3). Inductance Test Freq. 100KHz/0.1V
4). Isat base on
L/L0A=10% typ.
SMD POWER INDUCTOR
1). □:Packaging information… A:Bulk B:Taping reel
AE-001A
5). Irms base on Temp. rise 40
typ.
100K
DWG No.
SQ05042R2ML□
SQ05043R3ML□
SQ05044R7ML□
SQ0504100ML□
SQ0504220ML□
SQ0504330ML□
SQ0504470ML□
SQ0504101KL□
SQ0504221KL□
SQ0504331KL□
SQ0504471KL□
Inductance
(uH)
Q
ref.
2.2 ±20%
3.3 ±20%
4.7 ±20%
10.0 ±20%
22.0 ±20%
33.0 ±20%
47.0 ±20%
100.0 ±10%
220.0 ±10%
330.0 ±10%
470.0 ±10%
35
32
25
32
30
28
26
40
40
40
40
Test Freq.(Hz)
L
Q
7.96M
796K
SRF
(MHz)
typ
Irms
(mA)
typ.
Isat
(mA)
typ.
70.0
40.0
30.0
26.0
13.0
10.0
7.0
6.5
4.0
3.5
3.2
2600
2300
2100
950
700
580
430
290
230
200
typ.
max.
RDC(Ω
)
0.032
0.043
0.050
0.250
0.400
0.525
1.000
2.200
3.250 4.050
2.750
1.250
0.660
0.500
0.315
0.068
0.058
0.043
5.200 6.500
1800
800
650
550
370
270
210
170
2400
2000
7.96M
7.96M
2.52M
2.52M
2.52M
2.52M
100K
100K
100K
100K
100K
100K
100K
100K
100K
100K
796K
796K
796K
0.110 0.145
1500
1150
2). "-
":Reference code
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□
-□□□


Similar Part No. - SQ0504101KL

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SQ0703100KL ABC-SQ0703100KL Datasheet
135Kb / 7P
   SMD POWER INDUCTOR
SQ0703101KL ABC-SQ0703101KL Datasheet
135Kb / 7P
   SMD POWER INDUCTOR
SQ0703102KL ABC-SQ0703102KL Datasheet
135Kb / 7P
   SMD POWER INDUCTOR
SQ0703120KL ABC-SQ0703120KL Datasheet
135Kb / 7P
   SMD POWER INDUCTOR
SQ0703121KL ABC-SQ0703121KL Datasheet
135Kb / 7P
   SMD POWER INDUCTOR
More results

Similar Description - SQ0504101KL

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com